Part Name
         Description
CDCD5704_07

 Rambus XDR CLOCK GENERATOR ( 19 Page)


TI
100% 
Zoom Out Zoom In
 
 3 page
background image
www.ti.com
SERIAL INTERFACE
Serial Interface Operation Requirement
Serial Interface Device Address
SCAS823 – DECEMBER 2006
Table 1. TERMINAL FUNCTIONS
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
BYPASS
14
Input
If 0, the PLL is bypassed and the PLL is switched off.
CLK0
27
Output
Output for Clock0
CLK0B
26
Output
Complementary output for Clock0
CLK1
24
Output
Output for Clock1
CLK1B
23
Output
Complementary output for Clock1
CLK2
20
Output
Output for Clock2
CLK2B
19
Output
Complementary output for Clock2
CLK3
17
Output
Output for Clock3
CLK3B
16
Output
Complementary output for Clock3
EN
11
Input
Output enable; if 0, all outputs are disabled.
ID0
12
Input
Device ID, bit 0
ID1
13
Input
Device ID, bit 1
ISET
3
Output
Set clock driver current with external resistor
REFCLK
5
Input
Reference clock input
REFCLKB
6
Input
Complementary reference clock input
SCL
9
Input
Serial interface clock, 3.3-V compatible
SDA
10
Input
Serial interface data, 3.3-V compatible
VDD
15, 22, 28
Power
2.5-V power supply for outputs
VDDC
7
Power
2.5-V power supply for core
VDDP
1
Power
2.5-V power supply for PLL
VSS
4, 18, 21, 25
Ground
Ground
VSSC
8
Ground
Ground for core
VSSP
2
Ground
Ground for PLL
The following section describes the serial interface programming. In general, the serial interface slave supports
byte-write/-read and word-write/-read protocol as defined in the SMBus or I2C specification.
The internal timing of the serial interface logic block in the CDCD5704 requires a timing reference derived from
the input clock (REFCLK). A reference clock must be present at the REFCLK pin for the serial interface to be
operational.
A6
A5
A4
A3
A2
A1
A0
W/R
1
1
0
1
1
ID1
ID0
0/1
The device-ID is determined by the external pins ID0 and ID1. They are part of the device 8-bit address.
Therefore, four different devices (00, 01, 10, and 11) can be addressed via the same serial interface. The least
significant bit of the address designates a write or read operation.
R/W Bit:
0 = write to CDCD5704 device
1 = read from CDCD5704 device
3



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CDCD5704Rambus TM XDR TM CLOCK GENERATOR 1 2 3 4 5 MoreTexas Instruments
AD9516-014-Channel Clock Generator with Integrated 2.8 GHz VCO 1 2 Analog Devices
FS6131-01Programmable Line Lock Clock Generator IC 1 2 3 4 5 MoreList of Unclassifed Manufacturers
S4505RAMBUS COMPATIBLE CLOCK GENERATORS 1 2 3 4 Applied Micro Circuits Corporation
W83195BR-118Clock Generator 1 2 3 4 5 MoreWinbond
SY89312V3.3V/5V 4GHz PECL/ECL ÷ 2 CLOCK GENERATOR 1 2 3 4 5 MoreMicrel Semiconductor
SM560Spread Spectrum Clock Generator 1 2 3 4 5 MoreCypress Semiconductor
UPB8284ACLOCK GENERATOR AND DRIVER FOR 8086/8088 MICROPROCESSORS 1 2 3 4 5 MoreNEC
W83194BR-645CLOCK GENERATOR FOR SIS 645/650 CHIPSET 1 2 3 4 5 MoreWinbond
NBC12429_073.3V/5V Programmable PLL Synthesized Clock Generator 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl