Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24721CRHBT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24721CRHBT
Description  ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24721CRHBT Datasheet(HTML) 2 Page - Texas Instruments

  BQ24721CRHBT Datasheet HTML 1Page - Texas Instruments BQ24721CRHBT Datasheet HTML 2Page - Texas Instruments BQ24721CRHBT Datasheet HTML 3Page - Texas Instruments BQ24721CRHBT Datasheet HTML 4Page - Texas Instruments BQ24721CRHBT Datasheet HTML 5Page - Texas Instruments BQ24721CRHBT Datasheet HTML 6Page - Texas Instruments BQ24721CRHBT Datasheet HTML 7Page - Texas Instruments BQ24721CRHBT Datasheet HTML 8Page - Texas Instruments BQ24721CRHBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
www.ti.com
DEVICE INFORMATION
bq24721, bq24721C
SLUS683C – NOVEMBER 2005 – REVISED DECEMBER 2006
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
BATTERY SHORTED
THERMISTOR
ORDERING NUMBER
PART NO.
PACKAGE
(VERY LOW BATTERY
QUANTITY
SENSE
(TAPE AND REEL)
VOLTAGE) OPERATION
bq24721RHBR
3000
32 PIN
Charge Current Changes to
bq24721
TS
5x5mm QFN
C/8
bq24721RHBT
250
bq24721CRHBR
3000
32 PIN
Charge Current Changes to
bq24721C
TS
5x5mm QFN
C/8
bq24721CRHBT
250
PACKAGE THERMAL DATA
TA
≤ 40°C
DERATING FACTOR
PACKAGE(1)
θ
JA
POWER RATING
ABOVE TA = 25°C
RHB(2)
36
°C/W
2.36 W
0.028 W/
°C
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
This data is based on using the JEDEC High-K board and the exposed die pad is connected to a copper pad on the board. This is
connected to the ground plane by a 2
×3 via matrix.
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NO.
NAME
Charge enable logic level low input. Logic HI on the CHGEN pin disables the charger. Logic LO on the
1
CHGEN
CHGEN pin enables the charger. When the SMBus control register = bit0, CHGEN is also LO.
AC adapter to system switch driver output. Connect directly to the gate of the ACFET PMOS power
FET. Connect the FET source to the PVCC node and negative side of the input current-sense resistor.
Connect the FET drain to the system load side. Recommend placing a 10-k
Ω resistor from the gate to
2
ACDRV
the source of the Bypass FET. If needed, an optional capacitor from gate to source of the ACFET is
used to help slow down the ON and OFF times. The internal gate drive is asymmetrical allowing a
quick turn-off and slower turn-off in addition to the internal break-before-make logic with respect to the
BATDRV.
Adapter current sense resistor, negative input. An optional 0.1-
µF ceramic capacitor is placed from this
3
ACN
pin to AGND for common-mode filtering. An optional 0.1-
µF ceramic capacitor is placed from ACN to
ACP to provide differential-mode filtering.
Adapter current sense resistor, positive input. Place this on the adapter side of the input current sense
4
ACP
resistor. Recommend placing a 0.1-
µF ceramic capacitor from ACP to AGND to provide
common-mode filtering.
AC adapter detected sense voltage input. Connect a voltage divider resistor from adapter input (before
Bypass FET) to ACDET, and another resistor from ACDET to AGND, in order to program adapter
5
ACDET
detect threshold of 1.2 V. ACDET threshold should be greater than maximum battery regulation
voltage, and lower than the minimum adapter voltage.
Gate drive for the adapter input BYPASS switch to prevent reverse discharge from the battery to the
input. Connect this pin directly to the gate of the input bypass PMOS power FET. The source of the
FET is connected to the adapter input voltage node. Recommend placing a 10-k
Ω resistor from the
6
BYPASS
gate to the source of the BYPASS FET. The drain of the FET is connected to the positive node of the
input current-sense resistor. An optional capacitor can be placed from the gate to the source to
slow-down the switching times. Adjusting the turn-on and turn-off times is typically not needed for this
FET.
Error amplifier output for compensation. Connect the feedback compensation components from EAO
7
EAO
to EAI. Typically a capacitor in parallel with a series resistor and capacitor. See the compensation
calculation procedures. This node is internally compared to the PWM saw-tooth oscillator.
2
Submit Documentation Feedback


Similar Part No. - BQ24721CRHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24721 TI-BQ24721 Datasheet
5Mb / 48P
[Old version datasheet]   ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
BQ24721RHBR TI-BQ24721RHBR Datasheet
5Mb / 48P
[Old version datasheet]   ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
BQ24721RHBT TI-BQ24721RHBT Datasheet
5Mb / 48P
[Old version datasheet]   ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
More results

Similar Description - BQ24721CRHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24730 TI-BQ24730 Datasheet
3Mb / 37P
[Old version datasheet]   ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
BQ24721 TI-BQ24721 Datasheet
5Mb / 48P
[Old version datasheet]   ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
BQ24751B TI1-BQ24751B Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24753 TI-BQ24753 Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24750A TI-BQ24750A Datasheet
1Mb / 39P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and Integrated System Power Selector
BQ24750 TI-BQ24750 Datasheet
1Mb / 35P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
DV2000S1 TI-DV2000S1 Datasheet
579Kb / 5P
[Old version datasheet]   Multi-Chemistry Switching Charger Development System
BQ24750 TI-BQ24750_07 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
DV2000S1 TI1-DV2000S1_14 Datasheet
580Kb / 6P
[Old version datasheet]   Multi-Chemistry Switching Charger Development System
BQ24751 TI-BQ24751 Datasheet
1Mb / 39P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with System Power Selector, AC Over-Power Protection, and Programmable OVP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com