Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24031RHLT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24031RHLT
Description  SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24031RHLT Datasheet(HTML) 4 Page - Texas Instruments

  BQ24031RHLT Datasheet HTML 1Page - Texas Instruments BQ24031RHLT Datasheet HTML 2Page - Texas Instruments BQ24031RHLT Datasheet HTML 3Page - Texas Instruments BQ24031RHLT Datasheet HTML 4Page - Texas Instruments BQ24031RHLT Datasheet HTML 5Page - Texas Instruments BQ24031RHLT Datasheet HTML 6Page - Texas Instruments BQ24031RHLT Datasheet HTML 7Page - Texas Instruments BQ24031RHLT Datasheet HTML 8Page - Texas Instruments BQ24031RHLT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
bq24030, bq24031, bq24032A
bq24035, bq24038
SLUS618F – AUGUST 2004 – REVISED NOVEMBER 2006
over junction temperature range (0°C
≤ T
J ≤ 125°C) and the recommended supply voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT BIAS CURRENTS
ICC(SPLY)
Active supply current, VCC
VVCC > VVCC(min)
1
2
mA
V(AC) < V(BAT), V(USB) < V(BAT),
Sleep current (current into BAT
ICC(SLP)
2.6 V
≤ V
I(BAT)≤ VO(BAT-REG),
2
5
pin)
Excludes load on OUT pin
VI(AC) ≤ 6 V, Total current into AC pin
ICC(AS-STDBY)
AC standby current
with chip disabled, Excludes all loads,
200
CE=LOW, after t(CE-HOLDOFF) delay
Total current into USB pin with chip
ICC(USB-STDBY)
USB standby current
disabled, Excludes all loads, CE=LOW,
200
µA
after t(CE-HOLDOFF) delay
Total current into BAT pin with AC
and/or USB present and chip disabled;
ICC(BAT-STDBY)
BAT standby current
Excludes all loads (OUT and LDO),
45
60
CE=LOW, after t(CE-HOLDOFF) delay,
0°C
≤ T
J≤ 85°C
(1)
Charge DONE, AC or USB supplying the
IIB(BAT)
Charge done current, BAT
1
5
load
HIGH AC CUTOFF MODE
VI(AC) > 6.8 V, AC FET (Q1) turns off,
USB FET (Q3) turns on if USB power
VCUT-OFF
Input ac cutoff voltage, bq24035
6.1
6.4
6.8
V
present, otherwise BAT FET (Q2) turns
on.
LDO OUTPUT
Active only if AC or USB is present,
VO(LDO)
Output regulation voltage
3.3
V
VI(OUT)≥ VO(LDO) + (IO(LDO) × RDS(on))
Regulation accuracy(2)
–5%
5%
IO(LDO)
Output current
20
mA
RDS(on)
On resistance
OUT to LDO
50
C(OUT)(3)
Output capacitance
1
µF
OUT PIN-VOLTAGE REGULATION
bq24030/31
VI(AC)≥ 6 V+VDO
6.0
6.3
Output
bq24032A
VI(AC)≥ 4.4 V+VDO
4.4
4.5
VO(OUT-REG)
regulation
V
voltage
VBSEL = HIGH or VBSEL = LOW,
bq24038
4.4
4.5
VI(AC) > 4.4 V+VDO
OUT PIN – DPPM REGULATION
V(DPPM-SET)
DPPM set point(4)
VDPPM-SET < VOUT
2.6
5
V
I(DPPM-SET)
DPPM current source
AC or USB present
95
100
105
µA
SF
DPPM scale factor
V(DPPM-REG)= V(DPPM-SET) × SF
1.139
1.150
1.162
(1)
This includes the quiescent current for the integrated LDO.
(2)
In standby mode (CE low) the accuracy is ±10%.
(3)
LDO output capacitor not required but one with a value of 0.1 µF is recommended.
(4)
V(DPPM-SET) is scaled up by the scale factor for controlling the output voltage V(DPPM-REG).
4
Submit Documentation Feedback


Similar Part No. - BQ24031RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24031RHLT TI-BQ24031RHLT Datasheet
864Kb / 32P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC(bqTINYTM-III)
More results

Similar Description - BQ24031RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24030-Q1 TI1-BQ24030-Q1 Datasheet
936Kb / 34P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24031-Q1 TI-BQ24031-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070 TI-BQ24070 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24030 TI-BQ24030 Datasheet
314Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINYI)
BQ24071 TI-BQ24071 Datasheet
652Kb / 26P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070RHLRG4 TI1-BQ24070RHLRG4 Datasheet
986Kb / 31P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24032A TI-BQ24032A Datasheet
864Kb / 32P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC(bqTINYTM-III)
BQ24070 TI1-BQ24070_14 Datasheet
1Mb / 33P
[Old version datasheet]   System Power-Path Management IC
BQ24010 TI-BQ24010_07 Datasheet
636Kb / 25P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bqTINY??
logo
SHENZHEN FUMAN ELECTRON...
LTH7R FUMAN-LTH7R Datasheet
336Kb / 5P
   Charge and Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com