Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA201MUX Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FSA201MUX
Description  USB2.0 Full-Speed and Audio Switches with Negative Signal Capability
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA201MUX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FSA201MUX Datasheet HTML 1Page - Fairchild Semiconductor FSA201MUX Datasheet HTML 2Page - Fairchild Semiconductor FSA201MUX Datasheet HTML 3Page - Fairchild Semiconductor FSA201MUX Datasheet HTML 4Page - Fairchild Semiconductor FSA201MUX Datasheet HTML 5Page - Fairchild Semiconductor FSA201MUX Datasheet HTML 6Page - Fairchild Semiconductor FSA201MUX Datasheet HTML 7Page - Fairchild Semiconductor FSA201MUX Datasheet HTML 8Page - Fairchild Semiconductor FSA201MUX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA201 Rev. 1.2.1
2
Pin Assignments
GND
Vbus
10
L
D-
D+
R
Vaudio
D+/R
ASel
D-/L
2
1
3
4
5
9
8
7
6
10
--
2
1
3
4
2
1
3
4
5
9
8
7
6
9
8
7
6
Vbus
GND
110
9
8
7
6
5
4
3
2
D+
D-
R
L
D+/R
D-/L
Vaudio
ASel
Figure 2.
MicroPak™ 10-Pin
Figure 3.
MSOP 10-Pin
Pin Descriptions
Pin #
Name
Description
1, 2
D+, D-
USB data bus input sources
6
VAUDIO
Power supply (audio)
3, 4
R, L
Audio right and left input sources
9
ASEL
Audio select to override auto USB detect when VAUDIO supply is present
10
VBUS
Power supply (USB) and auto USB switch-path select
8, 7
D+/R, D-/L
USB and audio common connector ports
Truth Table
ASEL
(1)
VAUDIO
VBUS
L, R
D+, D-
Low
Low
Low
OFF
OFF
Low
Low
High
(2)
OFF
ON
Low
High
(2)
Low
ON
OFF
Low
High
(2)
High
(2)
OFF
ON
High
Low
Low
OFF
OFF
High
Low
High
(2)
OFF
ON
High
High
(2)
Low
ON
OFF
High
High
(2)
High
(2)
ON
OFF
Notes:
1.
ASEL- Internal resistor to GND provides auto-VBUS detect if there is no external connection. Forcing ASEL HIGH
when VAUDIO is present overrides the USB path even if VBUS is present.
2.
H - Value is the threshold as defined to meet USB2.0 VBUS requirements and audio supply threshold in a system
(see DC Tables).


Similar Part No. - FSA201MUX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA201MUX FAIRCHILD-FSA201MUX Datasheet
751Kb / 19P
   USB2.0 Full-Speed and Audio Switches with Negative Signal Capability
logo
ON Semiconductor
FSA201MUX ONSEMI-FSA201MUX Datasheet
555Kb / 21P
   USB2.0 Full-Speed and Audio Switches
June 2012 Rev. 1.2.2
More results

Similar Description - FSA201MUX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA201 FAIRCHILD-FSA201 Datasheet
751Kb / 19P
   USB2.0 Full-Speed and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221_09 Datasheet
446Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223_08 Datasheet
441Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223 Datasheet
189Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221_07 Datasheet
116Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223_12 Datasheet
707Kb / 16P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221_12 Datasheet
773Kb / 17P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221 Datasheet
328Kb / 18P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
logo
ON Semiconductor
FSA201 ONSEMI-FSA201 Datasheet
555Kb / 21P
   USB2.0 Full-Speed and Audio Switches
June 2012 Rev. 1.2.2
FSA321 ONSEMI-FSA321 Datasheet
552Kb / 14P
   Audio Switches with Negative Signal Capability
March 2013 Rev 1.0.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com