Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA201MUX Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FSA201MUX
Description  USB2.0 Full-Speed and Audio Switches with Negative Signal Capability
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA201MUX Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FSA201MUX Datasheet HTML 7Page - Fairchild Semiconductor FSA201MUX Datasheet HTML 8Page - Fairchild Semiconductor FSA201MUX Datasheet HTML 9Page - Fairchild Semiconductor FSA201MUX Datasheet HTML 10Page - Fairchild Semiconductor FSA201MUX Datasheet HTML 11Page - Fairchild Semiconductor FSA201MUX Datasheet HTML 12Page - Fairchild Semiconductor FSA201MUX Datasheet HTML 13Page - Fairchild Semiconductor FSA201MUX Datasheet HTML 14Page - Fairchild Semiconductor FSA201MUX Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA201 Rev. 1.2.1
11
Typical Characteristics (Continued)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1
10
100
1000
Frequency (MHz)
Figure 9.
Non-Adjacent Channel Crosstalk (Audio) Characterization at VCC (VAUDIO) = 2.7V
Figure 10.
Non-Adjacent Channel Crosstalk (USB) Characterization at VCC (VBUS) = 4.25V


Similar Part No. - FSA201MUX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA201MUX FAIRCHILD-FSA201MUX Datasheet
751Kb / 19P
   USB2.0 Full-Speed and Audio Switches with Negative Signal Capability
logo
ON Semiconductor
FSA201MUX ONSEMI-FSA201MUX Datasheet
555Kb / 21P
   USB2.0 Full-Speed and Audio Switches
June 2012 Rev. 1.2.2
More results

Similar Description - FSA201MUX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA201 FAIRCHILD-FSA201 Datasheet
751Kb / 19P
   USB2.0 Full-Speed and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221_09 Datasheet
446Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223_08 Datasheet
441Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223 Datasheet
189Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221_07 Datasheet
116Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223_12 Datasheet
707Kb / 16P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221_12 Datasheet
773Kb / 17P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221 Datasheet
328Kb / 18P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
logo
ON Semiconductor
FSA201 ONSEMI-FSA201 Datasheet
555Kb / 21P
   USB2.0 Full-Speed and Audio Switches
June 2012 Rev. 1.2.2
FSA321 ONSEMI-FSA321 Datasheet
552Kb / 14P
   Audio Switches with Negative Signal Capability
March 2013 Rev 1.0.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com