Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24721C Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24721C
Description  ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24721C Datasheet(HTML) 3 Page - Texas Instruments

  BQ24721C Datasheet HTML 1Page - Texas Instruments BQ24721C Datasheet HTML 2Page - Texas Instruments BQ24721C Datasheet HTML 3Page - Texas Instruments BQ24721C Datasheet HTML 4Page - Texas Instruments BQ24721C Datasheet HTML 5Page - Texas Instruments BQ24721C Datasheet HTML 6Page - Texas Instruments BQ24721C Datasheet HTML 7Page - Texas Instruments BQ24721C Datasheet HTML 8Page - Texas Instruments BQ24721C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
www.ti.com
bq24721, bq24721C
SLUS683C – NOVEMBER 2005 – REVISED DECEMBER 2006
DEVICE INFORMATION (continued)
TERMINAL FUNCTIONS (continued)
TERMINAL
DESCRIPTION
NO.
NAME
Error amplifier input for compensation, also connect the feedback compensation components from EAI
8
EAI
to EAO. Connect the input compensation components from FBO to EAI. See the compensation
calculation procedures.
Feedback output for compensation. Connect the input compensation components from FBO to EAI.
9
FBO
Typically, a resistor in parallel with a series resistor and capacitor. See the compensation calculation
procedures.
Analog ground. Ground connection for low current sensitive analog and digital signals. Only connect to
10
AGND
the PGND node by connecting to the PowerPAD™ underneath the IC.
5-V regulated voltage output, used for internal bias and the reference for programming the TS
11
VREF5
thermistor sense network. Used to indicate adapter present status. It is enabled by ac detected.
Connect a 1-
µF ceramic capacitor from VREF5 pin to AGND as close to IC as possible.
IC analog positive supply. Connect to adapter input, or diode, or by putting a diode from adapter input
12
VCC
and a diode from battery pack to VCC. Put a 1-
µF ceramic capacitor from VCC to AGND, as close to
the IC as possible.
SMBus Data input. Connect to SMBus data line from the host controller. A 10-k
Ω pullup resistor to the
13
SDA
host controller supply rail is needed.
SMBus Clock input. Connect to SMBus clock line from the host controller. A 10-k
Ω pullup resistor to
14
SCL
the host controller supply rail is needed.
Thermistor sense input. Use a voltage divider from VREF5 to TS and AGND. Place a resistor from
VREF to TS, and a resistor from TS to AGND to program the hot and cold battery pack thermistor
15
TS
temperatures. Charge is disabled when outside the hot/cold window. The TS pin is also used to detect
if a battery is connected.
Program current threshold for synchronous to nonsynchronous regulation transition. Place a resistor
from ISYNSET to AGND to program the charge undercurrent threshold to force nonsynchronous
16
ISYNSET
converter operation at low output current and prevent negative inductor current. Threshold should be
set from ½ inductor current ripple to full value of inductor current ripple.
Battery charger or adapter current amplifier output. Current sense amplifier that outputs a voltage 20x
the current sense resistor differential voltage. The output can be selected by SMBus charge control
17
IOUT
register (0x12) bit3 to be the input adapter current (ACP-ACN), or the battery charge current
(SRP-SRN). Place a 0.1-
µF capacitor from IOUT to AGND for filtering the output ripple. Optionally, add
an RC filter after the output filter for further filtering.
Battery voltage remote sense. Directly connect a kelvin sense trace from the battery pack positive
18
BAT
terminal to the BAT pin to accurately sense the battery pack voltage. Place a 0.1-
µF capacitor from
BAT to AGND close to the IC to filter high frequency noise.
Charge current sense resistor, negative input. Connect to the charge current sense resistor negative
19
SRN
terminal. Optionally, add a 0.1-
µF ceramic capacitor from SRN to AGND near the IC for
common-mode filter.
Charge current sense resistor, positive input. Connect to the charge current sense resistor positive
terminal. Recommend placing a 0.1-
µF ceramic capacitor from SRP to AGND near the IC for
20
SRP
common-mode filter. Optionally, place a 0.1-
µF ceramic capacitor from SRP to SRN near the IC for
differential-mode filter.
Charge overcurrent and charge undercurrent negative sense input. Connect to the charge current
sense resistor negative terminal. If sensing the same sense resistor as SRN, the user can connect
21
SYNN
directly to the SRN pin and no further filter capacitors are needed. To sense a different sense resistor,
add a 0.1-
µF ceramic capacitor from SYNN to AGND near the IC for common-mode filter.
Charge overcurrent and charge undercurrent negative sense input. Connect to the charge current
sense resistor positive terminal. If sensing the same sense resistor as SRP, the user can connect
22
SYNP
directly to the SRP pin, and no further filter capacitors are needed. To sense a different sense resistor,
add a 0.1-
µF ceramic capacitor from SYNP to AGND near the IC for common-mode filter, and place a
0.1-
µF ceramic capacitor from SYNP to SYNN near the IC for differential-mode filter.
System load, voltage sense. Connect directly to the system load node and the drain of the BAT PMOS
23
SYS
power FET.
3
Submit Documentation Feedback


Similar Part No. - BQ24721C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24721 TI-BQ24721 Datasheet
5Mb / 48P
[Old version datasheet]   ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
BQ24721RHBR TI-BQ24721RHBR Datasheet
5Mb / 48P
[Old version datasheet]   ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
BQ24721RHBT TI-BQ24721RHBT Datasheet
5Mb / 48P
[Old version datasheet]   ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
More results

Similar Description - BQ24721C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24730 TI-BQ24730 Datasheet
3Mb / 37P
[Old version datasheet]   ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
BQ24721 TI-BQ24721 Datasheet
5Mb / 48P
[Old version datasheet]   ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
BQ24751B TI1-BQ24751B Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24753 TI-BQ24753 Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24750A TI-BQ24750A Datasheet
1Mb / 39P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and Integrated System Power Selector
BQ24750 TI-BQ24750 Datasheet
1Mb / 35P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
DV2000S1 TI-DV2000S1 Datasheet
579Kb / 5P
[Old version datasheet]   Multi-Chemistry Switching Charger Development System
BQ24750 TI-BQ24750_07 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
DV2000S1 TI1-DV2000S1_14 Datasheet
580Kb / 6P
[Old version datasheet]   Multi-Chemistry Switching Charger Development System
BQ24751 TI-BQ24751 Datasheet
1Mb / 39P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with System Power Selector, AC Over-Power Protection, and Programmable OVP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com