Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24721 Datasheet(PDF) 8 Page - Texas Instruments

Part # BQ24721
Description  ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24721 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ24721_07 Datasheet HTML 4Page - Texas Instruments BQ24721_07 Datasheet HTML 5Page - Texas Instruments BQ24721_07 Datasheet HTML 6Page - Texas Instruments BQ24721_07 Datasheet HTML 7Page - Texas Instruments BQ24721_07 Datasheet HTML 8Page - Texas Instruments BQ24721_07 Datasheet HTML 9Page - Texas Instruments BQ24721_07 Datasheet HTML 10Page - Texas Instruments BQ24721_07 Datasheet HTML 11Page - Texas Instruments BQ24721_07 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
www.ti.com
bq24721, bq24721C
SLUS683C – NOVEMBER 2005 – REVISED DECEMBER 2006
ELECTRICAL CHARACTERISTICS (continued)
8 Vdc
≤ V
(VCC) ≤ 24 Vdc, 0°C ≤ TJ ≤ 125°C, all voltages with respect to AGND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THERMISTOR COMPARATORS, TS
Cold temperature threshold, TS pin
V(LTF)
V(TS) rising
72.8
73.5
74.2
%VREF5
voltage
V(LTFH)
Hysteresis for LTF threshold
V(TS) falling
0.5
1
1.5
%VREF5
Cutoff temperature threshold, TS pin
V(TCO)
V(TS) rising
28.7
29.3
29.9
%VREF5
voltage
Hot temperature threshold, TS pin
V(HTF)
V(TS) rising/falling
33.7
34.4
35.1
%VREF5
voltage
V(TSDET)
Pack thermistor insertion detected
VT(S) rising/falling
82.45
85
87.55
%VREF5
Deglitch time for temperature out of
V(TS) rising above V(LTF), or V(TS) falling below V(TCO) , or V(TS) falling below V(HTF)
16
µs
range detection
Deglitch time for temperature in valid
V(TS) falling below (V(LTF) - V(LTFH)), or V(TS) rising above V(TCO) , or V(TS) rising
8
ms
range detection
above V(HTF)
Deglitch time for thermistor removal
V(TS) rising above V(TSDET)
16
µs
detection
V(TS) > V(TSDET) (pack removed)
Deglitch time for thermistor insertion
V(TS) falling below V(TSDET)
1
s
detection
V(TS) < V(TSDET) (pack inserted)
CHARGE OVERCURRENT COMPARATOR
V(OLP)
Overcurrent protection threshold
V(SYNP-SYNN) rising
200
%I(REG_CHG)
V(OLPH)
Hysteresis
V(SYNP-SYNN) falling
20
%I(REG_CHG)
Deglitch time
V(SYNP-SYNN) rising and falling
1
µs
SYNCHRONOUS to NONSYNCHRONOUS CURRENT COMPARATOR (ISYNSET)
V(SYNSET)
ISYNSET pin set voltage
1
V
V(SYNP-SYNN) falling,
K(SYNSET)
ISYNSET current set factor
500
V/A
ISYN_NSYN= (V(SYNSET) × K(SYNSET))/(R(SYNSET) × R(SENSE_CHG))
V(SYN_HYS)
V(SYNP-SYNN) hysteresis voltage, rising
V(SYNP-SYNN) rising
1.5
mV
Deglitch time, Synch to Non-Synch
V(SYNP-SYNN) rising and falling
1
µs
ADAPTER OVERCURRENT COMPARATOR (ACOC)
V(ACP-ACN) ≥ V(ACOC) , where SMBus charge mode register (0×12),
% of
110
130
155
b6 = 1 = ACOC_protection_enabled, b8 = 0, b7 = 0
I(REG_DPM)
V(ACP-ACN) ≥ V(ACOC) , where SMBus charge mode register (0×12),
% of
130
150
175
b6 = 1 = ACOC_protection_enabled, b8 = 0, b7 = 1
I(REG_DPM)
ACOC Input over-current protection
V(ACOC)
sense resistor voltage threshold
V(ACP-ACN) ≥ V(ACOC) , where SMBus charge mode register (0×12),
% of
150
170
195
b6 = 1 = ACOC_protection_enabled, b8 = 1, b7 = 0
I(REG_DPM)
V(ACP-ACN) ≥ V(ACOC) , where SMBus charge mode register (0×12),
% of
170
190
215
b6 1 = ACOC_protection_enabled, b8 = 1, b7 = 1
I(REG_DPM)
V(ACOCH)
ACOC Hysteresis
V(SRP-SRN) falling
7
%I(REG_CHG)
ACOC deglitch time before ACDRV
V(ACP-ACN) rising
16
µs
turns-off
ACOC delay time after
V(ACP-ACN)≤V(ACOC) before ACDRV
V(ACP-ACN) falling, V(ACP-ACN)≤V(ACOC)
8
ms
turn-on
SYSTEM STATUS COMPARATORS INPUT SPECIFICATIONS
Common mode input range at pin:
0
5
V
ACDET
VICR
Common mode input range at TS pin
0.5
VREF5
V
Common mode input voltage range
0
VCC
V
at pins: BAT, SYS
Input bias currents at pins: ACDET,
I(bias)
0.2
µA
TS, BATDEP, SYS
BATTERY DEPLETED COMPARATOR (BATDEP)
V(BATDEP) = 2.2 V + V(step)× batdep_dac_code, where batdep_dac_code = 0 - 7,
and Vstep = 0.1V, SMBus Charge Mode register 0
×12, bits b9, b10, b11
V(BATDEP)
BAT depleted voltage range
For programmed V(BATREG) = 9 V, then cell = 2
2.2
2.9
V/cell
For programmed V(BATREG) = 12 V - 14.4 V, then cell = 3
For programmed V(BATREG) = 16 V - 19.2 V, then cell = 4
BAT depleted accuracy
-2%
2%
Battery depleted detection deglitch
V(BAT) falling
1
s
time
Battery not depleted detection
V(BAT) rising
1
s
deglitch time
8
Submit Documentation Feedback


Similar Part No. - BQ24721_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24721RHBR TI-BQ24721RHBR Datasheet
5Mb / 48P
[Old version datasheet]   ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
BQ24721RHBT TI-BQ24721RHBT Datasheet
5Mb / 48P
[Old version datasheet]   ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
More results

Similar Description - BQ24721_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24730 TI-BQ24730 Datasheet
3Mb / 37P
[Old version datasheet]   ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
BQ24721 TI-BQ24721 Datasheet
5Mb / 48P
[Old version datasheet]   ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
BQ24751B TI1-BQ24751B Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24753 TI-BQ24753 Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24750A TI-BQ24750A Datasheet
1Mb / 39P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and Integrated System Power Selector
BQ24750 TI-BQ24750 Datasheet
1Mb / 35P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
DV2000S1 TI-DV2000S1 Datasheet
579Kb / 5P
[Old version datasheet]   Multi-Chemistry Switching Charger Development System
BQ24750 TI-BQ24750_07 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
DV2000S1 TI1-DV2000S1_14 Datasheet
580Kb / 6P
[Old version datasheet]   Multi-Chemistry Switching Charger Development System
BQ24751 TI-BQ24751 Datasheet
1Mb / 39P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with System Power Selector, AC Over-Power Protection, and Programmable OVP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com