Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ6425 Datasheet(PDF) 6 Page - Texas Instruments

Part # AZ6425
Description  QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AZ6425 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AZ6425 Datasheet HTML 2Page - Texas Instruments AZ6425 Datasheet HTML 3Page - Texas Instruments AZ6425 Datasheet HTML 4Page - Texas Instruments AZ6425 Datasheet HTML 5Page - Texas Instruments AZ6425 Datasheet HTML 6Page - Texas Instruments AZ6425 Datasheet HTML 7Page - Texas Instruments AZ6425 Datasheet HTML 8Page - Texas Instruments AZ6425 Datasheet HTML 9Page - Texas Instruments AZ6425 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
www.ti.com
DIGITAL CHARACTERISTICS
ADS6425
SLWS197 – MARCH 2007
ELECTRICAL CHARACTERISTICS (continued)
Typical values are at 25
°C, min and max values are across the full temperature range T
MIN = –40°C to TMAX = 85°C, AVDD =
LVDD = 3.3V, sampling rate = 125MSPS, 50% clock duty cycle, –1dBFS differential analog input, internal reference mode
(unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Fin = 10 MHz
88
Fin = 50 MHz
70
81
THD
Total harmonic distortion
Fin = 100 MHz
84
dBc
Fin = 170 MHz
73
Fin = 230 MHz
72
ENOB
Effective number of bits
Fin = 50 MHz
10.8
11.4
Bits
F1= 46.09 MHz, F2 = 50.09 MHz
90
IMD
Two-tone intermodulation distortion
dBFS
F1= 185.09 MHz, F2 = 190.09 MHz
82
Near channel, Frequency of interfering signal
92
= 10 MHz
Cross-talk
dBFS
Far channel, Frequency of interfering signal
105
= 10 MHz
The DC specifications refer to the condition where the digital outputs are not switching, but are permanently at a valid logic
level 0 or 1 AVDD = LVDD = 3.3V, I
O = 3.5mA, RLOAD = 100Ω
(1).
All LVDS specifications are characterized, but not tested at production.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS
High-level input voltage
2.4
V
Low-level input voltage
0.8
V
High-level input current
10
µA
Low-level input current
10
µA
Input capacitance
4
pF
DIGITAL OUTPUTS
High-level output voltage
1375
mV
Low-level output voltage
1025
mV
|VOD|
Output differential voltage
250
350
450
mV
VOS
Output offset voltage
Common-mode voltage of OUTP and OUTM
1200
mV
Output capacitance inside the device, from either output to
Output capacitance
2
pF
ground
(1)
IO refers to the LVDS buffer current setting, RLOAD is the external differential load resistance between the LVDS output pair
6
Submit Documentation Feedback


Similar Part No. - AZ6425

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ6425-01F AMAZING-AZ6425-01F Datasheet
117Kb / 6P
   Low Voltage Transient Voltage Suppressing Device
Revision 2017/03/20
AZ6425-01F.R7G AMAZING-AZ6425-01F.R7G Datasheet
117Kb / 6P
   Low Voltage Transient Voltage Suppressing Device
Revision 2017/03/20
AZ6425-01G AMAZING-AZ6425-01G Datasheet
177Kb / 6P
   Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2017/05/16
AZ6425-01G.R7G AMAZING-AZ6425-01G.R7G Datasheet
177Kb / 6P
   Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2017/05/16
More results

Similar Description - AZ6425

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6425 TI1-ADS6425_14 Datasheet
2Mb / 60P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6445-EP TI-ADS6445-EP Datasheet
3Mb / 71P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6424 TI-ADS6424_10 Datasheet
2Mb / 71P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6225 TI-ADS6225 Datasheet
3Mb / 75P
[Old version datasheet]   DUAL CHANNEL, 12-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6445-EP TI1-ADS6445-EP_13 Datasheet
2Mb / 66P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125/105 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
STMicroelectronics
ADS6445 STMICROELECTRONICS-ADS6445 Datasheet
2Mb / 75P
   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Texas Instruments
ADS6445 TI-ADS6445_10 Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445 TI-ADS6445_09 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445 TI1-ADS6445_14 Datasheet
3Mb / 82P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Burr-Brown (TI)
ADS5272 BURR-BROWN-ADS5272 Datasheet
246Kb / 16P
   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com