Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLZ18VC Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FLZ18VC
Description  Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FLZ18VC Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FLZ18VC Datasheet HTML 1Page - Fairchild Semiconductor FLZ18VC Datasheet HTML 2Page - Fairchild Semiconductor FLZ18VC Datasheet HTML 3Page - Fairchild Semiconductor FLZ18VC Datasheet HTML 4Page - Fairchild Semiconductor FLZ18VC Datasheet HTML 5Page - Fairchild Semiconductor FLZ18VC Datasheet HTML 6Page - Fairchild Semiconductor FLZ18VC Datasheet HTML 7Page - Fairchild Semiconductor FLZ18VC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
www.fairchildsemi.com
FLZ2V2 - FLZ39V Rev. B
Electrical Characteristics T
A=25°C unless otherwise noted
Product
Group
Product
Name
VZ (V) @ IZT
ZZT(Ω)
@ IZT
IZT
(mA)
ZZK(Ω)
@ IZK
IZK
(mA)
IR(µA)
@ VR
VR(V)
Min.
Typ.
Max.
Max.
-
Max.
-
Max
-
FLZ2V2
FLZ2V2A
2.13
2.21
2.29
35
20
400
1
55
0.7
FLZ2V2B
2.23
2.32
2.40
35
20
400
1
55
0.7
FLZ2V4
FLZ2V4A
2.34
2.42
2.50
35
20
400
1
84
1
FLZ2V4B
2.45
2.53
2.61
35
20
400
1
84
1
FLZ2V7
FLZ2V7A
2.55
2.64
2.73
35
20
450
1
70
1
FLZ2V7B
2.70
2.80
2.90
35
20
450
1
70
1
FLZ3V0
FLZ3V0A
2.86
2.96
3.05
35
20
450
1
35
1
FLZ3V0B
3.02
3.12
3.21
35
20
450
1
35
1
FLZ3V3
FLZ3V3A
3.17
3.27
3.36
35
20
450
1
14
1
FLZ3V3B
3.33
3.43
3.52
35
20
450
1
14
1
FLZ3V6
FLZ3V6A
3.48
3.57
3.66
48
20
850
1
2.8
1
FLZ3V6B
3.64
3.73
3.81
48
20
850
1
2.8
1
FLZ3V9
FLZ3V9A
3.78
3.88
3.97
40
20
850
1
1.4
1
FLZ3V9B
3.93
4.03
4.12
40
20
850
1
1.4
1
FLZ4V3
FLZ4V3A
4.07
4.15
4.23
32
20
850
1
0.47
1
FLZ4V3B
4.22
4.30
4.38
32
20
850
1
0.47
1
FLZ4V3C
4.35
4.44
4.52
32
20
850
1
0.47
1
FLZ4V7
FLZ4V7A
4.48
4.56
4.64
21
20
770
1
0.19
1
FLZ4V7B
4.60
4.68
4.75
21
20
770
1
0.19
1
FLZ4V7C
4.73
4.81
4.89
21
20
770
1
0.19
1
FLZ5V1
FLZ5V1A
4.86
4.94
5.02
17
20
685
1
0.19
1.5
FLZ5V1B
4.99
5.08
5.16
17
20
685
1
0.19
1.5
FLZ5V1C
5.13
5.23
5.33
17
20
685
1
0.19
1.5
FLZ5V6
FLZ5V6A
5.31
5.41
5.50
10.5
20
425
1
0.75
2.5
FLZ5V6B
5.48
5.58
5.68
10.5
20
425
1
0.75
2.5
FLZ5V6C
5.66
5.76
5.86
10.5
20
425
1
0.75
2.5
FLZ6V2
FLZ6V2A
5.83
5.94
6.04
8.5
20
255
1
3.3
3
FLZ6V2B
6.01
6.12
6.22
8.5
20
255
1
3.3
3
FLZ6V2C
6.18
6.28
6.38
8.5
20
255
1
3.3
3
FLZ6V8
FLZ6V8A
6.33
6.45
6.57
6.6
20
123
0.5
1.1
3.5
FLZ6V8B
6.54
6.66
6.77
6.6
20
123
0.5
1.1
3.5
FLZ6V8C
6.72
6.83
6.93
6.6
20
123
0.5
1.1
3.5
FLZ7V5
FLZ7V5A
6.90
7.04
7.17
6.6
20
95
0.5
0.3
4.0
FLZ7V5B
7.13
7.26
7.39
6.6
20
95
0.5
0.3
4.0
FLZ7V5C
7.35
7.49
7.62
6.6
20
95
0.5
0.3
4.0
FLZ8V2
FLZ8V2A
7.58
7.73
7.88
6.6
20
95
0.5
0.3
5
FLZ8V2B
7.84
7.99
8.13
6.6
20
95
0.5
0.3
5
FLZ8V2C
8.09
8.24
8.39
6.6
20
95
0.5
0.3
5
FLZ9V1
FLZ9V1A
8.34
8.51
8.68
6.6
20
95
0.5
0.3
6
FLZ9V1B
8.63
8.80
8.97
6.6
20
95
0.5
0.3
6
FLZ9V1C
8.91
9.09
9.27
6.6
20
95
0.5
0.3
6


Similar Part No. - FLZ18VC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FLZ18VC FAIRCHILD-FLZ18VC Datasheet
428Kb / 6P
   Zener Diodes
More results

Similar Description - FLZ18VC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com