Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ20Z90-V110 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z90-V110
Description  SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z90-V110 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ20Z90-V110 Datasheet HTML 7Page - Texas Instruments BQ20Z90-V110 Datasheet HTML 8Page - Texas Instruments BQ20Z90-V110 Datasheet HTML 9Page - Texas Instruments BQ20Z90-V110 Datasheet HTML 10Page - Texas Instruments BQ20Z90-V110 Datasheet HTML 11Page - Texas Instruments BQ20Z90-V110 Datasheet HTML 12Page - Texas Instruments BQ20Z90-V110 Datasheet HTML 13Page - Texas Instruments BQ20Z90-V110 Datasheet HTML 14Page - Texas Instruments BQ20Z90-V110 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
www.ti.com
bq20z90-V110
SLUS743 – NOVEMBER 2006
FEATURE SET (continued)
Table 1. SBS COMMANDS (continued)
SBS Cmd
Mode
Name
Format
Size in
Min
Max
Default Value
Unit
Bytes
Value
Value
0x03
R/W
BatteryMode
hex
2
0x0000
0xe383
0x04
R/W
AtRate
signed int
2
-32768
32767
mA or 10mW
0x05
R
AtRateTimeToFull
unsigned int
2
0
65534
min
0x06
R
AtRateTimeToEmpty
unsigned int
2
0
65534
min
0x07
R
AtRateOK
unsigned int
2
0
65535
0x08
R
Temperature
unsigned int
2
0
65535
0.1
°K
0x09
R
Voltage
unsigned int
2
0
65535
mV
0x0a
R
Current
signed int
2
-32768
32767
mA
0x0b
R
AverageCurrent
signed int
2
-32768
32767
mA
0x0c
R
MaxError
unsigned int
1
0
100
%
0x0d
R
RelativeStateOfCharge
unsigned int
1
0
100
%
0x0e
R
AbsoluteStateOfCharge
unsigned int
1
0
100+
%
0x0f
R/W
RemainingCapacity
unsigned int
2
0
65535
mAh or
10mWh
0x10
R
FullChargeCapacity
unsigned int
2
0
65535
mAh or
10mWh
0x11
R
RunTimeToEmpty
unsigned int
2
0
65534
min
0x12
R
AverageTimeToEmpty
unsigned int
2
0
65534
min
0x13
R
AverageTimeToFull
unsigned int
2
0
65534
min
0x14
R
ChargingCurrent
unsigned int
2
0
65534
mA
0x15
R
ChargingVoltage
unsigned int
2
0
65534
mV
0x16
R
BatteryStatus
unsigned int
2
0x0000
0xdbff
0x17
R/W
CycleCount
unsigned int
2
0
65535
0x18
R/W
DesignCapacity
unsigned int
2
0
65535
4400
mAh or
10mWh
0x19
R/W
DesignVoltage
unsigned int
2
0
65535
14400
mV
0x1a
R/W
SpecificationInfo
hex
2
0x0000
0xffff
0x0031
0x1b
R/W
ManufactureDate
unsigned int
2
01-Jan-1980
ASCII
0x1c
R/W
SerialNumber
hex
2
0x0000
0xffff
0x0001
0x20
R/W
ManufacturerName
String
11+1
Texas Inst.
ASCII
0x21
R/W
DeviceName
String
7+1
bq20z90
ASCII
0x22
R/W
DeviceChemistry
String
4+1
LION
ASCII
0x23
R/W
ManufacturerData
String
14+1
ASCII
0x2f
R/W
Authenticate
String
20+1
ASCII
0x3c
R
CellVoltage4
unsigned int
2
0
65535
mV
0x3d
R
CellVoltage3
unsigned int
2
0
65535
mV
0x3e
R
CellVoltage2
unsigned int
2
0
65535
mV
0x3f
R
CellVoltage1
unsigned int
2
0
65535
mV
Table 2. EXTENDED SBS COMMANDS
SBS
Mode
Name
Format
Size in
Min Value
Max Value
Default
Unit
Cmd
Bytes
Value
0x45
R
AFEData
String
11+1
ASCII
0x46
R/W
FETControl
hex
1
0x00
0x1e
0x4f
R
StateOfHealth
unsigned int
1
0
100
%
0x50
R
SafetyAlert
hex
2
0x0000
0xffff
11
Submit Documentation Feedback


Similar Part No. - BQ20Z90-V110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z90-V150 TI1-BQ20Z90-V150 Datasheet
300Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
More results

Similar Description - BQ20Z90-V110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z90-V150 TI1-BQ20Z90-V150 Datasheet
300Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90DBTR-V150 TI-BQ20Z90DBTR-V150 Datasheet
274Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI-BQ20Z40 Datasheet
463Kb / 18P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90 TI-BQ20Z90_07 Datasheet
672Kb / 27P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI1-BQ20Z40_17 Datasheet
294Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90 TI1-BQ20Z90_17 Datasheet
696Kb / 16P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40-R1 TI-BQ20Z40-R1 Datasheet
249Kb / 16P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z70-V110 TI1-BQ20Z70-V110 Datasheet
405Kb / 22P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z70 TI-BQ20Z70 Datasheet
432Kb / 22P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z70 TI1-BQ20Z70_17 Datasheet
786Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com