Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPF2502 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FPF2502
Description  IntelliMAX??Advanced Load Management Products
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2502 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FPF2502 Datasheet HTML 4Page - Fairchild Semiconductor FPF2502 Datasheet HTML 5Page - Fairchild Semiconductor FPF2502 Datasheet HTML 6Page - Fairchild Semiconductor FPF2502 Datasheet HTML 7Page - Fairchild Semiconductor FPF2502 Datasheet HTML 8Page - Fairchild Semiconductor FPF2502 Datasheet HTML 9Page - Fairchild Semiconductor FPF2502 Datasheet HTML 10Page - Fairchild Semiconductor FPF2502 Datasheet HTML 11Page - Fairchild Semiconductor FPF2502 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
www.fairchildsemi.com
FPF2500-FPF2506 Rev. D4
Typical Characteristics
Figure 19. Short Circuit Response
Figure 20. Current Limit Response
(Output is shorted to GND)
Note 2: VDRV signal forces the device to go into overcurrent condition.
VIN
10V/DIV
IOUT
10A/DIV
VOUT
10V/DIV
VIN
10V/DIV
VON
5V/DIV
IOUT
1A/DIV
20us/DIV
1ms/DIV
COUT=1uF, CIN=10uF
VON=5V
VIN=12V, CIN=10uF
RL=4.7Ω, CL=1uF


Similar Part No. - FPF2502

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2502 FAIRCHILD-FPF2502 Datasheet
555Kb / 13P
   IntelliMAXTM Advanced Load Management Products
More results

Similar Description - FPF2502

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2116 FAIRCHILD-FPF2116_08 Datasheet
385Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100 Datasheet
431Kb / 12P
   IntelliMAX Advanced Load Management Products
FPF2006 FAIRCHILD-FPF2006 Datasheet
516Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2123 FAIRCHILD-FPF2123_06 Datasheet
368Kb / 13P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172 Datasheet
462Kb / 11P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100_08 Datasheet
361Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003A FAIRCHILD-FPF1003A Datasheet
606Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000_08 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003_0612 FAIRCHILD-FPF1003_0612 Datasheet
496Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172_08 Datasheet
542Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2108 FAIRCHILD-FPF2108 Datasheet
423Kb / 12P
   IntelliMAX Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com