Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPF2501 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FPF2501
Description  IntelliMAX??Advanced Load Management Products
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2501 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FPF2501 Datasheet HTML 2Page - Fairchild Semiconductor FPF2501 Datasheet HTML 3Page - Fairchild Semiconductor FPF2501 Datasheet HTML 4Page - Fairchild Semiconductor FPF2501 Datasheet HTML 5Page - Fairchild Semiconductor FPF2501 Datasheet HTML 6Page - Fairchild Semiconductor FPF2501 Datasheet HTML 7Page - Fairchild Semiconductor FPF2501 Datasheet HTML 8Page - Fairchild Semiconductor FPF2501 Datasheet HTML 9Page - Fairchild Semiconductor FPF2501 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
www.fairchildsemi.com
FPF2500-FPF2506 Rev. D4
Typical Characteristics
Figure 7. Current Limit vs. Output Voltage
Figure 8. Current Limit vs. Output Voltage
Figure 9.
Current Limit vs. Temperature
Figure 10. Current Limit vs. Temperature
Figure 11. TON/TOff vs. Temperature
Figure 12. TRISE/TFALL vs. Temperature
0
200
400
600
800
1000
1200
1400
0
1
2
345
6
789
10
11
12
VIN - VOUT (V)
FPF2505, 2506
FPF2503, 2504
0
200
400
600
800
1000
1200
1400
01
2
3
45
6
7
89
10
11
12
VIN - VOUT (V)
FPF2500, 2501, 2502
RSET = 20kΩ
0
200
400
600
800
1000
1200
1400
1600
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (oC)
FPF2503, 2504
FPF2505, 2506
600
700
800
900
1000
1100
1200
1300
1400
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (oC)
FPF2500, 2501, 2502
1
10
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (oC)
ILOAD = 10mA
VCC = 12V
T(FALL)
T(RISE)
0.01
0.1
1
10
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (oC)
ILOAD = 10mA
VCC = 12V
TD(ON)
TD(OFF)


Similar Part No. - FPF2501

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2501 FAIRCHILD-FPF2501 Datasheet
555Kb / 13P
   IntelliMAXTM Advanced Load Management Products
More results

Similar Description - FPF2501

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2116 FAIRCHILD-FPF2116_08 Datasheet
385Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100 Datasheet
431Kb / 12P
   IntelliMAX Advanced Load Management Products
FPF2006 FAIRCHILD-FPF2006 Datasheet
516Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2123 FAIRCHILD-FPF2123_06 Datasheet
368Kb / 13P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172 Datasheet
462Kb / 11P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100_08 Datasheet
361Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003A FAIRCHILD-FPF1003A Datasheet
606Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000_08 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003_0612 FAIRCHILD-FPF1003_0612 Datasheet
496Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172_08 Datasheet
542Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2108 FAIRCHILD-FPF2108 Datasheet
423Kb / 12P
   IntelliMAX Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com