Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS7401LEMTX Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FMS7401LEMTX
Description  Digital Power Controller
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS7401LEMTX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FMS7401LEMTX Datasheet HTML 1Page - Fairchild Semiconductor FMS7401LEMTX Datasheet HTML 2Page - Fairchild Semiconductor FMS7401LEMTX Datasheet HTML 3Page - Fairchild Semiconductor FMS7401LEMTX Datasheet HTML 4Page - Fairchild Semiconductor FMS7401LEMTX Datasheet HTML 5Page - Fairchild Semiconductor FMS7401LEMTX Datasheet HTML 6Page - Fairchild Semiconductor FMS7401LEMTX Datasheet HTML 7Page - Fairchild Semiconductor FMS7401LEMTX Datasheet HTML 8Page - Fairchild Semiconductor FMS7401LEMTX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 81 page
background image
www.fairchildsemi.com
REV. 1.0.3 1/24/05
General Description
The FMS7401L is a Digital Power Controller designed for
applications requiring ease of digital based control over ana-
log based implementations. The FMS7401L is an ideal solu-
tion to implement ballast control, motor control and battery
management functions. It integrates a wide variety of analog
blocks with an 8-bit microcontroller core to offer a comple-
mentary feature set with high performance, low power and
small size in a single chip.
The FMS7401L is intended for applications using a supply
voltage in the 2.7V to 3.6V range. It is fabricated using
CMOS technology and is fully static offering a significant
power savings. The FMS7401L is available in both 8-pin and
14-pin PDIP, SOIC and TSSOP packages.
Features
• 8-bit Microcontroller Core
• 1K bytes on-board code EEPROM
• 64 bytes data EEPROM
• 64 bytes SRAM
•Watchdog Reset
• Multi-input Wakeup on all general purpose I/O pins
•Fast 12-bit PWM timer with dead time control and half-
bridge output drive
– Input Capture Mode
• 5-Ch 8-bit Analog-to-Digital Converter
– 20 µS conversion time
– Sample and Hold
– Internal Voltage Reference (1.21V)
– Gated Auto-sampling Mode
• Auto-zero Amplifier (gain 16)
• Uncommitted Amplifier
• Internal Current Source Generator (1mA)
• On-chip Oscillator
– No external components
– 1µs instruction cycle time
• On-chip Power-on Reset
• Programmable read and write disable functions
• Memory Mapped I/O
• Programmable Comparator (63 Levels)
• Brown-out Reset
• Software selectable I/O option
• Push-pull outputs with tri-state option
•Weak pull-up or high impedance inputs
• Fully static CMOS
– Power Saving Halt Mode
– < 1.3µA @ 3.3V
– Power Saving Idle Mode
– < 180µA @ 3.3V
• Single supply operation
– 2.7V – 3.6V
• 40 years data retention
• 100,000 data changes
• 8-/14-pin PDIP, SOIC, and TSSOP packages
• In-circuit programming
– Fast Page-write Programming Mode
FMS7401L
Digital Power Controller
Device
Supply Voltage
Program
Memory (bytes)
Data Memory (bytes)
I/O
Pin Count
SRAM
Data EEPROM
FMS7401L
2.7V – 3.6V
1K
64
64
6
8
FMS7401L
2.7V – 3.6V
1K
64
64
8
14


Similar Part No. - FMS7401LEMTX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS7401LEN FAIRCHILD-FMS7401LEN Datasheet
1Mb / 80P
   Digital Power Controller
FMS7401LEN14 FAIRCHILD-FMS7401LEN14 Datasheet
1Mb / 80P
   Digital Power Controller
More results

Similar Description - FMS7401LEMTX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS7401 FAIRCHILD-FMS7401 Datasheet
1Mb / 80P
   Digital Power Controller
logo
Silicon Laboratories
SI8250 SILABS-SI8250 Datasheet
1Mb / 30P
   DIGITAL POWER CONTROLLER
logo
Analog Devices
ADP1047 AD-ADP1047 Datasheet
1Mb / 84P
   Digital Power Factor Correction Controller
REV. 0
logo
Dialog Semiconductor
IW3614 DIALOG-IW3614 Datasheet
1Mb / 18P
   AC/DC Digital Power Controller
logo
Texas Instruments
DLPC410 TI1-DLPC410 Datasheet
1Mb / 63P
[Old version datasheet]   Digital Controller
logo
Omron Electronics LLC
E5AK OMRON-E5AK Datasheet
694Kb / 36P
   Digital Controller
logo
Analog Devices
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
logo
Zilog, Inc.
IXRD1002 ZILOG-IXRD1002 Datasheet
1Mb / 15P
   High Power Digital Inrush Current Controller
logo
Dialog Semiconductor
IW3630 DIALOG-IW3630 Datasheet
412Kb / 7P
   AC/DC Digital Power Controller for High Power
IW1689 DIALOG-IW1689 Datasheet
973Kb / 17P
   Low-Power Off-line Digital PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com