Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FODB102 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FODB102
Description  Single Channel Microcoupler?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FODB102 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FODB102 Datasheet HTML 1Page - Fairchild Semiconductor FODB102 Datasheet HTML 2Page - Fairchild Semiconductor FODB102 Datasheet HTML 3Page - Fairchild Semiconductor FODB102 Datasheet HTML 4Page - Fairchild Semiconductor FODB102 Datasheet HTML 5Page - Fairchild Semiconductor FODB102 Datasheet HTML 6Page - Fairchild Semiconductor FODB102 Datasheet HTML 7Page - Fairchild Semiconductor FODB102 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
www.fairchildsemi.com
FODB100, FODB101, FODB102 Rev. 1.0.0
Recommended Infrared Reflow Soldering Profile
Time (min.)
0.00
33.75
67.50
101.25
135.00
168.75
202.50
236.25
270.00
0.66
1.97
3.28
4.60
5.91
7.23
1.31
2.63
3.94
5.26
6.57
7.88
Entrance
Zone 1
Zone 2
Zone 3
Zone 4
Zone 5
Cooling
Average ramp-up rate (183
°C to peak)
Reflow Profile for Pb Free
Preheat Temperature 125(
±25)°C to 200°C
Temperature maintained above 220
°C
Time within 5
°C of actual peak temperature
Peak temperature range
Ramp down rate
Time 25
°C to peak temperature
3
°C/sec max
Convection Reflow
60-180
°C
60-150 sec
20-40 sec
260
±5°C
6
°C/sec max
8min max
Note: Surface Mount Adhesives (SMA) isn’t recommended to be used on the dome area (white dome).


Similar Part No. - FODB102

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODB102 FAIRCHILD-FODB102 Datasheet
143Kb / 8P
   SINGLE CHANNEL MICROCOUPLER?
FODB102 FAIRCHILD-FODB102 Datasheet
522Kb / 8P
   Single Channel Microcoupler
More results

Similar Description - FODB102

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODB100V FAIRCHILD-FODB100V Datasheet
522Kb / 8P
   Single Channel Microcoupler
FODB100 FAIRCHILD-FODB100 Datasheet
143Kb / 8P
   SINGLE CHANNEL MICROCOUPLER?
logo
PANDUIT CORP.
D-500-L455-1-612-120 PANDUIT-D-500-L455-1-612-120 Datasheet
85Kb / 2P
   DATABUS MICROCOUPLER, SINGLE STUB, LIGHTWEIGHT
logo
Micropac Industries
66300 MICROPAC-66300 Datasheet
134Kb / 2P
   MICROCOUPLER, PHOTOTRANSISTOR OUTPUT
66400 MICROPAC-66400 Datasheet
151Kb / 2P
   MICROCOUPLER, PHOTODARLINGTON OUTPUT
logo
List of Unclassifed Man...
MC022 ETC1-MC022 Datasheet
95Kb / 2P
   MICROCOUPLER, SMALL TRANSISTOR OUTPUT
logo
Micropac Industries
66500 MICROPAC-66500 Datasheet
154Kb / 2P
   MICROCOUPLER, HIGH SPEED-HIGH GAIN
logo
Sames
SA4104AB SAMES-SA4104AB Datasheet
564Kb / 18P
   Single Channel Single Phase Energy
SA4106A SAMES-SA4106A Datasheet
568Kb / 18P
   Single Channel Single Phase Energy
logo
List of Unclassifed Man...
MMC4067 ETC-MMC4067 Datasheet
210Kb / 5P
   SINGLE 16-CHANNEL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com