Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FODB102 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FODB102
Description  Single Channel Microcoupler?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FODB102 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FODB102 Datasheet HTML 1Page - Fairchild Semiconductor FODB102 Datasheet HTML 2Page - Fairchild Semiconductor FODB102 Datasheet HTML 3Page - Fairchild Semiconductor FODB102 Datasheet HTML 4Page - Fairchild Semiconductor FODB102 Datasheet HTML 5Page - Fairchild Semiconductor FODB102 Datasheet HTML 6Page - Fairchild Semiconductor FODB102 Datasheet HTML 7Page - Fairchild Semiconductor FODB102 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
FODB100, FODB101, FODB102 Rev. 1.0.0
Electrical Characteristics (T
A = 25°C Unless otherwise specified)
Individual Component Characteristics
Transfer Characteristics
Isolation Characteristics
Notes:
1. The white dome area is sensitive to high intensity ambient light or any light source in the 500nm to 1200nm
wavelength range. If such a light source is present, the part should be covered or protected. If the white dome is
exposed to such a light source, the output leakage parameter of the phototransistor will increase.
2. CTR bin (FODB100 only)
FODB101: 100% – 200%
FODB102: 150% – 300%
3.
Pin 1 and Pin 2 are shorted as input and Pin 3 and Pin 4 are shorted as output.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
EMITTER
VF
Forward Voltage
IF = 2mA
1.0
1.5
V
IR
Reverse Current
VR = 6V
10
µA
DETECTOR
BVCEO
Breakdown Voltage
Collector to Emitter
IC = 100µA, IF = 0
75
V
BVECO
Emitter to Collector
IE = 100µA, IF = 0
7V
ICEO
Collector Dark Current(1)
VCE = 75V, IF = 0
100
nA
CCE
Capacitance
VCE = 0V, f = 1MHz
8pF
Symbol
Characteristic
Test Conditions
Min.
Typ.
Max.
Unit
CTR
Current Transfer Ratio(2)
IF = 1mA, VCE = 5V
100
%
CTRCE(SAT) Saturated Current Transfer
Ratio (Collector to Emitter)
IF = 1.6mA, VCE = 0.4V
100
%
IF = 1.0mA, VCE = 0.4V
75
VCE (SAT)
Saturation Voltage
IF = 3.0mA, IC = 1.8mA
0.4
V
IF = 1.6mA, IC = 1.6mA
tr
Rise Time (Non-Saturated) IC = 2mA, VCE = 5 V, RL = 1kΩ
1
µs
tf
Fall Time (Non-Saturated)
IC = 2mA, VCE = 5 V, RL = 1kΩ
5
TPHL
Propagation Delay
High to Low
IF = 1.6mA, VCC = 5.0 V, RL = 750Ω
3
µs
IF = 1.6mA, VCC = 5.0 V, RL = 4.7kΩ
12
TPLH
Propagation Delay
Low to High
IF = 1.6mA, VCC = 5.0 V, RL = 750Ω
5
µs
IF = 1.6mA, VCC = 5.0 V, RL = 4.7kΩ
19
Symbol
Characteristic
Test Conditions
Min.
Typ.
Max.
Unit
VISO
Steady State Isolation Voltage(3) RH ≤ 50%, TA = 25°C, t = 1 sec
2500
V(rms)
RISO
Resistance (input to output)(3)
VI-O = 500VDC
1012
CISO
Capacitance (input to output)(3)
f = 1MHz
0.3
0.5
pF


Similar Part No. - FODB102

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODB102 FAIRCHILD-FODB102 Datasheet
143Kb / 8P
   SINGLE CHANNEL MICROCOUPLER?
FODB102 FAIRCHILD-FODB102 Datasheet
522Kb / 8P
   Single Channel Microcoupler
More results

Similar Description - FODB102

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODB100V FAIRCHILD-FODB100V Datasheet
522Kb / 8P
   Single Channel Microcoupler
FODB100 FAIRCHILD-FODB100 Datasheet
143Kb / 8P
   SINGLE CHANNEL MICROCOUPLER?
logo
PANDUIT CORP.
D-500-L455-1-612-120 PANDUIT-D-500-L455-1-612-120 Datasheet
85Kb / 2P
   DATABUS MICROCOUPLER, SINGLE STUB, LIGHTWEIGHT
logo
Micropac Industries
66300 MICROPAC-66300 Datasheet
134Kb / 2P
   MICROCOUPLER, PHOTOTRANSISTOR OUTPUT
66400 MICROPAC-66400 Datasheet
151Kb / 2P
   MICROCOUPLER, PHOTODARLINGTON OUTPUT
logo
List of Unclassifed Man...
MC022 ETC1-MC022 Datasheet
95Kb / 2P
   MICROCOUPLER, SMALL TRANSISTOR OUTPUT
logo
Micropac Industries
66500 MICROPAC-66500 Datasheet
154Kb / 2P
   MICROCOUPLER, HIGH SPEED-HIGH GAIN
logo
Sames
SA4104AB SAMES-SA4104AB Datasheet
564Kb / 18P
   Single Channel Single Phase Energy
SA4106A SAMES-SA4106A Datasheet
568Kb / 18P
   Single Channel Single Phase Energy
logo
List of Unclassifed Man...
MMC4067 ETC-MMC4067 Datasheet
210Kb / 5P
   SINGLE 16-CHANNEL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com