Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FODB100 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FODB100
Description  Single Channel Microcoupler?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FODB100 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FODB100 Datasheet HTML 1Page - Fairchild Semiconductor FODB100 Datasheet HTML 2Page - Fairchild Semiconductor FODB100 Datasheet HTML 3Page - Fairchild Semiconductor FODB100 Datasheet HTML 4Page - Fairchild Semiconductor FODB100 Datasheet HTML 5Page - Fairchild Semiconductor FODB100 Datasheet HTML 6Page - Fairchild Semiconductor FODB100 Datasheet HTML 7Page - Fairchild Semiconductor FODB100 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
FODB100, FODB101, FODB102 Rev. 1.0.0
Tape and Reel Specifications
Dimensions are in millimeter
P1
A0
D1
P0
F
W
E1
D0
E2
B0
Tc
Wc
Pkg type
A0
3.80
±0.10
B0
3.80
±0.10
WD0
D1
1.50
+0.25/
–0.00
Tape Size
12mm
13" Dia
13.00
330
0.059
1.5
512 +0.020/–0.008
13 +0.5/–0.2
0.795
20.2
7.00
178
0.488 +0.078/–0.000
12.4 +2/–0
0.724
18.4
0.469 – 0.606
11.9 – 15.4
Reel
Option
Dim A
Dim B
Dim C
Dim D
Dim N
Dim W1
Dim W2
Dim W3 (LSL–USL)
1.50
+0.25/
–0.00
12.0
+0.3/
–0.1
E1
1.75
±0.10
E2
10.25
min
F
5.50
±0.05
P1
8.0
±0.1
P0
4.0
±0.1
K0
1.40
±0.10
T
0.279
±0.02
Wc
9.2
±0.3
Tc
0.06
±0.02
Optocoupler
(12mm)
K0
T
Notes: A0, B0, and K0 dimensions are determined with respect to the EIA/Jedec RS-481
rotational and lateral movement requirements (see sketches A, B, and C).
20 deg maximum component rotation
0.5mm
maximum
0.5mm
maximum
Sketch C (Top View)
Component lateral movement
Typical
component
cavity
center line
Typical
component
center line
20 deg maximum
B0
A0
Sketch B (Top View)
Component Rotation
Sketch A (Side or Front Sectional View)
Component Rotation
User Direction of Feed
Embossed Carrier Tape Configuration
Optocoupler Reel Configuration
Dimension are in inches and millimeters
See detail AA
Dim A
max
13"Diameter Reel
W3
W2 max Measured at Hub
W1 Measured at Hub
Dim N
Dim D
min
Dim C
B Min
DETAIL AA


Similar Part No. - FODB100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODB100 FAIRCHILD-FODB100 Datasheet
143Kb / 8P
   SINGLE CHANNEL MICROCOUPLER?
FODB100 FAIRCHILD-FODB100 Datasheet
522Kb / 8P
   Single Channel Microcoupler
FODB100V FAIRCHILD-FODB100V Datasheet
522Kb / 8P
   Single Channel Microcoupler
More results

Similar Description - FODB100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODB100V FAIRCHILD-FODB100V Datasheet
522Kb / 8P
   Single Channel Microcoupler
FODB100 FAIRCHILD-FODB100 Datasheet
143Kb / 8P
   SINGLE CHANNEL MICROCOUPLER?
logo
PANDUIT CORP.
D-500-L455-1-612-120 PANDUIT-D-500-L455-1-612-120 Datasheet
85Kb / 2P
   DATABUS MICROCOUPLER, SINGLE STUB, LIGHTWEIGHT
logo
Micropac Industries
66300 MICROPAC-66300 Datasheet
134Kb / 2P
   MICROCOUPLER, PHOTOTRANSISTOR OUTPUT
66400 MICROPAC-66400 Datasheet
151Kb / 2P
   MICROCOUPLER, PHOTODARLINGTON OUTPUT
logo
List of Unclassifed Man...
MC022 ETC1-MC022 Datasheet
95Kb / 2P
   MICROCOUPLER, SMALL TRANSISTOR OUTPUT
logo
Micropac Industries
66500 MICROPAC-66500 Datasheet
154Kb / 2P
   MICROCOUPLER, HIGH SPEED-HIGH GAIN
logo
Sames
SA4104AB SAMES-SA4104AB Datasheet
564Kb / 18P
   Single Channel Single Phase Energy
SA4106A SAMES-SA4106A Datasheet
568Kb / 18P
   Single Channel Single Phase Energy
logo
List of Unclassifed Man...
MMC4067 ETC-MMC4067 Datasheet
210Kb / 5P
   SINGLE 16-CHANNEL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com