Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6549IRZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6549IRZ
Description  Single 12V Input Supply Dual Regulator Synchronous Rectified Buck PWM and Linear Power Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6549IRZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6549IRZ Datasheet HTML 1Page - Intersil Corporation ISL6549IRZ Datasheet HTML 2Page - Intersil Corporation ISL6549IRZ Datasheet HTML 3Page - Intersil Corporation ISL6549IRZ Datasheet HTML 4Page - Intersil Corporation ISL6549IRZ Datasheet HTML 5Page - Intersil Corporation ISL6549IRZ Datasheet HTML 6Page - Intersil Corporation ISL6549IRZ Datasheet HTML 7Page - Intersil Corporation ISL6549IRZ Datasheet HTML 8Page - Intersil Corporation ISL6549IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
FN9168.2
September 22, 2006
ISL6549
Absolute Maximum Ratings
Thermal Information
VCC12 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to +14V
PVCC5, VCC5 . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to +7V
VCC5 (if used with external supply). . . . . . . . . . . GND - 0.3V to +6V
BOOT. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to +27V
PHASE. . . . . . . . . . . . . . . . . . . . . . . . VBOOT - 7V to VBOOT + 0.3V
VBOOT - VPHASE. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+7V
UGATE. . . . . . . . . . . . . . . . . . . . . . VPHASE - 0.3V to VBOOT + 0.3V
LGATE . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to PVCC5 + 0.3V
LDO_DR . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to VCC12 + 0.3V
FB, LDO_FB, COMP, FS_DIS . . . . . . . GND - 0.3V to VCC5 + 0.3V
ESD Classification
Human Body Model (Per JESD22-A114C) . . . . . . . . . . . . . . Class 2
Machine Model (Per EIA/JESD22-A115-A) . . . . . . . . . . . . . .Class B
Charge Device Model (Per JESD22-C101C). . . . . . . . . . . . Class IV
Thermal Resistance
θJA (°C/W) θJC (°C/W)
SOIC Package (Note 1) . . . . . . . . . . . .
105
N/A
QFN Package (Notes 2, 3). . . . . . . . . .
52
14
QSOP Package (Note 1) . . . . . . . . . . .
110
N/A
Maximum Junction Temperature (Plastic Package) . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . -65°C to +150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . +300°C
(SOIC - Lead Tips Only)
Recommended Operating Conditions
External Supply Voltage on VCC5 . . . . . . . . . . . . . . . . . . +5.0V ±5%
Supply Voltage on VCC12 . . . . . . . . . . . . . . . . . . . . . . . +12V ±10%
Ambient Temperature Range (C). . . . . . . . . . . . . . . . . . 0°C to 70°C
Ambient Temperature Range (I) . . . . . . . . . . . . . . . . -40°C to +85°
Junction Temperature Range. . . . . . . . . . . . . . . . . . . 0°C to +125°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
3. For
θ
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Recommended Operating Conditions, unless otherwise noted. VCC12 = 12V
Temperature = 0 to +70°C (typical = +25°C) for Commercial; Temperature = -40 to + 85°C (typical = +25°C) for
Industrial. Refer to Block Diagram, Simplified Power System Diagram, and Typical Application Schematic.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Nominal Supply Current VCC12 (disabled)
ICC12 dis
UGATE, LGATE and LDO_DR open;
FS_DIS = GND
23
mA
Nominal Supply Current VCC5 (disabled)
ICC5 dis
UGATE, LGATE and LDO_DR open;
FS_DIS = GND (Note 4)
57.5
mA
Nominal Supply Current VCC12
(includes PVCC5 current)
ICC12
UGATE, LGATE and LDO_DR open;
FOSC = 620kHz
12
18
mA
Nominal Supply Current VCC5
ICC5
UGATE, LGATE and LDO_DR open;
FOSC = 620kHz
46
mA
Maximum PVCC5 Current Available (Note 5)
IPVCC5
100
mA
VCC12 to PVCC5 Current Limit (Note 5)
IPVCC5CL
150
mA
PVCC5 Voltage
VPVCC5
ISL6549C; No external load
4.95
5.25
5.8
V
ISL6549I; No external load
4.85
5.25
5.8
POWER-ON RESET
Rising VCC5 Threshold
VCC12 = 12V
3.7
4.2
4.5
V
Falling VCC5 Threshold
VCC12 = 12V
3.3
3.8
4.1
V
Rising VCC12 Threshold
VCC5 = 5V
8.8
9.5
10.0
V
Falling VCC12 Threshold
VCC5 = 5V
7.0
7.5
8.0
V
OSCILLATOR AND SOFT-START
Switching Frequency
FOSC
ISL6549C; RFS_DIS = 45.3kΩ
540
620
700
kHz
ISL6549I; RFS_DIS = 45.3kΩ
525
620
700
kHz


Similar Part No. - ISL6549IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6549IRZ RENESAS-ISL6549IRZ Datasheet
854Kb / 18P
   Single 12V Input Supply Dual Regulator ?봖ynchronous Rectified Buck PWM and Linear Power Controller
More results

Similar Description - ISL6549IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6549 RENESAS-ISL6549 Datasheet
854Kb / 18P
   Single 12V Input Supply Dual Regulator ?봖ynchronous Rectified Buck PWM and Linear Power Controller
logo
uPI Group Inc.
UP6161 UPI-UP6161 Datasheet
500Kb / 15P
   Single 12V Input Supply Dual Regulator - Synchronous-Buck-PWM and Linear-Regulator Controller
logo
Intersil Corporation
ISL6529 INTERSIL-ISL6529 Datasheet
623Kb / 19P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
ISL6529A INTERSIL-ISL6529A Datasheet
376Kb / 15P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
logo
Richtek Technology Corp...
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218B RICHTEK-RT9218B Datasheet
389Kb / 17P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259 RICHTEK-RT9259 Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259A RICHTEK-RT9259A Datasheet
243Kb / 14P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Renesas Technology Corp
ISL6529 RENESAS-ISL6529 Datasheet
1Mb / 20P
   Dual Regulator?밪ynchronous Rectified Buck PWM and Linear Power Controllers
logo
uPI Group Inc.
UP9305 UPI-UP9305 Datasheet
313Kb / 16P
   5V/12V Synchronous-Rectified Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com