Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6292-2CR5Z Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6292-2CR5Z
Description  Li-ion/Li Polymer Battery Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6292-2CR5Z Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6292-2CR5Z Datasheet HTML 1Page - Intersil Corporation ISL6292-2CR5Z Datasheet HTML 2Page - Intersil Corporation ISL6292-2CR5Z Datasheet HTML 3Page - Intersil Corporation ISL6292-2CR5Z Datasheet HTML 4Page - Intersil Corporation ISL6292-2CR5Z Datasheet HTML 5Page - Intersil Corporation ISL6292-2CR5Z Datasheet HTML 6Page - Intersil Corporation ISL6292-2CR5Z Datasheet HTML 7Page - Intersil Corporation ISL6292-2CR5Z Datasheet HTML 8Page - Intersil Corporation ISL6292-2CR5Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
FN9105.8
November 14, 2006
FIGURE 3. CHARGER OUTPUT VOLTAGE vs INPUT
VOLTAGE CHARGE CURRENT IS 50mA
FIGURE 4. CHARGE CURRENT vs OUTPUT VOLTAGE
FIGURE 5. CHARGE CURRENT vs AMBIENT TEMPERATURE
FIGURE 6. CHARGE CURRENT vs INPUT VOLTAGE
FIGURE 7. V2P8 OUTPUT vs INPUT VOLTAGE
FIGURE 8. V2P8 OUTPUT vs ITS LOAD CURRENT
Typical Operating Performance The test conditions for the Typical Operating Performance are: VIN = 5V, TA = +25°C,
RIREF = RIMIN = 80kΩ, VBAT = 3.7V, Unless Otherwise Noted (Continued)
4.1
4.15
4.2
4.25
4.3
4.2
4.5
4.8
5.1
5.4
5.7
6
6.3
CHARGE CURRENT = 50mA
VIN (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
3
3.2
3.4
3.6
3.8
4
2A
1.5A
1A
0.5A
USB500
USB100
VBAT (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
20
40
60
80
100
120
1.5A
1.0A
0.5A
TEMPERATURE (°C)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
4.3
4.5
4.7
4.9
5.1
5.3
5.5
5.7
5.9
6.1
6.3
6.5
2A
1.5A
1A
0.5A
USB500
USB100
VIN (V)
2
2.92
2.922
2.924
2.926
2.928
2.93
3.5
4
4.5
5
5.5
6
6.5
V2P8 PIN LOADED WITH 2mA
VIN (V)
2.7
2.75
2.8
2.85
2.9
2.95
02
4
6
8
10
V2P8 LOAD CURRENT (mA)
3
ISL6292


Similar Part No. - ISL6292-2CR5Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292-2CR5Z INTERSIL-ISL6292-2CR5Z Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
ISL6292-2CR5Z INTERSIL-ISL6292-2CR5Z Datasheet
551Kb / 20P
   Li-ion/Li Polymer Battery Charger
ISL6292-2CR5Z INTERSIL-ISL6292-2CR5Z Datasheet
553Kb / 20P
   Li-ion/Li Polymer Battery Charger
December 17, 2007
logo
Renesas Technology Corp
ISL6292-2CR5Z RENESAS-ISL6292-2CR5Z Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL6292-2CR5Z RENESAS-ISL6292-2CR5Z Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
More results

Similar Description - ISL6292-2CR5Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
Intersil Corporation
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
   Li-ion/Li Polymer Battery Charger
logo
uPI Group Inc.
UP8001A UPI-UP8001A Datasheet
443Kb / 16P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL78692 RENESAS-ISL78692 Datasheet
990Kb / 18P
   Li-ion/Li-Polymer Battery Charger
logo
Intersil Corporation
ISL6298CR4Z INTERSIL-ISL6298CR4Z Datasheet
445Kb / 17P
   Li-ion/Li-Polymer Battery Charger
March 9, 2006
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com