Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD250L Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FOD250L
Description  LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD250L Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FOD250L Datasheet HTML 5Page - Fairchild Semiconductor FOD250L Datasheet HTML 6Page - Fairchild Semiconductor FOD250L Datasheet HTML 7Page - Fairchild Semiconductor FOD250L Datasheet HTML 8Page - Fairchild Semiconductor FOD250L Datasheet HTML 9Page - Fairchild Semiconductor FOD250L Datasheet HTML 10Page - Fairchild Semiconductor FOD250L Datasheet HTML 11Page - Fairchild Semiconductor FOD250L Datasheet HTML 12Page - Fairchild Semiconductor FOD250L Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
www.fairchildsemi.com
FOD050L, FOD250L, FOD053L Rev. 1.0.0
8-Pin DIP (FOD250L)
Carrier Tape Specification
Reflow Profile
0.30 ±0.05
4.0 ±0.1
4.0 ±0.1
Ø1.55 ±0.05
Ø1.6 ±0.1
1.75 ±0.10
12.0 ±0.1
10.30 ±0.20
13.2 ±0.2
0.1 MAX
User Direction of Feed
4.90 ±0.20
16.0 ±0.3
7.5 ±0.1
10.30 ±0.20
• Peak reflow temperature
260
°C (package surface temperature)
• Time of temperature higher than 245
°C
40 seconds or less
• Number of reflows
Three
300
250
200
150
100
50
50
100
150
200
250
Time (s)
10s
40s
260
°
245
°


Similar Part No. - FOD250L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD250L FAIRCHILD-FOD250L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
FOD250L FAIRCHILD-FOD250L Datasheet
366Kb / 13P
   LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
FOD250LR1 FAIRCHILD-FOD250LR1 Datasheet
366Kb / 13P
   LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
FOD250LR1V FAIRCHILD-FOD250LR1V Datasheet
366Kb / 13P
   LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
FOD250LR2 FAIRCHILD-FOD250LR2 Datasheet
366Kb / 13P
   LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
More results

Similar Description - FOD250L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L_08 Datasheet
366Kb / 13P
   LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
FOD260L FAIRCHILD-FOD260L Datasheet
639Kb / 14P
   LVTTL/LVCMOS 3.3V High Speed-10 MBit/s Logic Gate Optocouplers
FOD050L FAIRCHILD-FOD050L_09 Datasheet
377Kb / 13P
   FOD050L, FOD250L: Single Channel FOD053L: Dual Channel LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
logo
Broadcom Corporation.
ACPL-W60L BOARDCOM-ACPL-W60L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
ACPL-W63L BOARDCOM-ACPL-W63L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
May 11, 2017
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-270L AVAGO-HCPL-270L Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatbie Optocouplers
HCPL-070L-500E AVAGO-HCPL-070L-500E Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L-500E AVAGO-HCPL-060L-500E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
ON Semiconductor
MC100EPT622 ONSEMI-MC100EPT622_11 Datasheet
137Kb / 8P
   3.3V LVTTL/LVCMOS to LVPECL Translator
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com