Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6298CR4Z-T Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6298CR4Z-T
Description  Li-ion/Li-Polymer Battery Charger
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6298CR4Z-T Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6298CR4Z-T Datasheet HTML 3Page - Intersil Corporation ISL6298CR4Z-T Datasheet HTML 4Page - Intersil Corporation ISL6298CR4Z-T Datasheet HTML 5Page - Intersil Corporation ISL6298CR4Z-T Datasheet HTML 6Page - Intersil Corporation ISL6298CR4Z-T Datasheet HTML 7Page - Intersil Corporation ISL6298CR4Z-T Datasheet HTML 8Page - Intersil Corporation ISL6298CR4Z-T Datasheet HTML 9Page - Intersil Corporation ISL6298CR4Z-T Datasheet HTML 10Page - Intersil Corporation ISL6298CR4Z-T Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
FN9173.4
March 9, 2006
Pin Description
VIN (Pin 1, 15, 16 for 4x4; Pin 1 for 3x3)
VIN is the input power source. Connect to a wall adapter.
Fault (Pin 2)
FAULT is an open-drain output indicating fault status. This
pin is pulled to LOW under any fault conditions.
Status (Pin 3)
STATUS is an open-drain output indicating charging and
inhibit states. The STATUS pin is pulled LOW when the
charger is charging a battery.
Time (Pin 4)
The TIME pin determines the oscillation period by
connecting a timing capacitor between this pin and GND.
The oscillator also provides a time reference for the charger.
GND (Pin 5)
GND is the connection to system ground.
TOEN (Pin 6 for 4x4; N/A for 3x3)
TOEN is the TIMEOUT enable input pin. Pulling this pin to
LOW disables the TIMEOUT function. Leaving this pin HIGH
or floating enables the TIMEOUT limit. For the 3x3 DFN
package, this pin is left floating internally.
EN (Pin 7 for 4x4; Pin 6 for 3x3)
EN is the enable logic input. Connect the EN pin to LOW to
disable the charger or leave it floating to enable the charger.
V2P8 (Pin 8 for 4x4; Pin 7 for 3x3)
This is a 2.8V reference voltage output. This pin outputs a
2.8V voltage source when the input voltage is above POR
threshold and outputs zero otherwise. The V2P8 pin can be
used as an indication for adapter presence.
IREF (Pin 9 for 4x4; Pin 8 for 3x3)
This is the programming input for the constant charging
current.
IMIN (Pin 10 for 4x4; N/A for 3x3)
IMIN is the programmable input for the end-of-charge
current. For the 3x3 DFN package, this pin is shorted to the
V2P8 pin internally.
TEMP (Pin 11 for 4x4; Pin 9 for 3x3)
TEMP is the input for an external NTC thermistor. The TEMP
pin is also used for battery removal detection.
VBAT (Pin 12, 13, 14 for 4x4; Pin 10 for 3x3)
VBAT is the connection to the battery. Typically a 10
µF
Tantalum capacitor is needed for stability when there is no
battery attached. When a battery is attached, only a 1
µF
ceramic capacitor is required.
Typical Applications
4x4 QFN Package Options
FIGURE 16. TYPICAL APPLICATION CIRCUIT FOR THE 4x4 QFN PACKAGE OPTIONS
V2P8
EN
GND
VBAT
IREF
FAULT
VIN
5V Wall
Adapter
Battery
Pack
IMIN
TEMP
STATUS
TIME
ISL6298
V2P8
TOEN
T
C
1
F
µ
1
R
1
500
R
2
C
2
1 F
µ
R
T
R
U
F
µ
1
C
3
R
IREF
k
80
C
TIME
nF
15
D
1
D
2
R
IMIN
k
80
500
ISL6298


Similar Part No. - ISL6298CR4Z-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6298CR4Z-T INTERSIL-ISL6298CR4Z-T Datasheet
445Kb / 17P
   Li-ion/Li-Polymer Battery Charger
ISL6298CR4Z-T INTERSIL-ISL6298CR4Z-T Datasheet
445Kb / 17P
   Li-ion/Li-Polymer Battery Charger
March 9, 2006
logo
Renesas Technology Corp
ISL6298CR4Z-T RENESAS-ISL6298CR4Z-T Datasheet
776Kb / 17P
   Li-ion/Li-Polymer Battery Charger
More results

Similar Description - ISL6298CR4Z-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
Intersil Corporation
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
   Li-ion/Li Polymer Battery Charger
logo
uPI Group Inc.
UP8001A UPI-UP8001A Datasheet
443Kb / 16P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL78692 RENESAS-ISL78692 Datasheet
990Kb / 18P
   Li-ion/Li-Polymer Battery Charger
logo
Intersil Corporation
ISL6298CR4Z INTERSIL-ISL6298CR4Z Datasheet
445Kb / 17P
   Li-ion/Li-Polymer Battery Charger
March 9, 2006
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com