Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6549CRZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6549CRZ
Description  Single 12V Input Supply Dual Regulator Synchronous Rectified Buck PWM and Linear Power Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6549CRZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6549CRZ Datasheet HTML 4Page - Intersil Corporation ISL6549CRZ Datasheet HTML 5Page - Intersil Corporation ISL6549CRZ Datasheet HTML 6Page - Intersil Corporation ISL6549CRZ Datasheet HTML 7Page - Intersil Corporation ISL6549CRZ Datasheet HTML 8Page - Intersil Corporation ISL6549CRZ Datasheet HTML 9Page - Intersil Corporation ISL6549CRZ Datasheet HTML 10Page - Intersil Corporation ISL6549CRZ Datasheet HTML 11Page - Intersil Corporation ISL6549CRZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
FN9168.2
September 22, 2006
.
A few clock cycles are used for initialization to insure that soft-
start begins near zero volts. The ramps are the same, whether
triggered by releasing FS_DIS or by exceeding the POR trip
levels.
Both outputs use the same soft-start ramp, and the ramp time
is determined by the switching frequency. Thus, there is no
simple way to disable or sequence them independently, or to
change the ramp rate independently of the clock.
If the switcher output is already pre-charged to a voltage when
the regulator starts up, the ISL6549 will detect this condition
(see Figure 3). The red trace shows the normal ramp, when
the output starts at GND. The green trace shows the case
when the output is pre-charged to a voltage less than the final
output. The upper or lower FET does not turn on until the soft-
start ramp voltage exceeds the output; then the output starts
ramping seamlessly from there. If the output voltage is pre-
charged above the normal output level, as shown in the
magenta trace, neither FET will turn on until the end of the
soft-start ramp; then the output will be quickly pulled down to
the final value.
Undervoltage Protection
The FB and LDO_FB pins are each monitored during
converter operation by their own Undervoltage (UV)
comparator. If either FB voltage drops below 75% of the
reference voltage (75% of 0.8V = 0.6V), a fault signal is
internally generated, and the fault logic shuts down BOTH
regulators. The UV comparators are enabled when the
soft-start ramp is about one-quarter (25%) done.
Figure 4 illustrates the protection feature responding to a UV
event on VOUT1. At time T0, VOUT1 has dropped below 75%
of the nominal output voltage. Both outputs are quickly shut
down and the UGATE and LGATE stop switching immediately,
but the fall time of each output is determined by the load
and/or short condition on each plus the output capacitance
that needs to be discharged. The soft-start function begins
producing an internal soft-start ramp. The delay interval, T0 to
T1, seen by the output is equivalent to one soft-start cycle.
Then a normal soft-start ramp of the output starts, at time T1.
At the one-quarter point of the soft-start ramp (not drawn
exactly to scale), the good output will have ramped one-
quarter way up, while the shorted output will presumably be
lower than a quarter (depending on the magnitude of the
short). Once the UV comparators are enabled (at the
one-quarter point) both outputs will again shut down (if the
fault is still present on one of them). Time T2 starts a new
internal soft-start cycle, and at T3, starts a new ramp, similar
to T1. This time, if we assume the short has gone away, the
outputs will ramp up to T4 as they should. If the short has not
gone away, then the T0, T1, T2 hiccup mode cycle will keep
repeating indefinitely; this cycle time is the equivalent of 1.25
FIGURE 2. EXPANDED VIEW: VOLTAGE RAMP AND TIME
GND>
GND>
VOUT1
VOUT2
FIGURE 3. PRE-CHARGED OUTPUT
GND>
GND>
GND>
VCC12 (2V/DIV)
GND>
VCC12 > 9.5V
VOUT2 NO CHARGE (1V/DIV)
VOUT2 OVER-CHARGED (1V/DIV)
VOUT2 PRE-CHARGED (1V/DIV)
FIGURE 4. UNDERVOLTAGE PROTECTION RESPONSE
GND>
GND>
TIME
VOUT2 (2.5V)
T1
T2
T3
T0
T4
(0.5V/DIV)
VOUT1 (1.5V)
INTERNAL SOFT-START FUNCTION
DELAY INTERVAL
SOFT-START
DELAY
SOFT-START
DELAY
(T1 TO T2 NOT TO SCALE)
GND>
ISL6549


Similar Part No. - ISL6549CRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6549CRZ RENESAS-ISL6549CRZ Datasheet
854Kb / 18P
   Single 12V Input Supply Dual Regulator ?봖ynchronous Rectified Buck PWM and Linear Power Controller
More results

Similar Description - ISL6549CRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6549 RENESAS-ISL6549 Datasheet
854Kb / 18P
   Single 12V Input Supply Dual Regulator ?봖ynchronous Rectified Buck PWM and Linear Power Controller
logo
uPI Group Inc.
UP6161 UPI-UP6161 Datasheet
500Kb / 15P
   Single 12V Input Supply Dual Regulator - Synchronous-Buck-PWM and Linear-Regulator Controller
logo
Intersil Corporation
ISL6529 INTERSIL-ISL6529 Datasheet
623Kb / 19P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
ISL6529A INTERSIL-ISL6529A Datasheet
376Kb / 15P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
logo
Richtek Technology Corp...
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218B RICHTEK-RT9218B Datasheet
389Kb / 17P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259 RICHTEK-RT9259 Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259A RICHTEK-RT9259A Datasheet
243Kb / 14P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Renesas Technology Corp
ISL6529 RENESAS-ISL6529 Datasheet
1Mb / 20P
   Dual Regulator?밪ynchronous Rectified Buck PWM and Linear Power Controllers
logo
uPI Group Inc.
UP9305 UPI-UP9305 Datasheet
313Kb / 16P
   5V/12V Synchronous-Rectified Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com