Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLZ4V7A Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FLZ4V7A
Description  Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FLZ4V7A Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FLZ4V7A Datasheet HTML 1Page - Fairchild Semiconductor FLZ4V7A Datasheet HTML 2Page - Fairchild Semiconductor FLZ4V7A Datasheet HTML 3Page - Fairchild Semiconductor FLZ4V7A Datasheet HTML 4Page - Fairchild Semiconductor FLZ4V7A Datasheet HTML 5Page - Fairchild Semiconductor FLZ4V7A Datasheet HTML 6Page - Fairchild Semiconductor FLZ4V7A Datasheet HTML 7Page - Fairchild Semiconductor FLZ4V7A Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
www.fairchildsemi.com
FLZ2V2 - FLZ39V Rev. B
Typical Performance Characteristics
Figure 9. FLZ39VB
Zener current vs. Zener Voltage
12
3
4
5
6 7 8 9
20
30
34
36
38
40
42
125
OC
-25
OC
-0
OC
85
OC
100
OC
25
OC
I
Z
- Zener Current, [mA]


Similar Part No. - FLZ4V7A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FLZ4V7A FAIRCHILD-FLZ4V7A Datasheet
428Kb / 6P
   Zener Diodes
logo
Analog Devices
FLZ4V7A AD-FLZ4V7A Datasheet
562Kb / 12P
   Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
REV. A
More results

Similar Description - FLZ4V7A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com