Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6549CBZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6549CBZ
Description  Single 12V Input Supply Dual Regulator Synchronous Rectified Buck PWM and Linear Power Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6549CBZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6549CBZ Datasheet HTML 3Page - Intersil Corporation ISL6549CBZ Datasheet HTML 4Page - Intersil Corporation ISL6549CBZ Datasheet HTML 5Page - Intersil Corporation ISL6549CBZ Datasheet HTML 6Page - Intersil Corporation ISL6549CBZ Datasheet HTML 7Page - Intersil Corporation ISL6549CBZ Datasheet HTML 8Page - Intersil Corporation ISL6549CBZ Datasheet HTML 9Page - Intersil Corporation ISL6549CBZ Datasheet HTML 10Page - Intersil Corporation ISL6549CBZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
FN9168.2
September 22, 2006
Description
Operation Overview
The ISL6549 monitors and precisely controls two output
voltage levels. Refer to the “Block Diagram” on page 2,
“Simplified Power System Diagram” on page 3, and “Typical
Application Schematic” on page 3. The controller is intended
for use in applications where only a 12V bias input is
available. The IC integrates both a standard buck PWM
controller and a linear controller. The PWM controller
regulates the output voltage (VOUT1) to a level programmed
by a resistor divider. The linear controller is designed to
regulate the lower current local memory voltage (VOUT2)
through an external N-Channel MOS pass transistor.
Internal PVCC5 Regulator
The preferred and recommended configuration is as follows:
+12V to VCC12 pin, a resistor (~10
Ω) between PVCC5 and
VCC5 pins, and decoupling caps on all three pins to ground.
This creates the PVCC5 voltage for the gate drivers, and
externally filters it for bias on the VCC5 pin. It also guarantees
that all 3 voltages track each other during power-up and
power-down.
The PVCC5 pin cannot be used as an input and it should not
be used as an output for other circuits; its current capability is
reserved for the gate drivers and VCC5 bias. Similarly, the
VCC5 pin should not be used as an output. Although not
preferred, the VCC5 pin can be used with an external 5V
supply (±5%). However, proper precautions must be followed,
which mainly have to do with proper sequencing, to prevent
latch-up or related problems. Note in the power-up diagram
(Figure 1), the 5V lags the 12V by a few msecs and a volt or
so; that is expected. Both the VCC12 and VCC5 pins must
exceed their rising POR trip points before the soft-start is
enabled; the trip order is not important as long as both have
some voltage. The 12V can be present with no 5V at all, but
the 5V should not precede the 12V. Similarly, on power down,
the 5V should discharge with or before the 12V.
Under normal operation, the internal regulator can supply up
to 100mA (which includes the VCC5 bias current, with the
resistor between the pins). The amount of current is
determined primarily by the switching parameters: the
oscillator frequency and the loading of the FET gates.
Overloading of the internal regulator is not recommended;
even if there is enough current, the gate driver waveforms
may be degraded. See “Switcher FET Considerations” on
page 13 for more details.
The PVCC5 pin has a current limit that provides some
protection against a shorted gate driver dragging down the
12V rail. The temperature of the IC will increase as the current
and corresponding on-chip power dissipation increases.
There is no thermal shutdown, so even if the current limit is
effective, the IC can be subject to very high temperatures. If
the current limit is exceeded, the regulator voltage will likely
collapse, shutting down everything until the load current is
reduced or removed.
Initialization
The ISL6549 automatically initializes upon application of input
power (at the VCC12) pin. The ISL6549 creates its own
PVCC5 and VCC5 supplies for internal use. The POR
function continually monitors the input bias supply voltage at
the VCC12 and VCC5 pins. The POR function initiates soft-
start operation after both these supply voltages exceed their
POR rising threshold voltages.
Soft-Start
The POR function initiates the digital soft-start sequence. Both
the linear regulator error amplifier and PWM error amplifier
reference inputs are forced to track a voltage level
proportional to the soft-start voltage. As the soft-start voltage
slews up, the PWM comparator regulates the output relative
to the tracked soft-start voltage, slowly charging the output
capacitor(s). Simultaneously, the linear output follows the
smooth ramp of the soft-start function into normal regulation.
Figure 1 shows the soft-start sequence. Both the VCC12 and
VCC5 pins must be above their respective rising POR trip
points. In most cases, as shown here, the last one exceeding
its threshold is the VCC12 around 9.5V. The ramp time is
based on the internal oscillator period multiplied by 4096. So
for a 600kHz (1.67µs) example, the soft-start ramp time would
be 6.8ms.
Figure 2 shows more detail of the output ramps, by increasing
the time and voltage resolution. The clock for the DAC
producing the steps is approximately 9.4kHz (600kHz/64), so
each step is just over 100µs long. The step voltage is 1/64 of
the final value for each output; around 31mV for VOUT1 and
15.6mV for VOUT2 in this example. By providing many small
steps of voltage (and current) that effectively charge the
output capacitor, the potentially large peak current resulting
from a sudden, uncontrolled voltage rise are eliminated, by
spreading it out over the whole ramp time.
FIGURE 1. 12V POWER-UP INTO SOFT-START
GND>
GND>
GND>
VOUT1 (1V/DIV)
VCC12 (2V/DIV)
GND>
VCC12 > 9.5V
VCC5 (2V/DIV)
VOUT2 (1V/DIV)
ISL6549


Similar Part No. - ISL6549CBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6549CBZ RENESAS-ISL6549CBZ Datasheet
854Kb / 18P
   Single 12V Input Supply Dual Regulator ?봖ynchronous Rectified Buck PWM and Linear Power Controller
More results

Similar Description - ISL6549CBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6549 RENESAS-ISL6549 Datasheet
854Kb / 18P
   Single 12V Input Supply Dual Regulator ?봖ynchronous Rectified Buck PWM and Linear Power Controller
logo
uPI Group Inc.
UP6161 UPI-UP6161 Datasheet
500Kb / 15P
   Single 12V Input Supply Dual Regulator - Synchronous-Buck-PWM and Linear-Regulator Controller
logo
Intersil Corporation
ISL6529 INTERSIL-ISL6529 Datasheet
623Kb / 19P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
ISL6529A INTERSIL-ISL6529A Datasheet
376Kb / 15P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
logo
Richtek Technology Corp...
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218B RICHTEK-RT9218B Datasheet
389Kb / 17P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259 RICHTEK-RT9259 Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259A RICHTEK-RT9259A Datasheet
243Kb / 14P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Renesas Technology Corp
ISL6529 RENESAS-ISL6529 Datasheet
1Mb / 20P
   Dual Regulator?밪ynchronous Rectified Buck PWM and Linear Power Controllers
logo
uPI Group Inc.
UP9305 UPI-UP9305 Datasheet
313Kb / 16P
   5V/12V Synchronous-Rectified Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com