Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6421AER Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6421AER
Description  Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6421AER Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6421AER Datasheet HTML 2Page - Intersil Corporation ISL6421AER Datasheet HTML 3Page - Intersil Corporation ISL6421AER Datasheet HTML 4Page - Intersil Corporation ISL6421AER Datasheet HTML 5Page - Intersil Corporation ISL6421AER Datasheet HTML 6Page - Intersil Corporation ISL6421AER Datasheet HTML 7Page - Intersil Corporation ISL6421AER Datasheet HTML 8Page - Intersil Corporation ISL6421AER Datasheet HTML 9Page - Intersil Corporation ISL6421AER Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FN9167.3
March 9, 2006
Functional Description
The ISL6421A is a single output voltage regulator controlled
by an I2C bus, making it an ideal choice for advanced
satellite set-top box and personal video recorder
applications. Both supply and control voltage outputs for a
low noise block (LNB) are available simultaneously in any
output configuration. The device utilizes a built-in DC/DC
step-converter which, from a single supply source ranging
from 8V to 14V, generates the voltage that enables the linear
post-regulator to work with a minimum of dissipated power.
An undervoltage lockout circuit disables the circuit when
VCC drops below a fixed threshold (7.5V typ).
DiSEqC Encoding
The internal oscillator is factory-trimmed to provide a tone of
22kHz in accordance with DiSeqC standards. No further
adjustment is required. The 22kHz oscillator can be
controlled either by the I2C interface (ENT bit) or by a
dedicated pin (DSQIN) that allows immediate DiSEqC data
encoding for the LNB. All the functions of this IC are
controlled via the I2C bus by writing to the system registers
(SR). The same registers can be read back, and two bits will
report the diagnostic status. The internal oscillator operates
the converters at ten times the tone frequency. The device
offers full I2C compatible functionality, 3.3V or 5V, and up to
400kHz operation.
If the Tone Enable (ENT) bit is set LOW through I2C, then
the DSQIN terminal activates the internal tone signal,
modulating the dc output with a 0.3V, 22kHz, symmetrical
waveform. The presence of this signal usually gives the LNB
information about the band to be received.
Burst coding of the 22kHz tone can be accomplished due to
the fast response of the DSQIN input and rapid tone
response. This allows implementation of the DiSEqC
(EUTELSAT) protocols.
When the ENT bit is set HIGH, a continuous 22kHz tone is
generated regardless of the DSQIN pin logic status. The
ENT bit must be set LOW when the DSQIN pin is used for
DiSEqC encoding.
Linear Regulator
The output linear regulator will sink and source current. This
feature allows full modulation capability into capacitive loads
as high as 0.25
µF. In order to minimize the power
dissipation, the output voltage of the internal step-up
converter is adjusted to allow the linear regulator to work at
minimum dropout.
When the device is put in the shutdown mode (EN = LOW),
the PWM power block is disabled. When the regulator block
is active (EN = HIGH), the output can be logic controlled to
be 13V or 18V (typical) by means of the VSEL bit (Voltage
Select) for remote controlling of non-DiSEqC LNBs.
Additionally, it is possible to increment by 1V (typical) the
selected voltage value to compensate for the excess voltage
drop along the coaxial cable (LLC bit HIGH).
Output Timing
The programmed output voltage rise and fall times can be
set by an external capacitor. The output rise and fall times
will be approximately 3400 times the TCAP value. For the
recommended range of 0.47
µF to 2.2µF, the rise and fall
time would be 1.6ms to 7.6ms. Using a 0.47
µF capacitor
insures the PWM stays below its overcurrent threshold when
charging a 120
µF VSW filter cap during the worst case 13V
to 19V transition. A typical value of 1.0
µF is recommended.
This feature affects the programmed voltage rise and fall
times.
Current Limiting
The current limiting block can operate either statically
(simple current clamp) or dynamically. The threshold is
between 500mA and 625mA. When the DCL (Dynamic
Current Limiting) bit is set to LOW, the overcurrent protection
circuit works dynamically. That is, as soon as an overload is
detected, the output is shut down for a time TOFF, typically
VCC
Main power supply to the chip.
GATE
This is the device output of the PWM. This high current driver output is capable of driving the gate of a power FET.
This output is actively held low when Vcc is below the UVLO threshold.
VOUT
Output voltage for the LNB.
ADDRESS
Address pin to select two different addresses per voltage level at this pin.
COMP
Error amp output used for compensation.
FB
Feedback pin for the PWM.
CPVOUT, CPSWIN,
CPSWOUT
Charge pump connections.
SEL18V
When connected HIGH, this pin will change the output of the PWM to 18V. Only available on the QFN package option.
Functional Pin Description (Continued)
SYMBOL
FUNCTION
ISL6421A


Similar Part No. - ISL6421AER

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6421AER INTERSIL-ISL6421AER Datasheet
406Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
ISL6421AER INTERSIL-ISL6421AER Datasheet
430Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
March 9, 2006
logo
Renesas Technology Corp
ISL6421AER RENESAS-ISL6421AER Datasheet
701Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
logo
Intersil Corporation
ISL6421AER-T INTERSIL-ISL6421AER-T Datasheet
406Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
ISL6421AERZ INTERSIL-ISL6421AERZ Datasheet
406Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
More results

Similar Description - ISL6421AER

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6423B INTERSIL-ISL6423B Datasheet
246Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6421 INTERSIL-ISL6421 Datasheet
261Kb / 10P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
logo
Renesas Technology Corp
ISL6425 RENESAS-ISL6425 Datasheet
586Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
ISL6423B RENESAS-ISL6423B Datasheet
710Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
logo
Intersil Corporation
ISL6423B INTERSIL-ISL6423B_14 Datasheet
264Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
April 10, 2007
logo
Renesas Technology Corp
ISL6421A RENESAS-ISL6421A Datasheet
701Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
logo
Intersil Corporation
ISL6421A INTERSIL-ISL6421A Datasheet
406Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
ISL6425 INTERSIL-ISL6425 Datasheet
285Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
ISL6421AER INTERSIL-ISL6421AER Datasheet
430Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
March 9, 2006
logo
Renesas Technology Corp
ISL9492 RENESAS-ISL9492 Datasheet
1Mb / 21P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Satellite Set-Top Box Designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com