Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6421A Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6421A
Description  Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6421A Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6421A Datasheet HTML 4Page - Intersil Corporation ISL6421A Datasheet HTML 5Page - Intersil Corporation ISL6421A Datasheet HTML 6Page - Intersil Corporation ISL6421A Datasheet HTML 7Page - Intersil Corporation ISL6421A Datasheet HTML 8Page - Intersil Corporation ISL6421A Datasheet HTML 9Page - Intersil Corporation ISL6421A Datasheet HTML 10Page - Intersil Corporation ISL6421A Datasheet HTML 11Page - Intersil Corporation ISL6421A Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FN9167.3
March 9, 2006
Received Data (I2C Bus Read Mode)
The ISL6421A can provide to the master a copy of the
System Register information via the I2C bus in read mode.
The read mode is Master activated by sending the chip
address with R/W bit set to 1. At the following Master
generated clock bits, the ISL6421A issues a byte on the
SDA data bus line (MSB transmitted first).
At the ninth clock bit the MCU master can:
• Acknowledge the reception, starting in this way the
transmission of another byte from the ISL6421A.
• Not acknowledge, stopping the read mode
communication.
While the whole register is read back by the microprocessor,
only the two read-only bits, OLF and OTF, convey diagnostic
information about the ISL6421A.
Power-On I2C Interface Reset
The I2C interface built into the ISL6421A is automatically
reset at power-on. The I2C interface block will receive a
Power OK logic signal from the UVLO circuit. This signal will
go HIGH when chip power is OK. As long as this signal is
LOW, the interface will not respond to any I2C commands
and the system register SR is initialized to all zeros, thus
keeping the power blocks disabled.
Once Vcc rises above the UVLO level, the POWER OK
signal given to the I2C interface block will be HIGH, the I2C
interface becomes operative and the SR can be configured
by the main microprocessor. About 400mV of hysteresis is
provided in the UVLO threshold to avoid false triggering of
the Power-On reset circuit.
(I2C comes up with EN = 0, EN goes HIGH at the same time
as (or later than) all other I2C data for the PWM becomes
valid).
ADDRESS Pin
Connecting this pin to GND forces the chip I2C interface
address to 0001000; applying a voltage >2.7V forces the
address to 0001001, as shown below.
I2C Electrical Specifications
TABLE 6. READING SYSTEM REGISTERS
DCL ISEL ENT LLC VSEL EN OTF OLF
FUNCTION
These bits are read as they were
after the last write operation.
0Tj
≤ 130°C, Normal
operation
1
Tj > 150°C, Power
blocks disabled
0 Iout < Imax, Normal
operation
1 Iout > Imax, Overload
protection triggered
TABLE 7. ADDRESS PIN CHARACTERISTICS
Vaddr
MIN
TYP
MAX
Vaddr-1
“0001000”
0V
-
2.0V
Vaddr-2
“0001001”
2.7V
-
5.0V
TABLE 8. I2C SPECIFICATIONS
PARAMETER
TEST CONDITION
MINIMUM
TYPICAL
MAXIMUM
Input Logic High, VIH
SDA, SCL
0.7 x VDD
Input Logic Low, VIL
SDA, SCL
0.3 x VDD
Input Logic Current, IIL
SDA, SCL; 0.4V < Vin < 4.5V
10
µA
SCL Clock Frequency
0
100kHz
400kHz
NOTE: VDD = 5.0V/3.3V.
ISL6421A


Similar Part No. - ISL6421A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6421A INTERSIL-ISL6421A Datasheet
406Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
logo
Renesas Technology Corp
ISL6421A RENESAS-ISL6421A Datasheet
701Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
logo
Intersil Corporation
ISL6421AER INTERSIL-ISL6421AER Datasheet
406Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
ISL6421AER INTERSIL-ISL6421AER Datasheet
430Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
March 9, 2006
logo
Renesas Technology Corp
ISL6421AER RENESAS-ISL6421AER Datasheet
701Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
More results

Similar Description - ISL6421A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6423B INTERSIL-ISL6423B Datasheet
246Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6421 INTERSIL-ISL6421 Datasheet
261Kb / 10P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
logo
Renesas Technology Corp
ISL6425 RENESAS-ISL6425 Datasheet
586Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
ISL6423B RENESAS-ISL6423B Datasheet
710Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
logo
Intersil Corporation
ISL6423B INTERSIL-ISL6423B_14 Datasheet
264Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
April 10, 2007
logo
Renesas Technology Corp
ISL6421A RENESAS-ISL6421A Datasheet
701Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
logo
Intersil Corporation
ISL6421A INTERSIL-ISL6421A Datasheet
406Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
ISL6425 INTERSIL-ISL6425 Datasheet
285Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
ISL6421AER INTERSIL-ISL6421AER Datasheet
430Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
March 9, 2006
logo
Renesas Technology Corp
ISL9492 RENESAS-ISL9492 Datasheet
1Mb / 21P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Satellite Set-Top Box Designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com