Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X40431S14-B Datasheet(PDF) 8 Page - Intersil Corporation

Part # X40431S14-B
Description  Triple Voltage Monitor with Integrated CPU Supervisor
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40431S14-B Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X40431S14-B Datasheet HTML 4Page - Intersil Corporation X40431S14-B Datasheet HTML 5Page - Intersil Corporation X40431S14-B Datasheet HTML 6Page - Intersil Corporation X40431S14-B Datasheet HTML 7Page - Intersil Corporation X40431S14-B Datasheet HTML 8Page - Intersil Corporation X40431S14-B Datasheet HTML 9Page - Intersil Corporation X40431S14-B Datasheet HTML 10Page - Intersil Corporation X40431S14-B Datasheet HTML 11Page - Intersil Corporation X40431S14-B Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8
FN8251.1
May 24, 2006
Figure 2. Two Uses of Multiple Voltage Monitoring
Figure 3. VTRIPX Set/Reset Conditions
WATCHDOG TIMER
The Watchdog Timer circuit monitors the microproces-
sor activity by monitoring the SDA and SCL pins. A
standard read or write sequence to any slave address
byte restarts the watchdog timer and prevents the
WDO signal going active. A minimum sequence to
reset the watchdog timer requires four microprocessor
instructions namely, a Start, Clock Low, Clock High
and Stop. The state of two nonvolatile control bits in
the Status Register determine the watchdog timer
period. The microprocessor can change these watch-
dog bits by writing to the X40430, X40431, X40434,
X40435 control register (also refer to page 20).
Figure 4. Watchdog Restart
V1, V2 AND V3 THRESHOLD PROGRAM
PROCEDURE (OPTIONAL)
The X40430 is shipped with standard V1, V2 and V3
threshold (VTRIP1, VTRIP2, VTRIP3) voltages. These
values will not change over normal operating and stor-
age conditions. However, in applications where the
standard thresholds are not exactly right, or if higher
precision is needed in the threshold value, the X40430,
X40431, X40434, X40435 trip points may be adjusted.
The procedure is described in the following situation,
and uses the application of a high voltage control sig-
nal.
6-10V
VCC
5V
V3MON
X40431-A
Unreg.
Supply
VCC
X40431-B
RESET
V2FAIL
System
VCC
Reset
V2FAIL
V3FAIL
System
Reset
Notice: No external components required to monitor three voltages.
1M
V3MON
V3FAIL
V2MON
5V
Reg
3.0V
Reg
1.8V
Reg
3.3V
390K
V2MON
RESET
Power
Fail
Interrupt
VCC
(1.7V)
VCC/V2MON/V3MON
VTRIPX
VP
tWC
A0h
0
7
70
7
0
SCL
WDO
SDA
(X = 1, 2, 3)
00h
SCL
SDA
.6µs
1.3µs
WDT Reset
Start
Stop
X40430, X40431, X40434, X40435


Similar Part No. - X40431S14-B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40431S14-B INTERSIL-X40431S14-B Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Xicor Inc.
X40431S14-B XICOR-X40431S14-B Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
More results

Similar Description - X40431S14-B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_13 Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_06 Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
logo
Xicor Inc.
X40430 XICOR-X40430 Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40030 INTERSIL-X40030 Datasheet
322Kb / 21P
   Triple Voltage Monitor with Intergrated CPU Supervisor
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Xicor Inc.
X40010 XICOR-X40010 Datasheet
124Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com