Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS6410B Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FMS6410B
Description  Dual-Channel Video Drivers with Integrated Filters and Composite Video Summer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6410B Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FMS6410B_06 Datasheet HTML 1Page - Fairchild Semiconductor FMS6410B_06 Datasheet HTML 2Page - Fairchild Semiconductor FMS6410B_06 Datasheet HTML 3Page - Fairchild Semiconductor FMS6410B_06 Datasheet HTML 4Page - Fairchild Semiconductor FMS6410B_06 Datasheet HTML 5Page - Fairchild Semiconductor FMS6410B_06 Datasheet HTML 6Page - Fairchild Semiconductor FMS6410B_06 Datasheet HTML 7Page - Fairchild Semiconductor FMS6410B_06 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6410B Rev. 1.0.2
3
Absolute Maximum Ratings
The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. The
device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables
are not guaranteed at the absolute maximum ratings. The “Recommended Operating Conditions” table defines the
conditions for actual device operation.
Reliability Information
Recommended Operating Conditions
Parameter
Min.
Max.
Unit
DC Supply Voltage
-0.3
6.0
V
Analog and Digital I/O
-0.3
Vcc + 0.3
V
Output Current Any One Channel, Do Not Exceed
40
mA
Symbol
Parameter
Min.
Typ.
Max.
Unit
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature Range
-65
150
°C
TL
Lead Temperature (Soldering, 10s)
300
°C
Θ
JA
Thermal Resistance, JEDEC Standard Multi-Layer Test Boards, Still Air
115
°C/W
Symbol
Parameter
Min.
Typ.
Max.
Unit
TA
Operating Temperature Range
0
70
°C
VCC
Supply Voltage Range
4.75
5.00
5.25
V


Similar Part No. - FMS6410B_06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6410BCS FAIRCHILD-FMS6410BCS Datasheet
78Kb / 8P
   Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
logo
ON Semiconductor
FMS6410BCS ONSEMI-FMS6410BCS Datasheet
335Kb / 10P
   Dual-Channel Video Drivers
October 2006 Rev. 1.0.2
logo
Fairchild Semiconductor
FMS6410BCSX FAIRCHILD-FMS6410BCSX Datasheet
78Kb / 8P
   Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
logo
ON Semiconductor
FMS6410BCSX ONSEMI-FMS6410BCSX Datasheet
335Kb / 10P
   Dual-Channel Video Drivers
October 2006 Rev. 1.0.2
More results

Similar Description - FMS6410B_06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6400-1 FAIRCHILD-FMS6400-1 Datasheet
82Kb / 8P
   Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6400 FAIRCHILD-FMS6400 Datasheet
79Kb / 8P
   Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6410 FAIRCHILD-FMS6410 Datasheet
317Kb / 9P
   Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6410B FAIRCHILD-FMS6410B Datasheet
78Kb / 8P
   Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6414 FAIRCHILD-FMS6414 Datasheet
34Kb / 7P
   Dual Channel Video Drivers with Integrated Filters
FMS6410 FAIRCHILD-FMS6410_04 Datasheet
110Kb / 9P
   Dual Channel Video Drivers with Integrated Filters
logo
ON Semiconductor
FMS6410B ONSEMI-FMS6410B Datasheet
335Kb / 10P
   Dual-Channel Video Drivers
October 2006 Rev. 1.0.2
logo
Maxim Integrated Produc...
MAX7481 MAXIM-MAX7481 Datasheet
860Kb / 13P
   Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices
Rev 0; 11/06
MAX7442 MAXIM-MAX7442 Datasheet
250Kb / 7P
   6-Channel Integrated Video Reconstruction Filters
Rev 0; 1/03
logo
Fairchild Semiconductor
ML6428 FAIRCHILD-ML6428 Datasheet
161Kb / 10P
   S-Video Filter and 75 ??Line Drivers with Summed Composite Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com