Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6843 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6843
Description  Improved Industry Standard Single-Ended Current Mode PWM Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6843 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6843 Datasheet HTML 2Page - Intersil Corporation ISL6843 Datasheet HTML 3Page - Intersil Corporation ISL6843 Datasheet HTML 4Page - Intersil Corporation ISL6843 Datasheet HTML 5Page - Intersil Corporation ISL6843 Datasheet HTML 6Page - Intersil Corporation ISL6843 Datasheet HTML 7Page - Intersil Corporation ISL6843 Datasheet HTML 8Page - Intersil Corporation ISL6843 Datasheet HTML 9Page - Intersil Corporation ISL6843 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FN9124.8
April 16, 2007
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . GND - 0.3V to +20.0V
OUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to VDD + 0.3V
Signal Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to 6.0V
Peak GATE Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1A
ESD Classification
Human Body Model (Per MIL-STD-883 Method 3015.7) . . .2000V
Charged Device Model (Per EOS/ESD DS5.3, 4/14/93) . . .1000V
Operating Conditions
Temperature Range
ISL684xIx . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +105°C
Supply Voltage Range (Typical, Note 3)
ISL6840, ISL6841 . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7.5V to 14V
ISL6843, ISL6845. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9V to 16V
ISL6842, ISL6844. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V to 18V
Thermal Resistance (Typical, Note 1, )
θJA (°C/W) θJC (°C/W)
DFN Package (Note 2). . . . . . . . . . . . .
77
6
SOIC Package . . . . . . . . . . . . . . . . . . .
100
N/A
MSOP Package . . . . . . . . . . . . . . . . . .
130
N/A
Maximum Junction Temperature . . . . . . . . . . . . . . . -55°C to +150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . +300°C
(SOIC- Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
+150°C max junction temperature is intended for short periods of time to prevent shortening the lifetime. Constantly operated at +150°C may shorten the life of the part.
NOTES:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
3. All voltages are with respect to GND.
Electrical Specifications
Recommended operating conditions unless otherwise noted. Refer to Block Diagram and Typical Application
schematic on page 3 and page 4. VDD = 15V (Note 7), Rt = 10kΩ, Ct = 3.3nF, TA = -40 to +105°C (Note 4),
Typical values are at TA = +25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
UNDERVOLTAGE LOCKOUT
START Threshold (ISL6840, ISL6841)
6.5
7.0
7.5
V
START Threshold (ISL6843, ISL6845)
7.8
8.4
9.0
V
START Threshold (ISL6842, ISL6844)
13.3
14.3
15.3
V
STOP Threshold (ISL6840, ISL6841)
6.1
6.6
6.9
V
STOP Threshold (ISL6843, ISL6845)
6.7
7.2
7.7
V
STOP Threshold (ISL6842, ISL6844)
8.0
8.8
9.6
V
Hysteresis (ISL6840, ISL6841)
-
0.4
-
V
Hysteresis (ISL6843, ISL6845)
-
0.8
-
V
Hysteresis (ISL6842, ISL6844)
-
5.4
-
V
Startup Current, IDD
VDD < START Threshold
-
60
100
μA
Operating Current, IDD
(Note 5)
-
3.3
4.0
mA
Operating Supply Current, ID
Includes 1nF GATE loading
-
4.1
5.5
mA
REFERENCE VOLTAGE
Overall Accuracy
Over line (VDD = 12V to 18V), load,
temperature
4.925
5.000
5.050
V
Long Term Stability
TA = +125°C, 1000 hours (Note 6)
-
5
-
mV
Fault Voltage
4.40
4.65
4.85
V
VREF Good Voltage
4.60
4.80
VREF - 0.05
V
Hysteresis
50
165
250
mV
Current Limit, Sourcing
-20
-
-
mA
Current Limit, Sinking
5
-
-
mA
ISL6840, ISL6841, ISL6842, ISL6843, ISL6844, ISL6845


Similar Part No. - ISL6843

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6843 INTERSIL-ISL6843 Datasheet
264Kb / 9P
   Improved Industry Standard Single Ended Current Mode PWM Controller
ISL6843 INTERSIL-ISL6843 Datasheet
287Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6843 INTERSIL-ISL6843 Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6843 INTERSIL-ISL6843 Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended
ISL6843 INTERSIL-ISL6843 Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
February 23, 2012
More results

Similar Description - ISL6843

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6840IRZ-T INTERSIL-ISL6840IRZ-T Datasheet
372Kb / 14P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
September 29, 2015
ISL6843CBZ-T INTERSIL-ISL6843CBZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6843IBZ-T INTERSIL-ISL6843IBZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6842 INTERSIL-ISL6842 Datasheet
264Kb / 9P
   Improved Industry Standard Single Ended Current Mode PWM Controller
ISL78215 INTERSIL-ISL78215 Datasheet
231Kb / 11P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6840 INTERSIL-ISL6840 Datasheet
287Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL6840 RENESAS-ISL6840 Datasheet
683Kb / 14P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
logo
Intersil Corporation
ISL6843IUZ-T INTERSIL-ISL6843IUZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6840IUZ-T INTERSIL-ISL6840IUZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
February 23, 2012
logo
Renesas Technology Corp
ISL78215 RENESAS-ISL78215 Datasheet
578Kb / 11P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com