Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6144IVZA Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6144IVZA
Description  High Voltage ORing MOSFET Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6144IVZA Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6144IVZA Datasheet HTML 1Page - Intersil Corporation ISL6144IVZA Datasheet HTML 2Page - Intersil Corporation ISL6144IVZA Datasheet HTML 3Page - Intersil Corporation ISL6144IVZA Datasheet HTML 4Page - Intersil Corporation ISL6144IVZA Datasheet HTML 5Page - Intersil Corporation ISL6144IVZA Datasheet HTML 6Page - Intersil Corporation ISL6144IVZA Datasheet HTML 7Page - Intersil Corporation ISL6144IVZA Datasheet HTML 8Page - Intersil Corporation ISL6144IVZA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
FN9131.3
February 15, 2007
Simplified Block Diagram
10V TO 75V
SOURCE 2
D2*
HIGH
VOLTAGE
PASS
AND
CLAMPING
BIAS
AND
REF
-
+
20mV
HS
COMP
REG
AMPLIFIER
UV
COMP
0.6V
2A*
GATE LOGIC AND
CHARGE PUMP
GND
HVREF
VIN
GATE
VOUT
COMP
VSET
SOURCE 1
LOAD
C1
C2
R1
R2
0.2 mA
5.3V
LEVEL
SHIFT
FAULT
1.5mA
1.5mA
5.5V
0.1mA
DELAY
100µs
FAULT
DETECTION
F1**
F2**
R1 C2
R2
C1
ISL6144
GATE
GND
VIN
VOUT
COMP
HVREF
VSET
FAULT
10V TO 75V
-
+
* D1, D2 PARASITIC DIODES
**F1, F2 FUSES COULD ALSO BE PLACED
ON THE INPUT SIDE BEFORE THE VIN PIN. THIS
PLACEMENT DEPENDS ON POWER SYSTEM
ARCHITECTURE.
D1*
-
+
5mA
+
-
ISL6144


Similar Part No. - ISL6144IVZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6144IVZA INTERSIL-ISL6144IVZA Datasheet
1Mb / 29P
   High Voltage ORing MOSFET Controller
ISL6144IVZA INTERSIL-ISL6144IVZA Datasheet
1Mb / 30P
   High Voltage ORing MOSFET Controller
October 6, 2011
logo
Renesas Technology Corp
ISL6144IVZA RENESAS-ISL6144IVZA Datasheet
1Mb / 30P
   High Voltage ORing MOSFET Controller
More results

Similar Description - ISL6144IVZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6144 INTERSIL-ISL6144 Datasheet
1Mb / 29P
   High Voltage ORing MOSFET Controller
logo
Renesas Technology Corp
ISL6144 RENESAS-ISL6144 Datasheet
1Mb / 30P
   High Voltage ORing MOSFET Controller
logo
Intersil Corporation
ISL6144IVZA INTERSIL-ISL6144IVZA Datasheet
1Mb / 30P
   High Voltage ORing MOSFET Controller
October 6, 2011
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
   ACTIVE ORING MOSFET CONTROLLER
ZXGD3114N7 DIODES-ZXGD3114N7 Datasheet
472Kb / 11P
   600V ACTIVE ORING MOSFET CONTROLLER
logo
Intersil Corporation
ISL6146 INTERSIL-ISL6146 Datasheet
1Mb / 23P
   Low Voltage ORing FET Controller
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
   Active ORing Controller
logo
Diodes Incorporated
ZXGD3108N8 DIODES-ZXGD3108N8 Datasheet
596Kb / 10P
   40V ACTIVE ORING MOSFET CONTROLLER IN SO8
April 2017
logo
International Rectifier
IR5001STRPBF IRF-IR5001STRPBF Datasheet
149Kb / 12P
   UNIVERSAL ACTIVE ORING CONTROLLER
IR5001S IRF-IR5001S Datasheet
149Kb / 12P
   UNIVERSAL ACTIVE ORING CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com