Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6209 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6209
Description  High Voltage Synchronous Rectified Buck MOSFET Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6209 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6209 Datasheet HTML 2Page - Intersil Corporation ISL6209 Datasheet HTML 3Page - Intersil Corporation ISL6209 Datasheet HTML 4Page - Intersil Corporation ISL6209 Datasheet HTML 5Page - Intersil Corporation ISL6209 Datasheet HTML 6Page - Intersil Corporation ISL6209 Datasheet HTML 7Page - Intersil Corporation ISL6209 Datasheet HTML 8Page - Intersil Corporation ISL6209 Datasheet HTML 9Page - Intersil Corporation ISL6209 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
shoot-through circuitry determines the lower gate delay time
tPDHLGATE. The upper MOSFET gate-to-source voltage is
monitored, and the lower gate is allowed to rise, after the
upper MOSFET gate-to-source voltage drops below 1V. The
lower gate then rises [tRLGATE], turning on the lower
MOSFET.
This driver is optimized for converters with large step down
ratio, such as those used in a mobile-computer core voltage
regulator. The lower MOSFET is usually sized much larger.
This driver is optimized for converters with large step down
compared to the upper MOSFET because the lower
MOSFET conducts for a much longer time in a switching
period. The lower gate driver is therefore sized much larger
to meet this application requirement. The 0.4
Ω on-resistance
and 4A sink current capability enable the lower gate driver to
absorb the current injected to the lower gate through the
drain-to-gate capacitor of the lower MOSFET and prevent a
shoot through caused by the high dv/dt of the phase node.
Three-State PWM Input
A unique feature of the ISL6209 and other Intersil drivers is
the addition of a shutdown window to the PWM input. If the
PWM signal enters and remains within the shutdown window
for a set holdoff time, the output drivers are disabled and
both MOSFET gates are pulled and held low. The shutdown
state is removed when the PWM signal moves outside the
shutdown window. Otherwise, the PWM rising and falling
thresholds outlined in the ELECTRICAL SPECIFICATIONS
determine when the lower and upper gates are enabled.
During start-up, PWM should be in the three-state position
(1/2 VCC) until actively driven by the controller IC.
Shoot-Through Protection
The ISL6209 driver delivers shoot-through protection by
incorporating gate threshold monitoring and programmable
dead-time to prevent upper and lower MOSFETs from
conducting simultaneously, thereby shorting the input supply
to ground. Gate threshold monitoring ensures that one gate
is OFF before the other is allowed to turn ON.
During turn-off of the lower MOSFET, the LGATE voltage is
monitored until it reaches a 1V threshold, at which time the
UGATE is released to rise. Internal circuitry monitors the
upper MOSFET gate-to-source voltage during UGATE
turn-off. Once the upper MOSFET gate-to-source voltage
has dropped below a threshold of 1V, the LGATE is allowed
to rise.
In addition to gate threshold monitoring, a programmable
delay between MOSFET switching can be accomplished by
placing a resistor from the DELAY pin to ground. This delay
allows for maximum design flexibility over MOSFET
selection. The delay can be programmed from 5ns to 50ns. If
not desired, the DELAY pin must be tied to VCC to disable
the delay circuitry. Gate threshold monitoring is not affected
by the addition or removal of the additional dead-time. Refer
to Figure 3 and Figure 4 for more detail.
4
1V
FCCM = VCC or GND
GATE A
GATE B
1V
FCCM = RESISTOR to VCC or GND
tdelay = 5n - 50ns
GATE A
GATE B
FIGURE 3. PROGRAMMABLE DEAD-TIME
Adaptive Shoot-Through Protection
Adaptive Protection with Delay
50
45
40
35
30
25
20
15
10
5
0
050
200
100
150
250
300
RDELAY (kΩ)
tDELAY
FIGURE 4.
ADDITIONAL PROGRAMMED DEAD-TIME
(tDELAY) vs DELAY RESISTOR VALUE
ISL6209


Similar Part No. - ISL6209

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6209 INTERSIL-ISL6209 Datasheet
347Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
ISL6209 RENESAS-ISL6209 Datasheet
1Mb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
logo
Intersil Corporation
ISL6209CB INTERSIL-ISL6209CB Datasheet
347Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
ISL6209CB RENESAS-ISL6209CB Datasheet
1Mb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
logo
Intersil Corporation
ISL6209CB-T INTERSIL-ISL6209CB-T Datasheet
347Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
More results

Similar Description - ISL6209

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6208 INTERSIL-ISL6208 Datasheet
1Mb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6206 INTERSIL-ISL6206 Datasheet
97Kb / 6P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL95808HRZ-T INTERSIL-ISL95808HRZ-T Datasheet
292Kb / 9P
   High Voltage Synchronous Rectified Buck MOSFET Driver
June 29, 2015
logo
Richtek Technology Corp...
RT9610C RICHTEK-RT9610C Datasheet
158Kb / 12P
   High Voltage Synchronous Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
ISL6207 RENESAS-ISL6207 Datasheet
511Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208A RENESAS-ISL6208A Datasheet
555Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
February 15, 2006
logo
Intersil Corporation
ISL6205 INTERSIL-ISL6205 Datasheet
419Kb / 6P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208A INTERSIL-ISL6208A Datasheet
353Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208 INTERSIL-ISL6208_07 Datasheet
1Mb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6207 INTERSIL-ISL6207 Datasheet
292Kb / 9P
   High Voltage Synchronous Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com