Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6227IRZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6227IRZ
Description  Dual Mobile-Friendly PWM Controller with DDR Option
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6227IRZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6227IRZ Datasheet HTML 1Page - Intersil Corporation ISL6227IRZ Datasheet HTML 2Page - Intersil Corporation ISL6227IRZ Datasheet HTML 3Page - Intersil Corporation ISL6227IRZ Datasheet HTML 4Page - Intersil Corporation ISL6227IRZ Datasheet HTML 5Page - Intersil Corporation ISL6227IRZ Datasheet HTML 6Page - Intersil Corporation ISL6227IRZ Datasheet HTML 7Page - Intersil Corporation ISL6227IRZ Datasheet HTML 8Page - Intersil Corporation ISL6227IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
®
ISL6227
Dual Mobile-Friendly PWM Controller with
DDR Option
The ISL6227 dual PWM controller delivers high efficiency
precision voltage regulation from two synchronous buck DC/DC
converters. It was designed especially to provide power
regulation for DDR memory, chipsets, graphics and other
system electronics in Notebook PCs. The ISL6227’s wide
input voltage range capability allows for voltage conversion
directly from AC/DC adaptor or Li-Ion battery pack.
Automatic mode transition of constant-frequency synchronous
rectification at heavy load, and hysteretic (HYS) diode-
emulation at light load, assure high efficiency over a wide range
of conditions. The HYS mode of operation can be disabled
separately on each PWM converter if constant-frequency
continuous-conduction operation is desired for all load levels.
Efficiency is further enhanced by using the lower MOSFET
rDS(ON) as the current sense element.
Voltage-feed-forward ramp modulation, current mode control,
and internal feedback compensation provide fast response to
input voltage and load transients. Input current ripple is
minimized by channel-to-channel PWM phase shift of 0°, 90° or
180° (determined by input voltage and status of the DDR pin).
The ISL6227 can control two independent output voltages
adjustable from 0.9V to 5.5V, or by activating the DDR pin,
transform into a complete DDR memory power supply solution.
In DDR mode, CH2 output voltage VTT tracks CH1 output
voltage VDDQ. CH2 output can both source and sink current, an
essential power supply feature for DDR memory. The reference
voltage VREF required by DDR memory is generated as well.
In dual power supply applications the ISL6227 monitors the
output voltage of both CH1 and CH2. An independent PGOOD
(power good) signal is asserted for each channel after the
soft-start sequence has completed, and the output voltage is
within PGOOD window. In DDR mode CH1 generates the only
PGOOD signal.
Built-in overvoltage protection prevents the output from going
above 115% of the set point by holding the lower MOSFET on
and the upper MOSFET off. When the output voltage re-enters
regulation, PGOOD will go HIGH and normal operation
automatically resumes. Once the soft-start sequence has
completed, undervoltage protection latches the offending
channel off if the output drops below 75% of its set point value.
Adjustable overcurrent protection (OCP) monitors the voltage
drop across the rDS(ON) of the lower MOSFET. If more precise
current-sensing is required, an external current sense resistor
may be used.
Features
• Provides regulated output voltage in the range 0.9V–5.5V
• Operates from an input battery voltage range of 5V to 24V
or from 3.3V/5V system rail
• Complete DDR1 and DDR2 memory power solution with
VTT tracking VDDQ/2 and a VDDQ/2 buffered reference
output
• Flexible PWM or HYS plus PWM mode selection with HYS
diode emulation at light loads for higher system efficiency
•rDS(ON) current sensing
• Excellent dynamic response with voltage feed-forward and
current mode control accommodating wide range LC filter
selections
• Undervoltage lock-out on VCC pin
• Power-good, overcurrent, overvoltage, undervoltage
protection for both channels
• Synchronized 300kHz PWM operation in PWM mode
• Pb-free plus anneal available (RoHS compliant)
Applications
• Notebook PCs and Desknotes
• Tablet PCs/Slates
• Hand-held portable instruments
Ordering Information
PART #
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL6227CA
ISL6227CA
-10 to +100 28 Ld QSOP M28.15
ISL6227CAZ
(Note)
ISL6227CAZ
-10 to +100 28 Ld QSOP
(Pb-free)
M28.15
ISL6227IA
ISL6227IA
-40 to +100 28 Ld QSOP M28.15
ISL6227IAZ
(Note)
ISL6227IAZ
-40 to +100 28 Ld QSOP
(Pb-free)
M28.15
ISL6227HRZ
(Note)
ISL6227HRZ
-10 to +100 28 Ld QFN
(Pb-free)
L28.5x5
ISL6227IRZ
(Note)
ISL6227IRZ
-40 to +100 28 Ld QFN
(Pb-free)
L28.5x5
Add -T to part number for Tape and Reel
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte
tin plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2004-2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
December 21, 2006
Data Sheet
FN9094.4


Similar Part No. - ISL6227IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6227IRZ INTERSIL-ISL6227IRZ Datasheet
840Kb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Renesas Technology Corp
ISL6227IRZ RENESAS-ISL6227IRZ Datasheet
1Mb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
More results

Similar Description - ISL6227IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Renesas Technology Corp
ISL6227 RENESAS-ISL6227 Datasheet
1Mb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227 Datasheet
840Kb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6225 INTERSIL-ISL6225 Datasheet
522Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
logo
Renesas Technology Corp
ISL6225 RENESAS-ISL6225 Datasheet
851Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Anpec Electronics Corop...
APW7108 ANPEC-APW7108 Datasheet
746Kb / 28P
   Dual Mobile-Friendly PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com