Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6605IBZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6605IBZ
Description  Synchronous Rectified MOSFET Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6605IBZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6605IBZ Datasheet HTML 1Page - Intersil Corporation ISL6605IBZ Datasheet HTML 2Page - Intersil Corporation ISL6605IBZ Datasheet HTML 3Page - Intersil Corporation ISL6605IBZ Datasheet HTML 4Page - Intersil Corporation ISL6605IBZ Datasheet HTML 5Page - Intersil Corporation ISL6605IBZ Datasheet HTML 6Page - Intersil Corporation ISL6605IBZ Datasheet HTML 7Page - Intersil Corporation ISL6605IBZ Datasheet HTML 8Page - Intersil Corporation ISL6605IBZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
®
FN9091.7
ISL6605
Synchronous Rectified MOSFET Driver
The ISL6605 is a high frequency, MOSFET driver optimized
to drive two N-Channel power MOSFETs in a synchronous-
rectified buck converter topology. This driver combined with
an Intersil HIP63xx or ISL65xx Multi-Phase Buck PWM
controller forms a complete single-stage core-voltage
regulator solution with high efficiency performance at high
switching frequency for advanced microprocessors.
The IC is biased by a single low voltage supply (5V) and
minimizes low driver switching losses for high MOSFET gate
capacitance and high switching frequency applications.
Each driver is capable of driving a 3000pF load with an 8ns
propagation delay and less than 10ns transition time. This
product implements bootstrapping on the upper gate with an
internal bootstrap Schottky diode, reducing implementation
cost, complexity, and allowing the use of higher
performance, cost effective N-Channel MOSFETs. Adaptive
shoot-through protection is integrated to prevent both
MOSFETs from conducting simultaneously.
The ISL6605 features 4A typical sink current for the lower
gate driver, which is capable of holding the lower MOSFET
gate during the Phase node rising edge to prevent shoot-
through power loss caused by the high dv/dt of the Phase
node.
The ISL6605 also features a Three-State PWM input that,
working together with Intersil multi-phase PWM controllers,
will prevent a negative transient on the output voltage when
the output is being shut down. This feature eliminates the
Schottky diode that is usually seen in a microprocessor
power system for protecting the microprocessor from
reversed-output-voltage damage.
Features
• Drives Two N-Channel MOSFETs
• Adaptive Shoot-Through Protection
•0.4
Ω On-Resistance and 4A Sink Current Capability
• Supports High Switching Frequency
- Fast Output Rise and Fall Time
- Ultra Low Propagation Delay 8ns
• Three-State PWM Input for Power Stage Shutdown
• Internal Bootstrap Schottky Diode
• Low Bias Supply Current (5V, 30µA)
• Enable Input
• QFN Package
- Compliant to JEDEC PUB95 MO-220 QFN-Quad Flat
No Leads-Product Outline.
- Near Chip-Scale Package Footprint; Improves PCB
Efficiency and Thinner in Profile.
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Core Voltage Supplies for Intel® and AMD®
Microprocessors
• High Frequency Low Profile DC/DC Converters
• High Current Low Voltage DC/DC Converters
• Synchronous Rectification for Isolated Power Supplies
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
Pinouts
ISL6605
(8 LD SOIC)
TOP VIEW
ISL6605
(8 LD QFN)
TOP VIEW
UGATE
BOOT
PWM
GND
1
2
3
4
8
7
6
5
PHASE
EN
VCC
LGATE
BOOT
EN
VCC
PWM
7
8
4
3
1
2
6
5
6
Data Sheet
May 9, 2006
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774 Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002-2006. All Rights Reserved
Intel® is a registered trademark of Intel Corporation. AMD® is a registered trademark of Advanced Micro Devices, Inc.
All other trademarks mentioned are the property of their respective owners.
FOR
NEW
DESI
GNS,
INTE
RSIL
RECO
MME
NDS
DRO
P-IN
ENHA
NCED
PROD
UCT
- ISL6
609


Similar Part No. - ISL6605IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6605IBZ INTERSIL-ISL6605IBZ Datasheet
302Kb / 9P
   Synchronous Rectified MOSFET Driver
ISL6605IBZ INTERSIL-ISL6605IBZ Datasheet
266Kb / 9P
   Synchronous Rectified MOSFET Driver
May 9, 2006
logo
Renesas Technology Corp
ISL6605IBZ RENESAS-ISL6605IBZ Datasheet
562Kb / 10P
   Synchronous Rectified MOSFET Driver
logo
Intersil Corporation
ISL6605IBZA INTERSIL-ISL6605IBZA Datasheet
302Kb / 9P
   Synchronous Rectified MOSFET Driver
ISL6605IBZA INTERSIL-ISL6605IBZA Datasheet
266Kb / 9P
   Synchronous Rectified MOSFET Driver
May 9, 2006
More results

Similar Description - ISL6605IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6609CBZ INTERSIL-ISL6609CBZ Datasheet
1Mb / 12P
   Synchronous Rectified MOSFET Driver
April 27, 2009
ISL6605CB INTERSIL-ISL6605CB Datasheet
266Kb / 9P
   Synchronous Rectified MOSFET Driver
May 9, 2006
ISL6605 INTERSIL-ISL6605 Datasheet
302Kb / 9P
   Synchronous Rectified MOSFET Driver
ISL6596 INTERSIL-ISL6596 Datasheet
222Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6596CBZ INTERSIL-ISL6596CBZ Datasheet
219Kb / 11P
   Synchronous Rectified MOSFET Driver
January 22, 2010
logo
Renesas Technology Corp
ISL6596 RENESAS-ISL6596 Datasheet
689Kb / 13P
   Synchronous Rectified MOSFET Driver
logo
Intersil Corporation
ISL6608 INTERSIL-ISL6608 Datasheet
332Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6609 INTERSIL-ISL6609_06 Datasheet
330Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6609 INTERSIL-ISL6609 Datasheet
1Mb / 12P
   Synchronous Rectified MOSFET Driver
logo
Renesas Technology Corp
ISL6605 RENESAS-ISL6605 Datasheet
562Kb / 10P
   Synchronous Rectified MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com