Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6227IAZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6227IAZ
Description  Dual Mobile-Friendly PWM Controller with DDR Option
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6227IAZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6227IAZ Datasheet HTML 6Page - Intersil Corporation ISL6227IAZ Datasheet HTML 7Page - Intersil Corporation ISL6227IAZ Datasheet HTML 8Page - Intersil Corporation ISL6227IAZ Datasheet HTML 9Page - Intersil Corporation ISL6227IAZ Datasheet HTML 10Page - Intersil Corporation ISL6227IAZ Datasheet HTML 11Page - Intersil Corporation ISL6227IAZ Datasheet HTML 12Page - Intersil Corporation ISL6227IAZ Datasheet HTML 13Page - Intersil Corporation ISL6227IAZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
FN9094.4
December 21, 2006
Functional Pin Description
GND
Signal ground for the IC.
LGATE1, LGATE2
These are the outputs of the lower MOSFET drivers.
PGND1, PGND2
These pins provide the return connection for lower gate
drivers, and are connected to sources of the lower
MOSFETs of their respective converters.
PHASE1, PHASE2
The PHASE1 and PHASE2 points are the junction points of
the upper MOSFET sources, output filter inductors, and
lower MOSFET drains. Connect these pins to the respective
converter’s upper MOSFET source.
UGATE1, UGATE2
These pins provide the gate drive for the upper MOSFETs.
BOOT1, BOOT2
These pins power the upper MOSFET drivers of the PWM
converter. Connect this pin to the junction of the bootstrap
capacitor with the cathode of the bootstrap diode. The anode
of the bootstrap diode is connected to the VCC voltage.
ISEN1, ISEN2
These pins are used to monitor the voltage drop across the
lower MOSFET for current feedback and Overcurrent
protection. For precise current detection these inputs can be
connected to the optional current sense resistors placed in
series with the source of the lower MOSFETs.
EN1, EN2
These pins enable operation of the respective converter
when high. When both pins are low, the chip is disabled and
only low leakage current is taken from VCC and VIN. EN1
and EN2 can be used independently to enable either
channel 1 or channel 2.
VOUT1, VOUT2
These pins, when connected to the converter’s respective
outputs, set the converter operating in a mixed hysteretic
mode or PWM mode, depending on the load conditions. It
also provides the voltage to the chip to clamp the PWM error
amplifier in hysteretic mode to achieve smooth HYS/PWM
transition. When connected to ground, these pins command
forced continuous conduction mode (PWM) at all load levels.
VSEN1, VSEN2
These pins are connected to the resistive dividers that set
the desired output voltage. The PGOOD, UVP, and OVP
circuits use this signal to report output voltage status.
OCSET1
This pin is a buffered 0.9V internal reference voltage. A
resistor from this pin to ground sets the overcurrent
threshold for the first controller.
SOFT1, SOFT2
These pins provide soft-start function for their respective
controllers. When the chip is enabled, the regulated 4.5µA
pull-up current source charges the capacitor connected from
the pin to ground. The output voltage of the converter follows
the ramping voltage on the SOFT pin in the soft-start
process with the SOFT pin voltage as reference. When the
SOFT pin voltage is higher than 0.9V, the error amplifier will
use the internal 0.9V reference to regulate output voltage.
In the event of undervoltage and overcurrent shutdown, the
soft-start pin is pulled down though a 2k resistor to ground to
discharge the soft-start capacitor.
DDR
When the DDR pin is low, the chip can be used as a dual
switcher controller. The output voltage of the two channels
can be programmed independently by VSENx pin resistor
dividers. The PWM signals of channel 1 and channel 2 will
be synchronized 180 degrees out-of-phase. When the DDR
pin is high, the chip transforms into a complete DDR memory
solution. The OCSET2 pin becomes an input through a
resistor divider tracking to VDDQ/2. The PG2/REF pin
becomes the output of the VDDQ/2 buffered voltage. The
VDDQ/2 voltage is also used as the reference to the error
amplifier by the second channel. The channel phase-shift
synchronization is determined by the VIN pin when DDR = 1
as described in VIN below.
VIN
This pin has multiple functions. When connected to battery
voltage, it provides battery voltage to the oscillator as a feed-
forward for the rejection of input voltage variation. The ramp
of the PWM comparator is proportional to the voltage on this
pin (see Table 1 and Table 2 for details). While the DDR pin
is high in the DDR application, and when the VIN pin voltage
is greater than 4.2 volt when connecting to a battery, it
commands 90° out-of-phase channel synchronization, with
the second channel lagging the first channel, to reduce
inter-channel interference. When the pin voltage is less than
4.2V, this pin commands in-phase channel synchronization.
PG1
PGOOD1 is an open drain output used to indicate the status
of the output voltage. This pin is pulled low when the first
channel output is out of -11% to +15% of the set value.
ISL6227


Similar Part No. - ISL6227IAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6227IAZ INTERSIL-ISL6227IAZ Datasheet
840Kb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Renesas Technology Corp
ISL6227IAZ RENESAS-ISL6227IAZ Datasheet
1Mb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
More results

Similar Description - ISL6227IAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Renesas Technology Corp
ISL6227 RENESAS-ISL6227 Datasheet
1Mb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227 Datasheet
840Kb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6225 INTERSIL-ISL6225 Datasheet
522Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
logo
Renesas Technology Corp
ISL6225 RENESAS-ISL6225 Datasheet
851Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Anpec Electronics Corop...
APW7108 ANPEC-APW7108 Datasheet
746Kb / 28P
   Dual Mobile-Friendly PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com