Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS6366 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FMS6366
Description  Selectable YPbPr HD/SD 4:2:2 Video Filter Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6366 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FMS6366 Datasheet HTML 3Page - Fairchild Semiconductor FMS6366 Datasheet HTML 4Page - Fairchild Semiconductor FMS6366 Datasheet HTML 5Page - Fairchild Semiconductor FMS6366 Datasheet HTML 6Page - Fairchild Semiconductor FMS6366 Datasheet HTML 7Page - Fairchild Semiconductor FMS6366 Datasheet HTML 8Page - Fairchild Semiconductor FMS6366 Datasheet HTML 9Page - Fairchild Semiconductor FMS6366 Datasheet HTML 10Page - Fairchild Semiconductor FMS6366 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
FMS6366 Rev. 2C
7
www.fairchildsemi.com
High Definition Typical Performance Characteristics
(TC = 25°C, Vi = 1Vpp; VCC = 5.0V, HD/N_SD = 1, RSOURCE = 37.5Ω, all inputs AC coupled with 0.1µF, all outputs AC coupled with
220µF into 150Ω, referenced to 400kHz; unless otherwise noted)
Figure 12. Frequency Response Pb, Pr
Figure 13. Frequency Response Y1, Y2, C, CV
-40
20
10
0
-10
-20
-30
400kHz
20
40
60
100
80
Frequency (MHz)
1
-25
10
5
0
-5
-10
-15
-20
400kHz
20
40
60
100
80
Frequency (MHz)
1
1 = 32MHz (-21.10ns)
1 = 32MHz (5.93ns)
Figure 14. Group Delay vs. Freq. Pb, Pr
Figure 15. Group Delay vs. Freq. Y1, Y2, C, CV
-70
10
0
-10
-20
-30
-40
-50
-60
400kHz
20
40
60
100
80
Frequency (MHz)
1
2
3
Mkr Frequency
Gain
Ref
400kHz
6dB
1
14.59MHz
-1dB BW
2
16.58MHz
-3dB BW
3
74.25MHz
-62.66dB
f
SB = Gain(ref) – Gain(3) = 68.66dB
10
0
-10
-20
-30
-40
-50
400kHz
20
40
60
100
80
Frequency (MHz)
1
2
3
Mkr Frequency
Gain
Ref
400kHz
6dB
1
26.57MHz
-1dB BW
2
32.07MHz
-3dB BW
3
74.25MHz
-35.36dB
f
SB = Gain(ref) – Gain(3) = 41.36dB


Similar Part No. - FMS6366

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6366 FAIRCHILD-FMS6366 Datasheet
517Kb / 7P
   Selectable YPbPr HD/SD 4:2:2 Video Filter Driver with Y, C and Composite Outputs
FMS6366MSA28 FAIRCHILD-FMS6366MSA28 Datasheet
517Kb / 7P
   Selectable YPbPr HD/SD 4:2:2 Video Filter Driver with Y, C and Composite Outputs
FMS6366MSA28X FAIRCHILD-FMS6366MSA28X Datasheet
517Kb / 7P
   Selectable YPbPr HD/SD 4:2:2 Video Filter Driver with Y, C and Composite Outputs
More results

Similar Description - FMS6366

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6366 FAIRCHILD-FMS6366 Datasheet
517Kb / 7P
   Selectable YPbPr HD/SD 4:2:2 Video Filter Driver with Y, C and Composite Outputs
FMS6418B FAIRCHILD-FMS6418B Datasheet
313Kb / 11P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB, YUV or YPbPr Signals
logo
SG Micro Corp
SGM9134 SGMICRO-SGM9134 Datasheet
330Kb / 12P
   4-Channel, Video Filter Driver for SD/HD
SGM9137 SGMICRO-SGM9137 Datasheet
332Kb / 12P
   4-Channel, Video Filter Driver for SD/HD
logo
ON Semiconductor
NCS2566 ONSEMI-NCS2566 Datasheet
220Kb / 13P
   Six-Channel Video Driver with Triple SD & Triple Selectable SD/HD Filters
September, 2009 ??Rev. 2
logo
Fairchild Semiconductor
FMS6403 FAIRCHILD-FMS6403_05 Datasheet
291Kb / 17P
   Triple Video Drivers with Selectable HD/PS/SD/ Bypass Filters for RGB and YPbPr Signals
logo
ON Semiconductor
NCS2564DTBGEVB ONSEMI-NCS2564DTBGEVB Datasheet
222Kb / 15P
   Four-Channel Video Driver with Selectable SD / HD Reconstruction Filters
April, 2011 ??Rev. 6
NCS2564 ONSEMI-NCS2564 Datasheet
220Kb / 15P
   Four-Channel Video Driver with Selectable SD / HD Reconstruction Filters
April, 2010 ??Rev. 5
logo
Fairchild Semiconductor
FMS6419 FAIRCHILD-FMS6419_05 Datasheet
125Kb / 10P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
FMS6419 FAIRCHILD-FMS6419 Datasheet
160Kb / 10P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com