Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6115 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6115
Description  Power Distribution Controllers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6115 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6115_07 Datasheet HTML 3Page - Intersil Corporation ISL6115_07 Datasheet HTML 4Page - Intersil Corporation ISL6115_07 Datasheet HTML 5Page - Intersil Corporation ISL6115_07 Datasheet HTML 6Page - Intersil Corporation ISL6115_07 Datasheet HTML 7Page - Intersil Corporation ISL6115_07 Datasheet HTML 8Page - Intersil Corporation ISL6115_07 Datasheet HTML 9Page - Intersil Corporation ISL6115_07 Datasheet HTML 10Page - Intersil Corporation ISL6115_07 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
February 6, 2007
Example
A typical -48V supply may vary from -36 to -72V. Therefore,
VBUS,MAX = -72V
VBUS,MIN = -36V
ICHIP = 15mA (max)
Sizing RCL:
RCL = (VBUS,MIN - 12)/IC
RCL = (36 - 12)/0.015
RCL = 1.6kΩ [Typical Value = 1.58kΩ]
Power Rating of RCL:
PRCL = IC(VBUS,MAX - 12)
PRCL = (0.015)(72 - 12)
PRCL = 0.9W [Typical Value = 1W]
DD1 Current Rating:
IDD1 = (VBUS,MAX - 12)/RCL
IDD1 = (72 - 12)/1.58kΩ
IDD1 = 38mA [Typical Value = 12V rating, 50mA reverse
current]
Typical Performance Curves
FIGURE 3. VDD BIAS CURRENT
FIGURE 4. ISET SOURCE CURRENT
FIGURE 5. CTIM CURRENT SOURCE
FIGURE 6. CTIM OC VOLTAGE THRESHOLD
4.5
4.0
3.5
3.0
2.5
2.0
020
30
50
80
100
TEMPERATURE (°C)
5.0
10
40
60
70
90
20.2
TEMPERATURE (°C)
0
20
30
50
80
100
10
40
60
70
90
20.0
19.0
19.2
19.4
19.6
19.8
20.50
20.32
20.00
19.66
TEMPERATURE (°C)
0
20
30
50
80
100
10
40
60
70
90
19.50
20.16
19.82
CTIM - 0V
1.89
1.88
1.87
1.86
1.85
1.83
TEMPERATURE (°C)
0
20
30
50
80
100
10
40
60
70
90
1.84
ISL6115, ISL6116, ISL6117, ISL6120


Similar Part No. - ISL6115_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6115A INTERSIL-ISL6115A Datasheet
220Kb / 10P
   12V Power Distribution Controllers
ISL6115A INTERSIL-ISL6115A Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL6115A RENESAS-ISL6115A Datasheet
503Kb / 10P
   12V Power Distribution Controllers
logo
Intersil Corporation
ISL6115A INTERSIL-ISL6115A Datasheet
336Kb / 10P
   12V Power Distribution Controllers
April 23, 2010
ISL6115ACBZ INTERSIL-ISL6115ACBZ Datasheet
220Kb / 10P
   12V Power Distribution Controllers
More results

Similar Description - ISL6115_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1015 INTERSIL-HIP1015 Datasheet
200Kb / 10P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
HIP1015 INTERSIL-HIP1015_03 Datasheet
190Kb / 9P
   Power Distribution Controllers
logo
Renesas Technology Corp
ISL6115 RENESAS-ISL6115 Datasheet
716Kb / 14P
   Power Distribution Controllers
logo
Intersil Corporation
ISL6115CBZA-T INTERSIL-ISL6115CBZA-T Datasheet
321Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
logo
Renesas Technology Corp
HIP1015 RENESAS-HIP1015 Datasheet
586Kb / 9P
   Power Distribution Controllers
March 2003
logo
Intersil Corporation
ISL6115 INTERSIL-ISL6115 Datasheet
321Kb / 13P
   Power Distribution Controllers
ISL6115A INTERSIL-ISL6115A Datasheet
220Kb / 10P
   12V Power Distribution Controllers
ISL6115AIBZ INTERSIL-ISL6115AIBZ Datasheet
336Kb / 10P
   12V Power Distribution Controllers
April 23, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com