Electronic Components Datasheet Search |
|
ISL6605 Datasheet(PDF) 5 Page - Intersil Corporation |
|
ISL6605 Datasheet(HTML) 5 Page - Intersil Corporation |
5 / 9 page 5 FN9091.7 May 9, 2006 Functional Pin Description Note: Pin numbers refer to the SOIC package. Check PINOUT diagrams for QFN pin numbers. UGATE (Pin 1) Upper gate drive output. Connect to gate of high-side power N-Channel MOSFET. BOOT (Pin 2) Floating bootstrap supply pin for the upper gate drive. Connect the bootstrap capacitor between this pin and the PHASE pin. The bootstrap capacitor provides the charge to turn on the upper MOSFET. See the Bootstrap Diode and Capacitor section under DESCRIPTION for guidance in choosing the appropriate capacitor value. PWM (Pin 3) The PWM signal is the control input for the driver. The PWM signal can enter three distinct states during operation (see the three-state PWM Input section under DESCRIPTION for further details). Connect this pin to the PWM output of the controller. GND (Pin 4) Ground pin. All signals are referenced to this node. LGATE (Pin 5) Lower gate drive output. Connect to gate of the low-side power N-Channel MOSFET. VCC (Pin 6) Connect this pin to a +5V bias supply. Place a high quality bypass capacitor from this pin to GND. EN (Pin 7) Enable input pin. Connect this pin to HIGH to enable and LOW to disable the IC. When disabled, the IC draws less than 1 μA bias current. PHASE (Pin 8) Connect this pin to the source of the upper MOSFET and the drain of the lower MOSFET. This pin provides a return path for the upper gate driver. Thermal Pad (in QFN only) In the QFN package, the pad underneath the center of the IC is a thermal substrate. The PCB “thermal land” design for this exposed die pad should include thermal vias that drop down and connect to one or more buried copper plane(s). This combination of vias for vertical heat escape and buried planes for heat spreading allows the QFN to achieve its full thermal potential. This pad should be either grounded or floating, and it should not be connected to other nodes. Refer to TB389 for design guidelines. Description Operation Designed for speed, the ISL6605 MOSFET driver controls both high-side and low-side N-Channel FETs from one externally provided PWM signal. A rising edge on PWM initiates the turn-off of the lower MOSFET (see Timing Diagram). After a short propagation delay [tPDLLGATE], the lower gate begins to fall. Typical fall times [tFLGATE] are provided in the Electrical Specifications section. Adaptive shoot-through circuitry monitors the LGATE voltage and determines the upper gate delay time [tPDHUGATE] based on how quickly the LGATE voltage drops below 1V. This prevents both the lower and upper MOSFETs from conducting simultaneously or shoot- through. Once this delay period is completed the upper gate drive begins to rise [tRUGATE] and the upper MOSFET turns on. A falling transition on PWM indicates the turn-off of the upper MOSFET and the turn-on of the lower MOSFET. A short propagation delay [tPDLUGATE] is encountered before the upper gate begins to fall [tFUGATE]. Again, the adaptive shoot-through circuitry determines the lower gate delay time, tPDHLGATE. The upper MOSFET gate voltage is monitored and the lower gate is allowed to rise after the upper MOSFET gate-to-source voltage drops below 1V. The lower gate then rises [tRLGATE], turning on the lower MOSFET. Timing Diagram PWM UGATE LGATE tPDLLGATE tFLGATE tPDHUGATE tRUGATE tPDLUGATE tFUGATE tPDHLGATE tRLGATE ISL6605 |
Similar Part No. - ISL6605 |
|
Similar Description - ISL6605 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |