Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS6346 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FMS6346
Description  Six Channel, 6th Order SD/HD Video Filter Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6346 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FMS6346_06 Datasheet HTML 3Page - Fairchild Semiconductor FMS6346_06 Datasheet HTML 4Page - Fairchild Semiconductor FMS6346_06 Datasheet HTML 5Page - Fairchild Semiconductor FMS6346_06 Datasheet HTML 6Page - Fairchild Semiconductor FMS6346_06 Datasheet HTML 7Page - Fairchild Semiconductor FMS6346_06 Datasheet HTML 8Page - Fairchild Semiconductor FMS6346_06 Datasheet HTML 9Page - Fairchild Semiconductor FMS6346_06 Datasheet HTML 10Page - Fairchild Semiconductor FMS6346_06 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
FMS6346 Rev. 1B
7
www.fairchildsemi.com
The same method can be used for biased signals with the addi-
tion of a pull-up resistor to make sure the clamp never operates.
The internal pull-down resistance is 800kΩ ±20% so the exter-
nal resistance should be 7.5MΩ to set the DC level to 500mV. If
a pull-up resistance less than 7.5MΩ is desired, an external
pull-down can be added such that the DC input level is set to
500mV.
Figure 14. Biased SCART with DC-coupled Outputs
The same circuits can be used with AC-coupled outputs if
desired.
Figure 15. DC-coupled Inputs, AC-coupled Outputs
Figure 16. AC-coupled Inputs, AC-coupled Outputs
Figure 17. Biased SCART with AC-coupled Outputs
NOTE: The video tilt or line time distortion will be dominated by
the AC-coupling capacitor. The value may need to be increased
beyond 220µF in order to obtain satisfactory operation in some
applications.
Power Dissipation
The FMS6346 output drive configuration must be considered
when calculating overall power dissipation. Care must be taken
not to exceed the maximum die junction temperature. The fol-
lowing example can be used to calculate the FMS6346’s power
dissipation and internal temperature rise.
Tj = TA + Pd • ΘJA
where Pd = PCH1 + PCH2 + PCHx
and PCHx = Vs • ICH - (VO
2/R
L)
where
VO = 2Vin + 0.280V
ICH = (ICC / 6) + (VO/RL)
Vin = RMS value of input signal
ICC = 60mA
Vs = 5V
RL = channel load resistance
Board layout can also affect thermal characteristics. Refer to the
Layout Considerations Section for more information.
Layout Considerations
General layout and supply bypassing play major roles in high
frequency performance and thermal characteristics. Fairchild
offers a demonstration board, FMS6346DEMO, to use as a
guide for layout and to aid in device testing and characteriza-
tion. The FMS6346DEMO is a 4-layer board with a full power
and ground plane. Following this layout configuration will pro-
vide the optimum performance and thermal characteristics. For
optimum results, follow the steps below as a basis for high fre-
quency layout:
• Include 10µF and 0.1µF ceramic bypass capacitors
• Place the 10µF capacitor within 0.75 inches of the power pin
• Place the 0.1µF capacitor within 0.1 inches of the power pin
•For multi-layer boards, use a large ground plane to help dissi-
pate heat
•For 2 layer boards, use a ground plane that extends beyond
the device by at least 0.5”
• Minimize all trace lengths to reduce series inductances
LCVF
Bias
Input
0.1u
External Video
source must
be AC-coupled.
500mV +/-350mV
75
7.5M
75
DVD or
STB
SoC
DAC
Output
75
Ω
LCVF
Clamp
Inactive
0V - 1.4V
220u
DVD or
STB
SoC
DAC
Output
LCVF
Clamp
Active
0.1u
0V - 1.4V
75
Ω
220
μ
LCVF
Clamp
Active
0.1
μ
External video
source must
be AC-coupled.
500mV +/-350mV
220
μ
75
Ω
7.5M
Ω
75
Ω


Similar Part No. - FMS6346_06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6346 FAIRCHILD-FMS6346_08 Datasheet
886Kb / 10P
   Six Channel, 6th-Order SD/HD Video Filter Driver
More results

Similar Description - FMS6346_06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6346 FAIRCHILD-FMS6346 Datasheet
92Kb / 10P
   Six Channel, 6th Order SD/HD Video Filter Driver
logo
ON Semiconductor
FMS6346 ONSEMI-FMS6346 Datasheet
1Mb / 12P
   Six Channel, 6th-Order SD/HD Video Filter Driver
October 2009 Rev. 1.0.5
logo
Fairchild Semiconductor
FMS6346 FAIRCHILD-FMS6346_08 Datasheet
886Kb / 10P
   Six Channel, 6th-Order SD/HD Video Filter Driver
FMS6690 FAIRCHILD-FMS6690 Datasheet
96Kb / 10P
   Six Channel, 6th Order SD/PS/HD Video Filter Driver
FMS6690 FAIRCHILD-FMS6690_06 Datasheet
317Kb / 12P
   Six Channel, 6th Order SD/PS/HD Video Filter Driver
logo
ON Semiconductor
FMS6690 ONSEMI-FMS6690 Datasheet
573Kb / 15P
   Six Channel, 6th Order, SD/PS/HD Video Filter Driver
August 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FMS6246 FAIRCHILD-FMS6246 Datasheet
92Kb / 10P
   Six Channel, 6th Order SD/PS Video Filter Driver
FMS6246 FAIRCHILD-FMS6246_06 Datasheet
257Kb / 11P
   Six Channel, 6th Order SD/PS Video Filter Driver
logo
ON Semiconductor
FMS6144A ONSEMI-FMS6144A Datasheet
572Kb / 15P
   Four-Channel, 6th-Order SD VoltagePlus Video Filter Driver
August 2011 Rev. 1.0.2
FMS6646 ONSEMI-FMS6646 Datasheet
912Kb / 14P
   Six Channel, SD/HD 1080p Video Filter Driver
May 2011 Rev. 1.0.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com