Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6526CB Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6526CB
Description  Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6526CB Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6526CB Datasheet HTML 4Page - Intersil Corporation ISL6526CB Datasheet HTML 5Page - Intersil Corporation ISL6526CB Datasheet HTML 6Page - Intersil Corporation ISL6526CB Datasheet HTML 7Page - Intersil Corporation ISL6526CB Datasheet HTML 8Page - Intersil Corporation ISL6526CB Datasheet HTML 9Page - Intersil Corporation ISL6526CB Datasheet HTML 10Page - Intersil Corporation ISL6526CB Datasheet HTML 11Page - Intersil Corporation ISL6526CB Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
FN9055.8
March 20, 2007
If the output voltage desired is 0.8V, simply route the output
back to the FB pin through R1, but do not populate R4.
Overcurrent Protection
The overcurrent function protects the converter from a shorted
output by using the upper MOSFET on-resistance, rDS(ON), to
monitor the current. This method enhances the converter’s
efficiency and reduces cost by eliminating a current sensing
resistor.
The overcurrent function cycles the soft-start function in a
hiccup mode to provide fault protection. A resistor (ROCSET)
programs the overcurrent trip level (see Typical Application
diagrams on pages 3 and 4). An internal 20
μA (typical) current
sink develops a voltage across ROCSET that is referenced to
VIN. When the voltage across the upper MOSFET (also
referenced to VIN) exceeds the voltage across ROCSET, the
overcurrent function initiates a soft-start sequence.
Figure 3 illustrates the protection feature responding to an
overcurrent event. At time t0, an overcurrent condition is
sensed across the upper MOSFET. As a result, the regulator
is quickly shutdown and the internal soft-start function begins
producing soft-start ramps. The delay interval seen by the
output is equivalent to three soft-start cycles. The fourth
internal soft-start cycle initiates a normal soft-start ramp of
the output, at time T1. The output is brought back into
regulation by time T2, as long as the overcurrent event has
cleared.
Had the cause of the overcurrent still been present after the
delay interval, the overcurrent condition would be sensed
and the regulator would be shut down again for another
delay interval of three soft-start cycles. The resulting hiccup
mode style of protection would continue to repeat
indefinitely.
The overcurrent function will trip at a peak inductor current
(IPEAK) determined by:
where IOCSET is the internal OCSET current source (20μA
typical). The OC trip point varies mainly due to the MOSFET
rDS(ON) variations. To avoid overcurrent tripping in the
normal operating load range, find the ROCSET resistor from
the equation above with:
1. The maximum rDS(ON) at the highest junction
temperature.
2. The minimum IOCSET from the specification table.
3. Determine IPEAK for
,
where
ΔI is the output inductor ripple current.
For an equation for the ripple current see the section under
component guidelines titled ‘Output Inductor Selection’.
A small ceramic capacitor should be placed in parallel with
ROCSET to smooth the voltage across ROCSET in the
presence of switching noise on the input voltage.
Current Sinking
The ISL6526, ISL6526A incorporate a MOSFET shoot-
through protection method which allows a converter to sink
current as well as source current. Care should be exercised
when designing a converter with the ISL6526, ISL6526A
when it is known that the converter may sink current.
FIGURE 2. OUTPUT VOLTAGE SELECTION
+
R1
COUT
+3.3V
VOUT
R4
LOUT
ISL6526,
C4
Q1
FB
UGATE
VCC
BOOT
COMP
D1
R2
C2
C1
R3
C3
PHASE
LGATE
Q2
CPVOUT
VIN
ISL6526A
FIGURE 3. OVERCURRENT PROTECTION RESPONSE
0V
TIME
VOUT (2.5V)
T1
T0
T2
INTERNAL SOFT-START FUNCTION
DELAY INTERVAL
I
PEAK
I
OCSET x ROCSET
r
DS ON
()
-----------------------------------------------------
=
(EQ. 3)
I
PEAK
I
OUT MAX
()
ΔI
()
2
----------
+
>
ISL6526, ISL6526A


Similar Part No. - ISL6526CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6526CBZ INTERSIL-ISL6526CBZ Datasheet
330Kb / 15P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
logo
Renesas Technology Corp
ISL6526CBZ RENESAS-ISL6526CBZ Datasheet
874Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6526CBZ INTERSIL-ISL6526CBZ Datasheet
447Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
September 30, 2015
ISL6526CBZ-T INTERSIL-ISL6526CBZ-T Datasheet
330Kb / 15P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
logo
Renesas Technology Corp
ISL6526CBZ-T RENESAS-ISL6526CBZ-T Datasheet
874Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results

Similar Description - ISL6526CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520 INTERSIL-ISL6520_07 Datasheet
323Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
logo
Intersil Corporation
ISL6406 INTERSIL-ISL6406 Datasheet
357Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 INTERSIL-ISL6527 Datasheet
329Kb / 16P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6526 INTERSIL-ISL6526 Datasheet
330Kb / 15P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
logo
Renesas Technology Corp
ISL6520A RENESAS-ISL6520A Datasheet
674Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6520B RENESAS-ISL6520B Datasheet
632Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 RENESAS-ISL6527 Datasheet
841Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6520 INTERSIL-ISL6520 Datasheet
402Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com