Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6123IRZA Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6123IRZA
Description  Power Sequencing Controllers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6123IRZA Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6123IRZA Datasheet HTML 6Page - Intersil Corporation ISL6123IRZA Datasheet HTML 7Page - Intersil Corporation ISL6123IRZA Datasheet HTML 8Page - Intersil Corporation ISL6123IRZA Datasheet HTML 9Page - Intersil Corporation ISL6123IRZA Datasheet HTML 10Page - Intersil Corporation ISL6123IRZA Datasheet HTML 11Page - Intersil Corporation ISL6123IRZA Datasheet HTML 12Page - Intersil Corporation ISL6123IRZA Datasheet HTML 13Page - Intersil Corporation ISL6123IRZA Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
FN9005.8
February 5, 2007
Using the ISL612XSEQEVAL1 Platform
The ISL612XSEQEVAL1 platform is the primary evaluation
board for this family. The board has two complete, separate
and electrically identical circuits. See Figure 15 for its
schematic and photograph. Additionally, there is an ISL6125
specific eval platform, ISL6125EVAL1, due to its unique
open drain outputs for ease of evaluation. See Figure 16 for
its schematic and photograph.
In the top right hand corner of the board is a SMD layout with
a ISL6123 illustrating the full functionality and small
implementation size for an application having the highest
component count.
The majority of the board is given over to a socket and
discrete through-hole components circuit for ease of
evaluation flexibility through IC variant swapping and
modification of UVLO levels and sequencing order by
passive component substitution.
The board is shipped with the ISL6123 installed in both
locations and with two each of the other released variant
types loose packed. As this sequencer family has a common
function pinout there are no major modifications to the board
necessary to evaluate the other ICs.
To the left, right and above the socket are four test point
strips (TP1, TP2, TP3, TP4). These give access to the
labeled IC I/O pins during evaluation. Remember that
significant current or capacitive loading of particular I/O pins
will affect functionality and performance.
Attention to orientation and placement of variant ICs in the
socket must be paid to prevent IC damage or faulty
evaluation.
The default configuration of the ISL612XSEQEVAL1
circuitries was built around the following design
assumptions:
1. Using the ISL6123IR or ISL6124IR
2. The four supplies being sequenced are 5V (IN_A), 3.3V
(IN_B), 2.5V (IN_C) and 1.5V (IN_D), the UVLO levels
are ~80% of nominal voltages. Resistors chosen such
that the total resistance of each divider is ~10k using
standard value resistors to approximate 80% of
nominal = 0.63V on UVLO input.
Resistor choice is such that I x R2 = 0.633V at the desired
UV (undervoltage) level as the monitored voltage
decreases. Total resistance in the divider is a factor for
the designer to consider for accuracy of UV level and
efficiency vs electrical noise immunity trade-offs.
3. The desired order turn-on sequence is first both 5V and
3.3V supplies together and then the 2.5V supply about
75ms later and lastly the 1.5V supply about 45ms later.
4. The desired turn-off sequence is first both 1.5V and 3.3V
supplies at the same time then the 2.5V supply about
50ms later and lastly the 5V supply about 72ms after that.
All scope shots are taken from ISL612XSEQEVAL1 board.
Figures 7 and 8 illustrate the desired turn-on and turn-off
sequences respectively. The sequencing order and delay
between voltages sequencing is set by external capacitance
values, so other than illustrated can be accomplished.
FIGURE 6. SYSRST# LOW TO OUTPUT LATCH OFF
Typical Performance Curves (Continued)
1
μs/DIV
5VOUT
GATE
SYSRST#
2V/DIV
3.3VOUT
Vmonitored
R1
R2
UVLO
Vmon/0.633mV = R1+R2/R2
when Vmon = desired UV level as
Vmon decreases.
For example, a 5V supply with a
desired UV level at 4V would mean
R1+R2/R2 = 6.319. Ideally, any R1
and R2 combination that met this ratio
would work, but with only standard
value resistors available, small
deviations will occur.
ISL6123, ISL6124, ISL6125, ISL6126, ISL6127, ISL6128, ISL6130


Similar Part No. - ISL6123IRZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6123IRZA INTERSIL-ISL6123IRZA Datasheet
566Kb / 16P
   Single Supply Integrated Current Limiting Controller
ISL6123IRZA INTERSIL-ISL6123IRZA Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
logo
Renesas Technology Corp
ISL6123IRZA RENESAS-ISL6123IRZA Datasheet
1Mb / 23P
   Enables Arbitrary Turn-on and Turn-off Sequencing of Up to Four Power Supplies (0.7V to 5V)
More results

Similar Description - ISL6123IRZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8723 INTERSIL-ISL8723 Datasheet
301Kb / 14P
   Power Sequencing Controllers
ISL6123 INTERSIL-ISL6123 Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
ISL6123 INTERSIL-ISL6123_11 Datasheet
747Kb / 23P
   Power Sequencing Controllers
logo
Renesas Technology Corp
ISL8723 RENESAS-ISL8723 Datasheet
663Kb / 14P
   Power Sequencing Controllers
logo
Supertex, Inc
HV302 SUTEX-HV302 Datasheet
618Kb / 10P
   Sequencing Hotswap Controllers
logo
Maxim Integrated Produc...
MAX1964 MAXIM-MAX1964 Datasheet
475Kb / 30P
   Tracking/Sequencing Triple/Quintuple Power-Supply Controllers
Rev 0; 7/01
logo
Altera Corporation
ES1021QI ALTERA-ES1021QI Datasheet
904Kb / 14P
   Power Sequencing Controller
logo
RF Micro Devices
RFPA1545 RFMD-RFPA1545 Datasheet
2Mb / 19P
   No Power Supply Sequencing
logo
Supertex, Inc
PS10 SUTEX-PS10 Datasheet
271Kb / 13P
   Quad Power Sequencing Controller
PS12 SUTEX-PS12 Datasheet
933Kb / 10P
   Quad Power Sequencing Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com