Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6520ACRZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6520ACRZ
Description  Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6520ACRZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6520ACRZ Datasheet HTML 4Page - Intersil Corporation ISL6520ACRZ Datasheet HTML 5Page - Intersil Corporation ISL6520ACRZ Datasheet HTML 6Page - Intersil Corporation ISL6520ACRZ Datasheet HTML 7Page - Intersil Corporation ISL6520ACRZ Datasheet HTML 8Page - Intersil Corporation ISL6520ACRZ Datasheet HTML 9Page - Intersil Corporation ISL6520ACRZ Datasheet HTML 10Page - Intersil Corporation ISL6520ACRZ Datasheet HTML 11Page - Intersil Corporation ISL6520ACRZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FN9016.5
March 28, 2007
equations give the approximate response time interval for
application and removal of a transient load:
where: ITRAN is the transient load current step, tRISE is the
response time to the application of load, and tFALL is the
response time to the removal of load. The worst case
response time can be either at the application or removal of
load. Be sure to check both of these equations at the
minimum and maximum output levels for the worst case
response time.
Input Capacitor Selection
Use a mix of input bypass capacitors to control the voltage
overshoot across the MOSFETs. Use small ceramic
capacitors for high frequency decoupling and bulk capacitors
to supply the current needed each time Q1 turns on. Place the
small ceramic capacitors physically close to the MOSFETs
and between the drain of Q1 and the source of Q2.
The important parameters for the bulk input capacitor are the
voltage rating and the RMS current rating. For reliable
operation, select the bulk capacitor with voltage and current
ratings above the maximum input voltage and largest RMS
current required by the circuit. The capacitor voltage rating
should be at least 1.25 times greater than the maximum
input voltage and a voltage rating of 1.5 times is a
conservative guideline. The RMS current rating requirement
for the input capacitor of a buck regulator is approximately
1/2 the DC load current.
For a through hole design, several electrolytic capacitors may
be needed. For surface mount designs, solid tantalum
capacitors can be used, but caution must be exercised with
regard to the capacitor surge currentrating. These capacitors
must be capable of handling the surge-current at power-up.
Some capacitor series available from reputable manufacturers
are surge current tested.
MOSFET Selection/Considerations
The ISL6520A requires 2 N-Channel power MOSFETs. These
should be selected based upon rDS(ON), gate supply
requirements, and thermal management requirements.
In high-current applications, the MOSFET power dissipation,
package selection and heatsink are the dominant design
factors. The power dissipation includes two loss components;
conduction loss and switching loss. The conduction losses are
the largest component of power dissipation for both the upper
and the lower MOSFETs. These losses are distributed between
the two MOSFETs according to duty factor. The switching
losses seen when sourcing current will be different from the
switching losses seen when sinking current. When sourcing
current, the upper MOSFET realizes most of the switching
losses. The lower switch realizes most of the switching
losses when the converter is sinking current (see the
equations below). These equations assume linear voltage-
current transitions and do not adequately model power loss
due the reverse-recovery of the upper and lower MOSFET’s
body diode. The gate-charge losses are dissipated by the
ISL6520A and don't heat the MOSFETs. However, large gate-
charge increases the switching interval, tSW which increases
the MOSFET switching losses. Ensure that both MOSFETs
are within their maximum junction temperature at high ambient
temperature by calculating the temperature rise according to
package thermal-resistance specifications. A separate heatsink
may be necessary depending upon MOSFET power, package
type, ambient temperature and air flow.
Given the reduced available gate bias voltage (5V),
logic-level or sub-logic-level transistors should be used for
both N-MOSFETs. Caution should be exercised with devices
exhibiting very low VGS(ON) characteristics. The shoot-
through protection present aboard the ISL6520A may be
circumvented by these MOSFETs if they have large parasitic
impedences and/or capacitances that would inhibit the gate
of the MOSFET from being discharged below it’s threshold
level before the complementary MOSFET is turned on.
Figure 7 shows the upper gate drive (BOOT pin) supplied by a
bootstrap circuit from VCC. The boot capacitor, CBOOT,
develops a floating supply voltage referenced to the PHASE
pin. The supply is refreshed to a voltage of VCC less the boot
diode drop (VD) each time the lower MOSFET, Q2, turns on.
tRISE =
L x ITRAN
VIN - VOUT
tFALL =
L x ITRAN
VOUT
(EQ. 7)
PLOWER = Io
2 x r
DS(ON) x (1 - D)
Where: D is the duty cycle = VOUT / VIN,
tSW is the combined switch ON and OFF time, and
FS is the switching frequency.
Losses while Sourcing Current
Losses while Sinking Current
P
LOWER
Io
2
r
DS ON
()
×
1D
()
×
1
2
--- Io
V
IN
×
t
SW
F
S
×
×
+
=
P
UPPER
Io
2
r
DS ON
()
×
D
×
1
2
--- Io
V
IN
×
t
SW
F
S
×
×
+
=
PUPPER = Io
2 x r
DS(ON) x D
(EQ. 8)
+5V
ISL6520A
GND
LGATE
UGATE
PHASE
BOOT
VCC
+5V
NOTE:
NOTE:
VG-S VCC
CBOOT
DBOOT
Q1
Q2
+
-
FIGURE 7. UPPER GATE DRIVE BOOTSTRAP
VG-S VCC -VD
+ VD -
ISL6520A


Similar Part No. - ISL6520ACRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6520ACRZ INTERSIL-ISL6520ACRZ Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520ACRZ INTERSIL-ISL6520ACRZ Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6520ACRZ RENESAS-ISL6520ACRZ Datasheet
674Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results

Similar Description - ISL6520ACRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520 INTERSIL-ISL6520_07 Datasheet
323Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
logo
Intersil Corporation
ISL6406 INTERSIL-ISL6406 Datasheet
357Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 INTERSIL-ISL6527 Datasheet
329Kb / 16P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6526 INTERSIL-ISL6526 Datasheet
330Kb / 15P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
logo
Renesas Technology Corp
ISL6520A RENESAS-ISL6520A Datasheet
674Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6520B RENESAS-ISL6520B Datasheet
632Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 RENESAS-ISL6527 Datasheet
841Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6520 INTERSIL-ISL6520 Datasheet
402Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com