Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM50S3X_NL Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FM50S3X_NL
Description  Analog Temperature Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM50S3X_NL Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FM50S3X_NL Datasheet HTML 1Page - Fairchild Semiconductor FM50S3X_NL Datasheet HTML 2Page - Fairchild Semiconductor FM50S3X_NL Datasheet HTML 3Page - Fairchild Semiconductor FM50S3X_NL Datasheet HTML 4Page - Fairchild Semiconductor FM50S3X_NL Datasheet HTML 5Page - Fairchild Semiconductor FM50S3X_NL Datasheet HTML 6Page - Fairchild Semiconductor FM50S3X_NL Datasheet HTML 7Page - Fairchild Semiconductor FM50S3X_NL Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FM50
PRODUCT SPECIFICATION
4
REV. 1.1.0 10/5/04
Typical Performance Characteristics
Figure 1. Accuracy vs. Temperature
Figure 2. Typical IDD versus Temperature
Figure 3. Typical Sensitivity to Supply Voltage
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
-50
150
50
0
100
upper spec limit
lower spec limit
VDD = +5V
Temperature (°C)
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
VDD Volts
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
-50
-30
-10
10
30
50
70
90
110
130
Temperature (
°C)
Description
Within the FM50 are a thermal diode, calibration circuits
and amplifiers. Since the FM50 is calibrated at 33°C,
the nominal output in mV is:
where T is the thermal junction temperature expressed in °C.
At 33°C, the tolerances are as follows:
1.
Offset is ±3mV
2.
Slope, ±0.3mV/°C
These values accommodate the specified accuracies at -40,
25 and +125°C.
Output structure of the FM50 is an n-channel CMOS transis-
tor driving a p-channel load. Available current is typically 50
µA to ground. Series resistance is typically 7 k
Ω, charging
and 2 k
Ω, discharging through a capacitor connected from
VOUT to ground.
Following application of power to VDD, VOUT is accurate
following a delay of approximately 80 msec.
V
OUT
830
10
T
33
()
+
=


Similar Part No. - FM50S3X_NL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM50S3X FAIRCHILD-FM50S3X Datasheet
693Kb / 8P
   Analog Temperature Sensor
More results

Similar Description - FM50S3X_NL

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
LM335A SS-LM335A Datasheet
1Mb / 10P
   Analog Temperature Sensor
LM135A SS-LM135A Datasheet
1Mb / 10P
   Analog Temperature Sensor
SIS60A SS-SIS60A Datasheet
544Kb / 6P
   Analog Temperature Sensor
logo
Maxim Integrated Produc...
DS60 MAXIM-DS60 Datasheet
58Kb / 2P
   Analog Temperature Sensor
100906
logo
Silicon Supplies
LM135 SS-LM135 Datasheet
1Mb / 10P
   Analog Temperature Sensor
LM335 SS-LM335 Datasheet
1Mb / 10P
   Analog Temperature Sensor
logo
Fairchild Semiconductor
FM50 FAIRCHILD-FM50 Datasheet
328Kb / 8P
   Analog Temperature Sensor
FM50 FAIRCHILD-FM50_08 Datasheet
693Kb / 8P
   Analog Temperature Sensor
logo
Rohm
BD1020HFV ROHM-BD1020HFV_15 Datasheet
1Mb / 13P
   Temperature Sensor IC Analog Output
logo
Texas Instruments
LM94021 TI1-LM94021 Datasheet
1Mb / 23P
[Old version datasheet]   Multi-Gain Analog Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com