Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6520CBZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6520CBZ
Description  Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6520CBZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6520CBZ Datasheet HTML 1Page - Intersil Corporation ISL6520CBZ Datasheet HTML 2Page - Intersil Corporation ISL6520CBZ Datasheet HTML 3Page - Intersil Corporation ISL6520CBZ Datasheet HTML 4Page - Intersil Corporation ISL6520CBZ Datasheet HTML 5Page - Intersil Corporation ISL6520CBZ Datasheet HTML 6Page - Intersil Corporation ISL6520CBZ Datasheet HTML 7Page - Intersil Corporation ISL6520CBZ Datasheet HTML 8Page - Intersil Corporation ISL6520CBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
FN9009.6
April 3, 2007
Block Diagram
Typical Application
Pinouts
ISL6520
(8 LD SOIC)
TOP VIEW
ISL6520
(16 LD QFN)
TOP VIEW
5
6
8
7
4
3
2
1
UGATE
GND
PHASE
FB
VCC
COMP/SD
BOOT
LGATE
12
11
10
9
1
2
3
4
16 15 14 13
5
6
7
8
NC
COMP/OCSET
NC
FB
GND
BOOT
UGATE
GND
NC
+
-
+
-
+
-
OSCILLATOR
PWM
COMPARATOR
ERROR
AMP
VCC
PWM
GND
FB
COMP/OCSET
0.8V
OC
COMPARATOR
GATE
CONTROL
LOGIC
BOOT
UGATE
PHASE
20
μA
FIXED 300kHz
+
-
LGATE
VCC
SOFTSTART
POR AND
SAMPLE
AND
HOLD
VCC
+VO
FB
COMP/OCSET
UGATE
PHASE
BOOT
VCC
GND
LGATE
5
7
63
2
1
8
4
ISL6520
RS
ROFFSET
CI
CF
RF
ROCSET
LOUT
DBOOT
CBOOT
CBULK
CDCPL
CHF
COUT
ISL6520


Similar Part No. - ISL6520CBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6520CBZ INTERSIL-ISL6520CBZ Datasheet
402Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6520CBZ RENESAS-ISL6520CBZ Datasheet
718Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6520CBZ-T INTERSIL-ISL6520CBZ-T Datasheet
402Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results

Similar Description - ISL6520CBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
logo
Renesas Technology Corp
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
logo
Intersil Corporation
ISL6406 INTERSIL-ISL6406 Datasheet
357Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 INTERSIL-ISL6527 Datasheet
329Kb / 16P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6526 INTERSIL-ISL6526 Datasheet
330Kb / 15P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
logo
Renesas Technology Corp
ISL6520A RENESAS-ISL6520A Datasheet
674Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6520B RENESAS-ISL6520B Datasheet
632Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 RENESAS-ISL6527 Datasheet
841Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6520 INTERSIL-ISL6520 Datasheet
402Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com