Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6520CB Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6520CB
Description  Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6520CB Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6520CB Datasheet HTML 1Page - Intersil Corporation ISL6520CB Datasheet HTML 2Page - Intersil Corporation ISL6520CB Datasheet HTML 3Page - Intersil Corporation ISL6520CB Datasheet HTML 4Page - Intersil Corporation ISL6520CB Datasheet HTML 5Page - Intersil Corporation ISL6520CB Datasheet HTML 6Page - Intersil Corporation ISL6520CB Datasheet HTML 7Page - Intersil Corporation ISL6520CB Datasheet HTML 8Page - Intersil Corporation ISL6520CB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
FN9009.6
ISL6520
Single Synchronous Buck Pulse-Width
Modulation (PWM) Controller
The ISL6520 makes simple work out of implementing a
complete control and protection scheme for a DC/DC
stepdown converter. Designed to drive N-Channel
MOSFETs in a synchronous buck topology, the ISL6520
integrates the control, output adjustment, monitoring and
protection functions into a single 8 Lead package.
The ISL6520 provides simple, single feedback loop, voltage-
mode control with fast transient response. The output
voltage can be precisely regulated to as low as 0.8V, with a
maximum tolerance of
±1.5% over-temperature and line
voltage variations. A fixed frequency oscillator reduces
design complexity, while balancing typical application cost
and efficiency.
The error amplifier features a 15MHz gain-bandwidth
product and 8V/
μs slew rate which enables high converter
bandwidth for fast transient performance. The resulting
PWM duty cycles range from 0% to 100%.
Protection from over-current conditions is provided by
monitoring the rDS(ON) of the upper MOSFET to inhibit PWM
operation appropriately. This approach simplifies the
implementation and improves efficiency by eliminating the
need for a current sense resistor.
Features
• Operates from +5V Input
• 0.8V to VIN Output Range
- 0.8V Internal Reference
- ±1.5% Over Line Voltage and Temperature
• Drives N-Channel MOSFETs
• Simple Single-Loop Control Design
- Voltage-Mode PWM Control
• Fast Transient Response
- High-Bandwidth Error Amplifier
- Full 0% to 100% Duty Cycle
• Lossless, Programmable Over-Current Protection
- Uses Upper MOSFET’s rDS(on)
• Small Converter Size
- 300kHz Fixed Frequency Oscillator
- Internal Soft Start
- 8 Ld SOIC or 16Ld 4mmx4mm QFN
• QFN Package:
- Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat
No Leads - Package Outline
- Near Chip Scale Package footprint, which improves
PCB efficiency and has a thinner profile
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Power Supplies for Microprocessors
-PCs
- Embedded Controllers
• Subsystem Power Supplies
- PCI/AGP/GTL+ Buses
- ACPI Power Control
• Cable Modems, Set Top Boxes, and DSL Modems
• DSP and Core Communications Processor Supplies
• Memory Supplies
• Personal Computer Peripherals
• Industrial Power Supplies
• 5V-Input DC/DC Regulators
• Low-Voltage Distributed Power Supplies
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL6520CB*
6520CB
0 to 70
8 Ld SOIC
M8.15
ISL6520CBZ*
(Note)
6520 CBZ
0 to 70
8 Ld SOIC
(Pb-free)
M8.15
ISL6520IB*
6520IB
-40 to 85
8 Ld SOIC
M8.15
ISL6520IBZ*
(Note)
6520 IBZ
-40 to 85
8 Ld SOIC
(Pb-free)
M8.15
ISL6520CR*
ISL
6520CR
0 to 70
16 Ld 4x4mm QFN L16.4x4
ISL6520CRZ*
(Note)
65 20CRZ
0 to 70
16 Ld 4x4mm QFN
(Pb-free)
L16.4x4
ISL6520IR*
ISL 6520IR
-40 to 85
16 Ld 4x4mm QFN L16.4x4
ISL6520IRZ*
(Note)
65 20IRZ
-40 to 85
16 Ld 4x4mm QFN
(Pb-free)
L16.4x4
ISL6520EVAL1
Evaluation Board
* Add “-T” suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte
tin plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
April 3, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003, 2005, 2006, 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL6520CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6520CB INTERSIL-ISL6520CB Datasheet
402Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6520CB RENESAS-ISL6520CB Datasheet
718Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6520CB-T INTERSIL-ISL6520CB-T Datasheet
402Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6520CBZ INTERSIL-ISL6520CBZ Datasheet
402Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6520CBZ RENESAS-ISL6520CBZ Datasheet
718Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results

Similar Description - ISL6520CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
logo
Renesas Technology Corp
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
logo
Intersil Corporation
ISL6406 INTERSIL-ISL6406 Datasheet
357Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 INTERSIL-ISL6527 Datasheet
329Kb / 16P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6526 INTERSIL-ISL6526 Datasheet
330Kb / 15P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
logo
Renesas Technology Corp
ISL6520A RENESAS-ISL6520A Datasheet
674Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6520B RENESAS-ISL6520B Datasheet
632Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 RENESAS-ISL6527 Datasheet
841Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6520 INTERSIL-ISL6520 Datasheet
402Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com