Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL95711WIU10Z Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL95711WIU10Z
Description  Digitally Controlled Potentiometer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95711WIU10Z Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL95711WIU10Z Datasheet HTML 2Page - Intersil Corporation ISL95711WIU10Z Datasheet HTML 3Page - Intersil Corporation ISL95711WIU10Z Datasheet HTML 4Page - Intersil Corporation ISL95711WIU10Z Datasheet HTML 5Page - Intersil Corporation ISL95711WIU10Z Datasheet HTML 6Page - Intersil Corporation ISL95711WIU10Z Datasheet HTML 7Page - Intersil Corporation ISL95711WIU10Z Datasheet HTML 8Page - Intersil Corporation ISL95711WIU10Z Datasheet HTML 9Page - Intersil Corporation ISL95711WIU10Z Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
FN8241.3
September 5, 2006
SDA vs SCL Timing
A0, A1 Pin Timing
Pin Descriptions
Potentiometer Pins
RH AND RL
The high (RH) and low (RL) terminals of the ISL95711 are
equivalent to the fixed terminals of a mechanical
potentiometer. RH and RH are referenced to the relative
position of the wiper and not the voltage potential on the
terminals. With WR set to 127, the wiper will be closest to
RH, and with the WR set to 00, the wiper is closest to RL
R
W
Rw is the wiper terminal and is equivalent to the movable
terminal of a mechanical potentiometer. The position of the
wiper within the array is determined by the WR.
Bus Interface Pins
SERIAL DATA INPUT/OUTPUT (SDA)
The SDA is a bidirectional serial data input/output pin for the
I2C interface. It receives device address, operation code,
wiper register address and data from a I2C external master
device at the rising edge of the serial clock SCL, and it shifts
out data after each falling edge of the serial clock SCL.
SDA requires an external pull-up resistor, since it’s an open
drain input/output.
SERIAL CLOCK (SCL)
This input is the serial clock of the I2C serial interface.
SCL requires an external pull-up resistor, since it’s an open
drain input.
DEVICE ADDRESS (A1-A0)
The Address inputs are used to set the least significant 2 bits
of the 7-bit I2C interface slave address. A match in the slave
address serial data stream must be made with the Address
input pins in order to initiate communication with the
ISL95711. A maximum of 4 ISL95711 devices may occupy
the I2C serial bus.
tSU:STO
tDH
tHIGH
tSU:STA
tHD:STA
tHD:DAT
tSU:DAT
SCL
SDA
(INPUT TIMING)
SDA
(OUTPUT TIMING)
tF
tLOW
tBUF
tAA
tR
tHD:A
SCL
SDA IN
A0, A1
tSU:A
Clk 1
START
STOP
Test Circuit
Equivalent Circuit
FORCE
CURRENT
TEST POINT
RW
CH
CL
RW
RTOTAL
CW
RH
RL
ISL95711


Similar Part No. - ISL95711WIU10Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95711WIU10Z INTERSIL-ISL95711WIU10Z Datasheet
333Kb / 12P
   Terminal Voltage 3V or 5V, 128 Taps I2C Serial Interface
logo
Renesas Technology Corp
ISL95711WIU10Z RENESAS-ISL95711WIU10Z Datasheet
871Kb / 14P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 짹2.7V or 짹5V, 128 Taps I2C Serial Interface
logo
Intersil Corporation
ISL95711WIU10Z-T INTERSIL-ISL95711WIU10Z-T Datasheet
333Kb / 12P
   Terminal Voltage 3V or 5V, 128 Taps I2C Serial Interface
More results

Similar Description - ISL95711WIU10Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
X93156 INTERSIL-X93156 Datasheet
262Kb / 8P
   Digitally Controlled Potentiometer
X9315WMZ INTERSIL-X9315WMZ Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com