Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL95711 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL95711
Description  Digitally Controlled Potentiometer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95711 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL95711_06 Datasheet HTML 1Page - Intersil Corporation ISL95711_06 Datasheet HTML 2Page - Intersil Corporation ISL95711_06 Datasheet HTML 3Page - Intersil Corporation ISL95711_06 Datasheet HTML 4Page - Intersil Corporation ISL95711_06 Datasheet HTML 5Page - Intersil Corporation ISL95711_06 Datasheet HTML 6Page - Intersil Corporation ISL95711_06 Datasheet HTML 7Page - Intersil Corporation ISL95711_06 Datasheet HTML 8Page - Intersil Corporation ISL95711_06 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
FN8241.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil, Inc. Copyright Intersil Americas Inc. 2005-2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL95711
Digitally Controlled Potentiometer (XDCP™)
Terminal Voltage ±2.7V or ±5V, 128 Taps
I2C Serial Interface
The Intersil ISL95711 is a digitally controlled potentiometer
(XDCP). The device consists of a resistor array, wiper
switches, a control section, and nonvolatile memory. The
wiper position is controlled by a I2C interface.
The potentiometer is implemented by a resistor array
composed of 127 resistive elements and a wiper switching
network. The wiper terminal can be connected to either end
of the resistor array or at any one of the Tap Positions in
between, providing 128 steps of resolution between RL and
RH. The “position” of the wiper is determined by the value
assigned to the volatile Wiper Register (WR). This register
has an associated non-volatile Initial Value Register (IVR).
The value stored in the IVR will be written into the WR at
power-up, allowing wiper position recall after power
interruption. The WR and the IVR can be directly written to
and read from using standard I2C interface protocol. The
device is available in either a 10k
Ω or 50kΩ version.
The device can be used as a three-terminal potentiometer or
as a two-terminal variable resistor in a wide variety of
applications including:
• Industrial and automotive control
• Parameter and bias adjustments
• Amplifier bias and control
Pinout
ISL95711
(10 LD MSOP)
TOP VIEW
Features
• Non-Volatile Solid-State Potentiometer
•I2C Serial Interface with Hardwire Slave Address Allows
Up to Four Devices per bus
• DCP Terminal Voltage, from V- to VCC
• 128 Wiper Tap Points
- Wiper position can be stored in nonvolatile memory and
recalled on power-up
• 127 Resistive Elements
- Typical Rtotal tempco ±50ppm/°C
- Ratiometric Tempco ±4ppm/°C
- End to end resistance range ±20%
• Low Power CMOS
- Standby current, 1µA
- Active current, 200
µA max
-VCC = 2.7V to 5.5V
- V- = -2.7V to -5.5V
• High Reliability
- Endurance, 200,000 data changes per bit
- Register data retention, 50 years
•RTOTAL Values = 10kΩ, 50kΩ
• Package
-10 Ld MSOP
- Pb-free plus anneal (RoHS compliant)
GND
SCL
SDA
V-
1
2
3
4
10
9
8
7
RH
RW
A0
VCC
5
RL
6
A1
Ordering Information
PART NUMBER (Notes 1, 2)
PART MARKING
RESISTANCE OPTION (
Ω) TEMP. RANGE (°C) PACKAGE (Pb-Free) PKG. DWG. #
ISL95711WIU10Z
AKO
10k
-40 to +85
10 Ld MSOP
M10.118
ISL95711UIU10Z
AKQ
50k
-40 to +85
10 Ld MSOP
M10.118
NOTES:
1. Add “-T” suffix for tape and reel.
2. Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
September 5, 2006


Similar Part No. - ISL95711_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95711UIU10Z INTERSIL-ISL95711UIU10Z Datasheet
333Kb / 12P
   Terminal Voltage 3V or 5V, 128 Taps I2C Serial Interface
logo
Renesas Technology Corp
ISL95711UIU10Z RENESAS-ISL95711UIU10Z Datasheet
871Kb / 14P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 짹2.7V or 짹5V, 128 Taps I2C Serial Interface
logo
Intersil Corporation
ISL95711UIU10Z-T INTERSIL-ISL95711UIU10Z-T Datasheet
333Kb / 12P
   Terminal Voltage 3V or 5V, 128 Taps I2C Serial Interface
ISL95711WIU10Z INTERSIL-ISL95711WIU10Z Datasheet
333Kb / 12P
   Terminal Voltage 3V or 5V, 128 Taps I2C Serial Interface
logo
Renesas Technology Corp
ISL95711WIU10Z RENESAS-ISL95711WIU10Z Datasheet
871Kb / 14P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 짹2.7V or 짹5V, 128 Taps I2C Serial Interface
More results

Similar Description - ISL95711_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
X93156 INTERSIL-X93156 Datasheet
262Kb / 8P
   Digitally Controlled Potentiometer
X9315WMZ INTERSIL-X9315WMZ Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com