Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FJC2098 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FJC2098
Description  NPN Epitaxial Silicon Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJC2098 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FJC2098 Datasheet HTML 1Page - Fairchild Semiconductor FJC2098 Datasheet HTML 2Page - Fairchild Semiconductor FJC2098 Datasheet HTML 3Page - Fairchild Semiconductor FJC2098 Datasheet HTML 4Page - Fairchild Semiconductor FJC2098 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FJC2098 Rev. B2
July 2005
FJC2098
NPN Epitaxial Silicon Transistor
Camera Strobe Flash Application
• Complement to FJC1386
• High Collector Current
• Low Collector-Emitter Saturation Voltage
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
50
V
VCEO
Collector-Emitter Voltage
20
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current (DC)
5
A
PC
Power Dissipation(TC=25°C)
0.5
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC = 50µA, IE = 0
50
V
BVCEO
Collector-Emitter Breakdown Voltage
IC = 1mA, IB = 0
20
V
BVEBO
Emitter-Base Breakdown Voltage
IE = 50µA, IC = 0
6
V
ICEO
Collector Cut-off Current
VCE = 40V, VB = 0
0.5
µA
IEBO
Emitter Cut-off Current
VEB = 5V, IC = 0
0.5
µA
hFE
DC Current Gain
VCE = 2V, IC = 0.5A
120
390
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 4A, IB = 0.1A
1.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 4A, IB = 0.1A
1.2
V
COB
Collector Output Capacitance
VCB = 20V, IE = 0, f = 1MHz
23
pF
SOT-89
1
1. Base 2. Collector 3. Emitter
20
9 8
PY
W W
hFE grage
Year code
Weekly code
Marking


Similar Part No. - FJC2098

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJC2098 FAIRCHILD-FJC2098 Datasheet
78Kb / 4P
   NPN Epitaxial Silicon Transistor
More results

Similar Description - FJC2098

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com