Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9C104SZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # X9C104SZ
Description  Digitally Controlled Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9C104SZ Datasheet(HTML) 3 Page - Intersil Corporation

  X9C104SZ Datasheet HTML 1Page - Intersil Corporation X9C104SZ Datasheet HTML 2Page - Intersil Corporation X9C104SZ Datasheet HTML 3Page - Intersil Corporation X9C104SZ Datasheet HTML 4Page - Intersil Corporation X9C104SZ Datasheet HTML 5Page - Intersil Corporation X9C104SZ Datasheet HTML 6Page - Intersil Corporation X9C104SZ Datasheet HTML 7Page - Intersil Corporation X9C104SZ Datasheet HTML 8Page - Intersil Corporation X9C104SZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
FN8222.1
December 20, 2006
PIN DESCRIPTIONS
Pin
Symbol
Brief Description
1INC
Increment . The INC input is negative-edge triggered. Toggling INC will move the wiper and either
increment or decrement the counter in the direction indicated by the logic level on the U/D input.
2U/D
Up/Down. The U/D input controls the direction of the wiper movement and whether the counter
is incremented or decremented.
3RH/VH
RH/VH. The high (VH/RH) terminals of the X9C102/103/104/503 are equivalent to the fixed
terminals of a mechanical potentiometer. The minimum voltage is -5V and the maximum is +5V.
The terminology of VH/RH and V
L/RL references the relative position of the terminal in
relation to wiper movement direction selected by the U/D input and not the voltage potential on
the terminal.
4
VSS
VSS
5
VW/RW
VW/RW. VW/RW is the wiper terminal, and is equivalent to the movable terminal of a mechanical
potentiometer. The position of the wiper within the array is determined by the control inputs. The
wiper terminal series resistance is typically 40
Ω.
6
RL/VL
RL/VL. The low (V
L/RL) terminals of the X9C102/103/104/503 are equivalent to the fixed
terminals of a mechanical potentiometer. The minimum voltage is -5V and the maximum is +5V.
The terminology of VH/RH and V
L/RL references the relative position of the terminal in
relation to wiper movement direction selected by the U/D input and not the voltage potential on
the terminal.
7CS
CS. The device is selected when the CS input is LOW. The current counter value is stored in
nonvolatile memory when CS is returned HIGH while the INC input is also HIGH. After the store op-
eration is complete the X9C102/103/104/503 device will be placed in the low power standby mode
until the device is selected once again.
8
VCC
VCC
X9C102, X9C103, X9C104, X9C503


Similar Part No. - X9C104SZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C104SZ INTERSIL-X9C104SZ Datasheet
257Kb / 11P
   Digitally Controlled Pot (XDCP)
X9C104SZ INTERSIL-X9C104SZ Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C104SZ INTERSIL-X9C104SZ Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
X9C104SZ INTERSIL-X9C104SZ Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
logo
Renesas Technology Corp
X9C104SZ RENESAS-X9C104SZ Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9C104SZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
X93156 INTERSIL-X93156 Datasheet
262Kb / 8P
   Digitally Controlled Potentiometer
X9315WMZ INTERSIL-X9315WMZ Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com