Electronic Components Datasheet Search |
|
FIN24C Datasheet(PDF) 9 Page - Fairchild Semiconductor |
|
FIN24C Datasheet(HTML) 9 Page - Fairchild Semiconductor |
9 / 25 page ©2005 Fairchild Semiconductor Corporation www.fairchildsemi.com FIN24C Rev. 1.0.2 9 Deserializer Operation Mode The operation of the deserializer is only dependent upon the data received on the DSI data signal pair and the CKSI clock signal pair. The following two sections describe the operation of the deserializer under two distinct serializer source conditions. References to the CKREF and STROBE signals refer to the signals associated with the serializer device used in generating the serial data and clock signals that are inputs to the deserializer. When operating in this mode, the internal serializer circuitry is disabled, including the parallel data input buffers. If there is a CKREF signal provided, the CKSO serial clock continues to transmit bit clocks. Upon device power-up (S1 or S2 = 1), all deserializer output data pins are driven LOW until valid data is passed through the deserializer. When the DIRI signal is asserted LOW, the device is configured as a deserializer. Data is captured on the serial port and deserialized through use of the bit clock sent with the data. The word boundary is defined in the actual clock and data sig- nal. Parallel data is generated at the time the word boundary is detected. The fall- ing edge of CKP occurs approximately six bit times after the next falling edge of CKSI. The rising edge of CKP goes HIGH approximately 13 bit times after CKP goes LOW. When no embedded word boundary occurs, no pulse is generated on CKP and CKP remains HIGH. Figure 7. Deserializer Timing Diagram (Serializer Source: CKREF equals STROBE) The logical operation of the deserializer remains the same if the CKREF is equal in frequency to the STROBE or at a higher frequency than the STROBE. The actual serial data stream presented to the deserializer, however, differs because it has non-valid data bits sent between words. The duty cycle of CKP varies based on the ratio of the frequency of the CKREF signal to the STROBE signal. The fre- quency of the CKP signal is equal to the STROBE frequency. The falling edge of CKP occurs six bit times after the data transition. The LOW time of the CKP signal is equal to half (13 bit times) of the CKREF period. The CKP HIGH time is equal to STROBE period – half of the CKREF period. Figure 8 is representative of a wave- form that could be seen when CKREF is not equal to STROBE. If CKREF is signif- icantly faster, additional non-valid data bits occur between data words. Figure 8. Deserializer Timing Diagram (Serializer Source: CKREF does not equal STROBE) WORD n-1 WORD n+1 WORD n b24 b25 b26 b1 b1 b2 b6 b7 b8 b9 b24 b19 b20 b25 b26 WORD n-2 DP[1:24] CKPO CKSI DSI WORD n WORD n-1 WORD n-1 WORD n+1 WORD n b24 bj bj+1 bj+13 bj+14 b25 b26 b24 6 bit times 13 bit times b25 b26 00 00 WORD n-2 DP[1:24] CKPO CKSI DSI WORD n WORD n-1 Deserializer Operation: DIRI = 0 (Serializer Source: CKREF = STROBE) Deserializer Operation: DIRI = 0 (Serializer Source: CKREF does not = STROBE) |
Similar Part No. - FIN24C |
|
Similar Description - FIN24C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |