Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIN24ACGFX Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FIN24ACGFX
Description  22-Bit Bi-Directional Serializer/Deserializer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN24ACGFX Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FIN24ACGFX Datasheet HTML 2Page - Fairchild Semiconductor FIN24ACGFX Datasheet HTML 3Page - Fairchild Semiconductor FIN24ACGFX Datasheet HTML 4Page - Fairchild Semiconductor FIN24ACGFX Datasheet HTML 5Page - Fairchild Semiconductor FIN24ACGFX Datasheet HTML 6Page - Fairchild Semiconductor FIN24ACGFX Datasheet HTML 7Page - Fairchild Semiconductor FIN24ACGFX Datasheet HTML 8Page - Fairchild Semiconductor FIN24ACGFX Datasheet HTML 9Page - Fairchild Semiconductor FIN24ACGFX Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN24AC Rev. 1.0.3
6
Serializer Operation Mode
The serializer configurations are described in the following sections. The basic serialization circuitry works essentially
the same in these modes, but the actual data and clock streams differ depending on if CKREF is the same as the
STROBE signal or not. When the CKREF equals STROBE, the CKREF and STROBE signals have an identical fre-
quency of operation, but may or may not be phase aligned. When CKREF does not equal STROBE, each signal is dis-
tinct and CKREF must be running at a frequency high enough to avoid any loss of data condition. CKREF must never
be a lower frequency than STROBE.
The Phase-Locked Loop (PLL) must receive a stable CKREF signal to achieve
lock prior to any valid data being sent. The CKREF signal can be used as the data
STROBE signal, provided that data can be ignored during the PLL lock phase.
Once the PLL is stable and locked, the device can begin to capture and serialize
data. Data is captured on the rising edge of the STROBE signal and serialized.
The serialized data stream is synchronized and sent source synchronously with a
bit clock with an embedded word boundary. When in this mode, the internal dese-
rializer circuitry is disabled; including the serial clock, serial data input buffers, the
bi-directional parallel outputs, and the CKP word clock. The CKP word clock is
driven HIGH.
Figure 4. Serializer Timing Diagram (CKREF equals STROBE)
If the same signal is not used for CKREF and STROBE, the CKREF signal must
be run at a higher frequency than the STROBE rate to serialize the data correctly.
The actual serial transfer rate remains at 26 times the CKREF frequency. A data
bit value of zero is sent when no valid data is present in the serial bit stream. The
operation of the serializer otherwise remains the same.
The exact frequency that the reference clock needs is dependent upon the stabil-
ity of the CKREF and STROBE signal. If the source of the CKREF signal imple-
ments spread spectrum technology, the maximum frequency of this spread
spectrum clock should be used in calculating the ratio of STROBE frequency to
the CKREF frequency. Similarly if the STROBE signal has significant cycle-to-
cycle variation, the maximum cycle-to-cycle time needs to be factored into the
selection of the CKREF frequency.
Figure 5. Serializer Timing Diagram (CKREF does not equal STROBE)
WORD n-1
WORD n-2
WORD n-1
WORD n
DPI[1:24]
CKREF
DSO
CKS0
b24 b25 b26
b1
b2
b3
b4
b1
b2
b3
b4
b5
b22 b23 b24 b25 b26
WORD n+1
WORD n
WORD n-1
WORD n-1
WORD n
No Data
No Data
CKREF
DP[1:24]
DSO
CKS0
STROBE
b1 b2 b3
b1 b2 b3
b4 b5 b6 b7
b22 b23 b24 b25 b26
WORD n+1
WORD n
Serializer Operation: (Figure 4)
MODE 1, 2, or 3
DIRI = 1,
CKREF = STROBE
Serializer Operation: (Figure 5),
DIRI = 1,
CKREF does not = STROBE


Similar Part No. - FIN24ACGFX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN24ACGFX FAIRCHILD-FIN24ACGFX Datasheet
708Kb / 21P
   USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
More results

Similar Description - FIN24ACGFX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_11 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC_0611 FAIRCHILD-FIN224AC_0611 Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC Datasheet
539Kb / 23P
   USerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC Datasheet
708Kb / 21P
   USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN24C FAIRCHILD-FIN24C_06 Datasheet
449Kb / 25P
   uSerDes?줝ow-Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN24A FAIRCHILD-FIN24A Datasheet
1Mb / 20P
   Low Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com