Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

135D866X0100K2 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 135D866X0100K2
Description  Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

135D866X0100K2 Datasheet(HTML) 5 Page - Vishay Siliconix

  135D866X0100K2 Datasheet HTML 1Page - Vishay Siliconix 135D866X0100K2 Datasheet HTML 2Page - Vishay Siliconix 135D866X0100K2 Datasheet HTML 3Page - Vishay Siliconix 135D866X0100K2 Datasheet HTML 4Page - Vishay Siliconix 135D866X0100K2 Datasheet HTML 5Page - Vishay Siliconix 135D866X0100K2 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
135D
Vishay
Wet Tantalum Capacitors
Tantalum-Case with Glass-to-Tantalum Hermetic Seal
For - 55 °C to + 200 °C Operation
www.vishay.com
For technical questions, contact: wettants@vishay.com
Document Number: 40024
6
Revision: 26-Sep-06
EXTENDED RATINGS
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER*
Max. ESR
at
+ 25 °C
120 Hz
(Ohms)
Max. IMP.
at
- 55 °C
120 Hz
(Ohms)
Max. DCL (µA)
at
Max. CAPACITANCE CHANGE
(%) at
Max.
RIPPLE
40 kHz
rms
(mA)
+ 25 °C
+ 85 °C
+ 125 °C
- 55 °C
+ 85 °C
+ 125 °C
35 WVDC at + 85 °C . . . 22 WVDC at + 125 °C . . . 21 WVDC at + 200 °C
39
C
135D396X0035C2
4.1
61
2
6
- 22
+12
+14
820
120
F
135D127X0035F2
2.5
31
3
10
- 40
+13
+15
1315
330
T
135D337X0035T2
1.8
20
6
18
- 50
+16
+25
1640
370
K
135D477X0035K2
1.3
15
9
36
- 60
+25
+30
2040
50 WVDC at + 85 °C . . . 30 WVDC at + 125 °C . . . 30 WVDC at + 200 °C
33
C
135D336X0050C2
5.0
135
2
9
- 29
+10
+12
700
100
F
135D107X0050F2
2.8
49
4
12
- 36
+13
+15
1200
120
F
135D127X0050F2
2.5
49
4
24
- 42
+12
+15
1200
270
T
135D277X0050T2
2.0
30
8
32
- 46
+20
+25
1450
330
K
135D337X0050K2
1.5
30
9
36
- 46
+25
+30
1900
60 WVDC at + 85 °C . . . 40 WVDC at + 125 °C . . . 36 WVDC at + 200 °C
27
C
135D276X0060C2
5.0
144
3
12
- 24
+10
+12
700
82
F
135D826X0060F2
2.9
54
4
16
- 30
+15
+15
1100
100
F
135D107X0060F2
2.5
54
4
20
- 36
+12
+15
1100
220
T
135D227X0060T2
1.8
29
8
32
- 40
+16
+20
1400
270
K
135D277X0060K2
1.4
23
9
36
- 45
+20
+25
1850
75 WVDC at + 85 °C . . . 50 WVDC at + 125 °C . . . 45 WVDC at + 200 °C
22
C
135D226X0075C2
5.1
157
3
12
- 19
+10
+12
600
68
F
135D686X0075F2
3.0
63
4
16
- 25
+12
+15
1000
82
F
135D826X0075F2
2.5
63
4
24
- 30
+12
+15
1000
180
T
135D187X0075T2
2.2
30
9
36
- 35
+16
+20
1300
220
K
135D227X0075K2
1.8
24
10
40
- 40
+20
+25
1800
100 WVDC at + 85 °C . . . 65 WVDC at + 125 °C . . . 60 WVDC at + 200 °C
10
C
135D106X0100C2
5.9
200
3
12
- 17
+10
+12
800
39
F
135D396X0100F2
3.5
80
5
24
- 20
+12
+15
1300
68
T
135D686X0100T2
2.2
40
10
40
- 30
+14
+16
1600
120
K
135D127X0100K2
2.7
30
12
48
- 35
+15
+17
2000
125 WVDC at + 85 °C . . . 85 WVDC at + 125 °C . . . 75 WVDC at + 200 °C
6.8
C
135D685X0125C2
11.7
300
3
12
- 14
+10
+12
700
27
F
135D276X0125F2
3.5
90
5
24
- 18
+12
+15
1200
47
T
135D476X0125T2
2.2
50
10
40
- 26
+14
+16
1500
68
K
135D686X0125K2
2.2
32
11
44
- 28
+15
+16
1850
82
K
135D826X0125K2
2.8
32
12
48
- 30
+15
+17
1900
* Part Numbers listed are for units with ± 20 % capacitance tolerance insulated capacitors. For ± 10 % tolerance capacitors, change the digit
following the letter "X" from "0" to "9"; for ± 5 %, change the digit following the letter "X" from "0" to "5". For capacitors without outer
polyester-film insulation, change the last digit in the part number from "2" to "0". For capacitors with a high temperature insulating sleeve,
change the last digit in the part number from "2" to "6". For RoHS compliant add “E3”.


Similar Part No. - 135D866X0100K2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D866X0100K2 VISHAY-135D866X0100K2 Datasheet
78Kb / 5P
   Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
Revision 15-Jan-01
135D866X0100K2 VISHAY-135D866X0100K2 Datasheet
100Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
Revision: 10-Oct-08
135D866X0100K2 VISHAY-135D866X0100K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
135D866X0100K2 VISHAY-135D866X0100K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
More results

Similar Description - 135D866X0100K2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HE3A VISHAY-HE3A Datasheet
133Kb / 4P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 125 °C Operation
Revision: 30-Jun-08
135D306X0006C2 VISHAY-135D306X0006C2 Datasheet
78Kb / 5P
   Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
Revision 15-Jan-01
134D VISHAY-134D Datasheet
95Kb / 3P
   Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
Revision: 25-Aug-08
135D VISHAY-135D Datasheet
100Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
Revision: 10-Oct-08
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
T22 VISHAY-T22 Datasheet
158Kb / 10P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
Revision: 13-May-2020
T18D108M075EZSS VISHAY-T18D108M075EZSS Datasheet
78Kb / 4P
   Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
Revision: 11-Jan-16
136D VISHAY-136D Datasheet
109Kb / 7P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
735D VISHAY-735D_08 Datasheet
112Kb / 10P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision: 29-Jun-07
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com